Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2033-08AYMT Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC2033-08AYMT
Description  High-Accuracy, High-Side, Fixed Current Limit Power Switch
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2033-08AYMT Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC2033-08AYMT Datasheet HTML 1Page - Micrel Semiconductor MIC2033-08AYMT Datasheet HTML 2Page - Micrel Semiconductor MIC2033-08AYMT Datasheet HTML 3Page - Micrel Semiconductor MIC2033-08AYMT Datasheet HTML 4Page - Micrel Semiconductor MIC2033-08AYMT Datasheet HTML 5Page - Micrel Semiconductor MIC2033-08AYMT Datasheet HTML 6Page - Micrel Semiconductor MIC2033-08AYMT Datasheet HTML 7Page - Micrel Semiconductor MIC2033-08AYMT Datasheet HTML 8Page - Micrel Semiconductor MIC2033-08AYMT Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
Micrel, Inc.
MIC2033
November 11, 2015
2
Revision 1.1
Ordering Information
Part Number
Top Mark
(1)
Current Limit
Enable
Package
MIC2033-05AYM6
35A
0.5A
Active High
SOT-23-6L
MIC2033-05BYM6
35B
0.5A
Active Low
SOT-23-6L
MIC2033-05AYMT
(2)
3A5
0.5A
Active High
6-pin 2mm x 2mm Thin DFN
MIC2033-05BYMT
(2)
3B5
0.5A
Active Low
6-pin 2mm x 2mm Thin DFN
MIC2033-55AYM6
(3)
55A
0.55A
Active High
SOT-23-6L
MIC2033-55AYMT
(2)(3)
5A5
0.55A
Active High
6-pin 2mm x 2mm Thin DFN
MIC2033-08AYM6
38A
0.8A
Active High
SOT-23-6L
MIC2033-08BYM6
38B
0.8A
Active Low
SOT-23-6L
MIC2033-08AYMT
(2)
3A8
0.8A
Active High
6-pin 2mm x 2mm Thin DFN
MIC2033-08BYMT
(2)
3B8
0.8A
Active Low
6-pin 2mm x 2mm Thin DFN
MIC2033-10AYM6
31A
1.0A
Active High
SOT-23-6L
MIC2033-10BYM6
31B
1.0A
Active Low
SOT-23-6L
MIC2033-10AYMT
(2)
3A1
1.0A
Active High
6-pin 2mm x 2mm Thin DFN
MIC2033-10BYMT
(2)
3B1
1.0A
Active Low
6-pin 2mm x 2mm Thin DFN
MIC2033-12AYM6
32A
1.2A
Active High
SOT-23-6L
MIC2033-12BYM6
32B
1.2A
Active Low
SOT-23-6L
MIC2033-12AYMT
(2)
3A2
1.2A
Active High
6-pin 2mm x 2mm Thin DFN
MIC2033-12BYMT
(2)
3B2
1.2A
Active Low
6-pin 2mm x 2mm Thin DFN
Notes:
1.
Under bar symbol ( _ ) may not be to scale.
2.
Thin DFN is a GREEN RoHS compliant package. Lead finish is NiPdAu. Mold compound is Halogen Free.
3.
Contact Micrel for availability.


Similar Part No. - MIC2033-08AYMT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2033-08AYMT MICREL-MIC2033-08AYMT Datasheet
654Kb / 20P
   High-Accuracy, High-Side, Fixed Current Limit Power Switch
More results

Similar Description - MIC2033-08AYMT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2033 MICREL-MIC2033 Datasheet
654Kb / 20P
   High-Accuracy, High-Side, Fixed Current Limit Power Switch
logo
Microchip Technology
MIC2033 MICROCHIP-MIC2033 Datasheet
1Mb / 28P
   High-Accuracy, High-Side, Fixed Current-Limit Power Switch
09/14/21
MIC2039 MICROCHIP-MIC2039 Datasheet
2Mb / 28P
   High-Accuracy, High-Side, Adjustable Current-Limit Power Switch
Revision B (May 2022)
logo
Micrel Semiconductor
MIC2039 MICREL-MIC2039 Datasheet
694Kb / 21P
   High-Accuracy, High-Side, Adjustable Current Limit Power Switch
logo
Rohm
BD6517F-E2 ROHM-BD6517F-E2 Datasheet
1Mb / 34P
   Current Limit High Side Switch ICs
BD2262G-MGTR ROHM-BD2262G-MGTR Datasheet
616Kb / 37P
   Current Limit High Side Switch ICs
logo
Micrel Semiconductor
MIC2545A MICREL-MIC2545A_11 Datasheet
719Kb / 18P
   Programmable Current-Limit High-Side Switch
MIC2544 MICREL-MIC2544_10 Datasheet
1Mb / 14P
   Programmable Current Limit High-Side Switch
logo
Rohm
BD226XG-M ROHM-BD226XG-M Datasheet
615Kb / 37P
   Current Limit High Side Switch ICs
03.Feb.2014 Rev.001
logo
Micrel Semiconductor
MIC2545A MICREL-MIC2545A Datasheet
288Kb / 16P
   Programmable Current Limit High-Side Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com