Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC861 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC861
Description  Teeny??Ultra-Low-Power Op Amp
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC861 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC861_14 Datasheet HTML 1Page - Micrel Semiconductor MIC861_14 Datasheet HTML 2Page - Micrel Semiconductor MIC861_14 Datasheet HTML 3Page - Micrel Semiconductor MIC861_14 Datasheet HTML 4Page - Micrel Semiconductor MIC861_14 Datasheet HTML 5Page - Micrel Semiconductor MIC861_14 Datasheet HTML 6Page - Micrel Semiconductor MIC861_14 Datasheet HTML 7Page - Micrel Semiconductor MIC861_14 Datasheet HTML 8Page - Micrel Semiconductor MIC861_14 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Micrel, Inc.
MIC861
September 9, 2014
2
Revision 3.0
Ordering Information
Part Number
Marking
(1)
Ambient Temperature Range
Package
MIC861YC5
A33
–40° to +85°C
5-Pin SC70
Note:
1.
Underbar marking may not be to scale.
Pin Configuration
5-Pin SC70 (C5)
(Top View)
Pin Description
Pin Number
Pin Name
Pin Function
1
IN+
Non-inverting input.
2
V-
Negative power supply connection. Connect a 10µF and 0.1µF capacitor in parallel to this pin for
power supply bypassing.
3
IN-
Inverting input.
4
OUT
Output of operational amplifier.
5
V+
Positive power supply input. Connect a 10µF and 0.1µF capacitor in parallel to this pin for power
supply bypassing.


Similar Part No. - MIC861_14

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC861BC5 MICREL-MIC861BC5 Datasheet
173Kb / 12P
   Teeny Ultra Low Power Op Amp Final Information
MIC861BC5 MICREL-MIC861BC5 Datasheet
613Kb / 12P
   Teeny Ultra Low Power Op Amp
MIC861YC5 MICREL-MIC861YC5 Datasheet
613Kb / 12P
   Teeny Ultra Low Power Op Amp
logo
Microchip Technology
MIC861YC5-TR MICROCHIP-MIC861YC5-TR Datasheet
2Mb / 24P
   Ultra-Low Power Operational Amplifier
02/28/20
logo
Micrel Semiconductor
MIC861 MICREL-MIC861_06 Datasheet
613Kb / 12P
   Teeny Ultra Low Power Op Amp
More results

Similar Description - MIC861_14

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC860BC5-TR MICREL-MIC860BC5-TR Datasheet
1Mb / 12P
   Teeny Ultra Low Power Op Amp
MIC860 MICREL-MIC860 Datasheet
1Mb / 12P
   Teeny??Ultra Low Power Op Amp
MIC861 MICREL-MIC861_06 Datasheet
613Kb / 12P
   Teeny Ultra Low Power Op Amp
MIC820 MICREL-MIC820 Datasheet
46Kb / 6P
   Teeny Ultra Low Power Op Amp
MIC860 MICREL-MIC860_14 Datasheet
1Mb / 13P
   Teeny??Ultra-Low Power Op Amp
MIC861 MICREL-MIC861 Datasheet
173Kb / 12P
   Teeny Ultra Low Power Op Amp Final Information
logo
Microchip Technology
MIC860 MICROCHIP-MIC860 Datasheet
516Kb / 22P
   Ultra-Low Power Op Amp
02/28/20
logo
Monolithic Power System...
MP8101 MPS-MP8101 Datasheet
643Kb / 10P
   Ultra Low Power 1.8V, 400KHz Op Amp
MP8102 MPS-MP8102 Datasheet
636Kb / 9P
   Ultra Low Power 1.8V, 600kHz Op Amp
MP8103 MPS-MP8103 Datasheet
635Kb / 9P
   Dual Ultra Low Power 1.8V, 600kHz Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com