Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FERD30H100SH Datasheet(PDF) 8 Page - STMicroelectronics

Part # FERD30H100SH
Description  100 V field-effect rectifier diode
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FERD30H100SH Datasheet(HTML) 8 Page - STMicroelectronics

Back Button FERD30H100SH Datasheet HTML 4Page - STMicroelectronics FERD30H100SH Datasheet HTML 5Page - STMicroelectronics FERD30H100SH Datasheet HTML 6Page - STMicroelectronics FERD30H100SH Datasheet HTML 7Page - STMicroelectronics FERD30H100SH Datasheet HTML 8Page - STMicroelectronics FERD30H100SH Datasheet HTML 9Page - STMicroelectronics FERD30H100SH Datasheet HTML 10Page - STMicroelectronics FERD30H100SH Datasheet HTML 11Page - STMicroelectronics FERD30H100SH Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Package information
FERD30H100S
8/14
DocID029159 Rev 1
2.2
DPAK package information
Figure 9: DPAK package outline


Similar Part No. - FERD30H100SH

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
FERD30H60C STMICROELECTRONICS-FERD30H60C Datasheet
403Kb / 12P
   60 V field-effect rectifier diode
September 2017 Rev 1
FERD30H60CG-TR STMICROELECTRONICS-FERD30H60CG-TR Datasheet
403Kb / 12P
   60 V field-effect rectifier diode
September 2017 Rev 1
More results

Similar Description - FERD30H100SH

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
FERD40H100S STMICROELECTRONICS-FERD40H100S Datasheet
371Kb / 12P
   100 V field-effect rectifier diode
FERD20S100S STMICROELECTRONICS-FERD20S100S Datasheet
492Kb / 12P
   100 V field-effect rectifier diode
November 2017 Rev 2
FERD20H100S STMICROELECTRONICS-FERD20H100S Datasheet
545Kb / 15P
   100 V field-effect rectifier diode
FERD2045S STMICROELECTRONICS-FERD2045S Datasheet
378Kb / 8P
   45 V field-effect rectifier diode
January 2018 Rev 1
FERD30L60C STMICROELECTRONICS-FERD30L60C Datasheet
403Kb / 12P
   60 V field-effect rectifier diode
September 2017 Rev 1
FERD20L60C STMICROELECTRONICS-FERD20L60C Datasheet
402Kb / 12P
   60 V field-effect rectifier diode
September 2017 Rev 1
FERD30H60C STMICROELECTRONICS-FERD30H60C Datasheet
403Kb / 12P
   60 V field-effect rectifier diode
September 2017 Rev 1
FERD15S50S STMICROELECTRONICS-FERD15S50S Datasheet
355Kb / 8P
   50 V field-effect rectifier diode
February 2017 Rev 1
FERD20H60C STMICROELECTRONICS-FERD20H60C Datasheet
402Kb / 12P
   60 V field-effect rectifier diode
September 2017 Rev 1
FERD40L60C STMICROELECTRONICS-FERD40L60C Datasheet
404Kb / 12P
   60 V field-effect rectifier diode
September 2017 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com