Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC811 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC811
Description  Microprocessor Reset Circuits
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC811 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC811_14 Datasheet HTML 1Page - Micrel Semiconductor MIC811_14 Datasheet HTML 2Page - Micrel Semiconductor MIC811_14 Datasheet HTML 3Page - Micrel Semiconductor MIC811_14 Datasheet HTML 4Page - Micrel Semiconductor MIC811_14 Datasheet HTML 5Page - Micrel Semiconductor MIC811_14 Datasheet HTML 6Page - Micrel Semiconductor MIC811_14 Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Micrel, Inc.
MIC811/812
Ordering Information
Part Number
Pb-Free
Marking
(1)
Threshold Voltage
Operating Temp. Range
Package
MIC811LUY
KL
4.63
–40°C to +85°C
4-pin SOT-143
MIC811MUY
KM
4.38
–40°C to +85°C
4-pin SOT-143
MIC811JUY
KJ
4.00
–40°C to +85°C
4-pin SOT-143
MIC811TUY
KT
3.08
–40°C to +85°C
4-pin SOT-143
MIC811SUY
KS
2.93
–40°C to +85°C
4-pin SOT-143
MIC811RUY
KR
2.63
–40°C to +85°C
4-pin SOT-143
MIC812LUY
LL
4.63
–40°C to +85°C
4-pin SOT-143
MIC812MUY
LM
4.38
–40°C to +85°C
4-pin SOT-143
MIC812JUY
LJ
4.00
–40°C to +85°C
4-pin SOT-143
MIC812TUY
LT
3.08
–40°C to +85°C
4-pin SOT-143
MIC812SUY
LS
2.93
–40°C to +85°C
4-pin SOT-143
MIC812RUY
LR
2.63
–40°C to +85°C
4-pin SOT-143
Note:
1.
“_” underbar symbol not to scale
Pin Configuration
MIC811 4-Pin SOT-143 (U)
MIC812 4-Pin SOT-143 (U)
Pin Description
MIC811
MIC812
Pin Name
Pin Name
1
1
GND
IC Ground Pin.
2
N/A
/RESET
/RESET goes low if VCC falls below the reset threshold and remains asserted
for one reset timeout period (140ms min.) after VCC exceeds the reset
threshold.
N/A
2
RESET
RESET goes high if VCC falls below the reset threshold and remains asserted
for one reset timeout period (140ms min.) after VCC exceeds the reset
threshold.
3
3
/MR
Manual Reset Input. A logic low on /MR will force a reset. The reset will
remain asserted as long as /MR is held low and for one reset timeout period
(140ms min.) after /MR goes high. This input can be shorted to ground via a
switch or driven from CMOS or TTL logic. Float if unused.
4
4
VCC
Power Supply Input.
September 9, 2014
2
Revision 2.0


Similar Part No. - MIC811_14

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC811 MICREL-MIC811_11 Datasheet
288Kb / 7P
   Microprocessor Reset Circuits
More results

Similar Description - MIC811_14

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1813 AD-ADM1813_15 Datasheet
234Kb / 12P
   Microprocessor Reset Circuits
Rev. F
ADM1818 AD-ADM1818_15 Datasheet
234Kb / 12P
   Microprocessor Reset Circuits
Rev. F
ADM1812 AD-ADM1812_15 Datasheet
234Kb / 12P
   Microprocessor Reset Circuits
Rev. F
logo
Unisonic Technologies
UIC811 UTC-UIC811_15 Datasheet
268Kb / 8P
   MICROPROCESSOR RESET CIRCUITS
logo
Micrel Semiconductor
MIC809 MICREL-MIC809_05 Datasheet
285Kb / 6P
   Microprocessor Reset Circuits
MIC809 MICREL-MIC809_11 Datasheet
288Kb / 6P
   Microprocessor Reset Circuits
logo
Analog Devices
ADM1810 AD-ADM1810_08 Datasheet
381Kb / 16P
   Microprocessor Reset Circuits
Rev. E
logo
Fairchild Semiconductor
FM811 FAIRCHILD-FM811 Datasheet
42Kb / 6P
   Microprocessor Reset Circuits
logo
Kingbor Technology Co
KB862 KINGBOR-KB862 Datasheet
184Kb / 6P
   Microprocessor Reset circuits
logo
Micrel Semiconductor
MIC809 MICREL-MIC809 Datasheet
166Kb / 8P
   Microprocessor Reset Circuits
logo
Unisonic Technologies
UIC811 UTC-UIC811 Datasheet
219Kb / 9P
   MICROPROCESSOR RESET CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com