Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC841HYMT Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC841HYMT
Description  Comparator with 1.25% Reference and Adjustable Hysteresis
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC841HYMT Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC841HYMT Datasheet HTML 1Page - Micrel Semiconductor MIC841HYMT Datasheet HTML 2Page - Micrel Semiconductor MIC841HYMT Datasheet HTML 3Page - Micrel Semiconductor MIC841HYMT Datasheet HTML 4Page - Micrel Semiconductor MIC841HYMT Datasheet HTML 5Page - Micrel Semiconductor MIC841HYMT Datasheet HTML 6Page - Micrel Semiconductor MIC841HYMT Datasheet HTML 7Page - Micrel Semiconductor MIC841HYMT Datasheet HTML 8Page - Micrel Semiconductor MIC841HYMT Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Micrel, Inc.
MIC841/842
July 24, 2015
4
Revision 5.0
Absolute Maximum Ratings
(1)
Supply Voltage (VDD) ....................................... –0.3V to +7V
Input Voltage (VINP, VLTH, VLTL) .......................................+7V
Output Current (IOUT) .................................................±20mA
Storage Temperature (TS)........................ –65°C to +150°C
Junction Temperature (TJ) ...................................... +150°C
ESD Rating
(3).................................................................. 1kV
Operating Ratings
(2)
Supply Voltage (VDD)................................... +1.5V to +5.5V
Input Voltage (VINP VLTH, VLTL)................................ 0V to 6V
VOUT (‘H’ and ‘L’ versions)............................................... VDD
VOUT (‘N’ version) ............................................................. 6V
Ambient Temperature Range (TA) ............. –40°C to +85°C
Package Thermal Resistance
SC-70-5
JA) ............................................... 256.5°C/W
6-pin 1.6mm × 1.6mm TDFN .............................92°C/W
4-pin 1.2mm × 1.6mm TDFN ...........................173°C/W
Electrical Characteristics
(4)
1.5V
≤ VDD ≤ 5.5V; TA = +25°C, bold values indicate –40°C≤ TA ≤ +85°C, unless noted.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
IDD
Supply Current
Output not asserted
1.5
3
µA
IINP
Input Leakage Current
0.005
10
nA
VREF
Reference Voltage
0
°C to 85°C
1.225
1.240
1.256
V
–40
°C to 85°C
1.219
1.240
1.261
VHYST
Hysteresis Voltage
(5)
MIC842 only
8
20
35
mV
tD
Propagation Delay
VINP = 1.352V to 1.128V
12
50
µs
VINP = 1.143V to 1.367V
8
50
VOUT
(6)
Output Voltage-Low
ISINK = 1.6mA, VDD ≥ 1.6V
0.05
0.3
V
ISINK = 100µA, VDD ≥ 1.2V
0.005
0.4
Output Voltage-High
ISOURCE = 500µA, VDD ≥ 1.6V
0.99VDD
V
ISOURCE = 50µA, VDD ≥ 1.2V
0.99VDD
Notes:
1.
Exceeding the absolute maximum rating may damage the device.
2.
The device is not guaranteed to function outside its operating rating.
3.
Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5k
Ω in series with 100pF.
4.
Specification for packaged product only.
5.
VHTH = VREF + VHYST.
6.
VDD operating range is 1.5V to 5.5V. Output is guaranteed to be de-asserted down to VDD = 1.2V.


Similar Part No. - MIC841HYMT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC841HYC5 MICREL-MIC841HYC5 Datasheet
62Kb / 8P
   Comparator with Reference
MIC841HYC5 MICREL-MIC841HYC5 Datasheet
485Kb / 8P
   Comparator with Reference
MIC841HYC5 MICREL-MIC841HYC5 Datasheet
320Kb / 8P
   Comparator with 1.25% Reference and Adjustable Hysteresis
MIC841HYC5 MICREL-MIC841HYC5 Datasheet
321Kb / 8P
   Comparator with 1.25% Reference and Adjustable Hysteresis
More results

Similar Description - MIC841HYMT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC841 MICREL-MIC841_11 Datasheet
320Kb / 8P
   Comparator with 1.25% Reference and Adjustable Hysteresis
MIC841_1104 MICREL-MIC841_1104 Datasheet
321Kb / 8P
   Comparator with 1.25% Reference and Adjustable Hysteresis
logo
Texas Instruments
LMP7300MA TI-LMP7300MA Datasheet
270Kb / 17P
[Old version datasheet]   Micropower Precision Comparator and Precision Reference with Adjustable Hysteresis
logo
National Semiconductor ...
LMP7300 NSC-LMP7300 Datasheet
904Kb / 14P
   Micropower Precision Comparator and Precision Reference with Adjustable Hysteresis
LMP7300 NSC-LMP7300_08 Datasheet
874Kb / 14P
   Micropower Precision Comparator and Precision Reference with Adjustable Hysteresis
logo
Texas Instruments
LMP7300 TI1-LMP7300_14 Datasheet
302Kb / 18P
[Old version datasheet]   Micropower Precision Comparator and Precision Reference with Adjustable Hysteresis
logo
National Semiconductor ...
LM615 NSC-LM615 Datasheet
298Kb / 14P
   LM615 Quad Comparator and Adjustable Reference
logo
Analog Devices
ADCMP341 AD-ADCMP341_15 Datasheet
346Kb / 12P
   Comparators and Reference with Programmable Hysteresis
REV. A
ADCMP343 AD-ADCMP343_15 Datasheet
346Kb / 12P
   Comparators and Reference with Programmable Hysteresis
REV. A
logo
Microchip Technology
TC1031 MICROCHIP-TC1031 Datasheet
430Kb / 12P
   Linear Building Block . Low Power Voltage Reference with Programmable Hysteresis Comparator and Shutdown
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com