Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC811JUY Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC811JUY
Description  Microprocessor Reset Circuits
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC811JUY Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC811JUY Datasheet HTML 1Page - Micrel Semiconductor MIC811JUY Datasheet HTML 2Page - Micrel Semiconductor MIC811JUY Datasheet HTML 3Page - Micrel Semiconductor MIC811JUY Datasheet HTML 4Page - Micrel Semiconductor MIC811JUY Datasheet HTML 5Page - Micrel Semiconductor MIC811JUY Datasheet HTML 6Page - Micrel Semiconductor MIC811JUY Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MIC811/812
Microprocessor Reset Circuits
General Description
The MIC811 and MIC812 are inexpensive microprocessor
supervisory
circuits
that
monitor
power
supplies
in
microprocessor based systems.
The function of this device is to assert a reset if either the
power supply drops below a designated reset threshold
level or /MR is forced low. Several different reset threshold
levels are available to accommodate 3V, 3.3V or 5V
powered systems.
The MIC811 has an active low /RESET output, while the
MIC812 offers an active high RESET output. The reset
output is guaranteed to remain asserted for a minimum of
140ms after VCC has risen above the designed reset
threshold level. Having a push-pull output stage, the
MIC811/812 does not require a pull-up resistor at the
output. The MIC811/812 comes in a 4-pin SOT-143
package.
If a microprocessor voltage supervisor with an open-drain
output stage is needed, see MIC6315.
Datasheets and support documentation are available on
Micrel’s web site at: www.micrel.com.
Features
• Precision voltage monitor for 3V, 3.3V or 5V power
supplies
• /RESET remains valid with VCC as low as 1V
5μA typical supply current
• 140ms minimum reset pulse width available
• Manual reset input
• Available in 4-pin SOT-143 package
Applications
• Portable equipment
• Intelligent instruments
• Critical microprocessor power monitoring
• Printers/computers
• Controllers
Typical Application
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
September 9, 2014
Revision 2.0


Similar Part No. - MIC811JUY

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC811JUY-TR MICROCHIP-MIC811JUY-TR Datasheet
849Kb / 16P
   Microprocessor Reset Circuits
Revision A (May 2022)
More results

Similar Description - MIC811JUY

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1813 AD-ADM1813_15 Datasheet
234Kb / 12P
   Microprocessor Reset Circuits
Rev. F
ADM1818 AD-ADM1818_15 Datasheet
234Kb / 12P
   Microprocessor Reset Circuits
Rev. F
ADM1812 AD-ADM1812_15 Datasheet
234Kb / 12P
   Microprocessor Reset Circuits
Rev. F
logo
Unisonic Technologies
UIC811 UTC-UIC811_15 Datasheet
268Kb / 8P
   MICROPROCESSOR RESET CIRCUITS
logo
Micrel Semiconductor
MIC809 MICREL-MIC809_05 Datasheet
285Kb / 6P
   Microprocessor Reset Circuits
MIC809 MICREL-MIC809_11 Datasheet
288Kb / 6P
   Microprocessor Reset Circuits
logo
Analog Devices
ADM1810 AD-ADM1810_08 Datasheet
381Kb / 16P
   Microprocessor Reset Circuits
Rev. E
logo
Fairchild Semiconductor
FM811 FAIRCHILD-FM811 Datasheet
42Kb / 6P
   Microprocessor Reset Circuits
logo
Kingbor Technology Co
KB862 KINGBOR-KB862 Datasheet
184Kb / 6P
   Microprocessor Reset circuits
logo
Micrel Semiconductor
MIC809 MICREL-MIC809 Datasheet
166Kb / 8P
   Microprocessor Reset Circuits
logo
Unisonic Technologies
UIC811 UTC-UIC811 Datasheet
219Kb / 9P
   MICROPROCESSOR RESET CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com