Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAQ5282-3.3YMME Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MAQ5282-3.3YMME
Description  120VIN, 50mA, Ultra-Low IQ, High-PSRR Linear Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MAQ5282-3.3YMME Datasheet(HTML) 5 Page - Micrel Semiconductor

  MAQ5282-3.3YMME Datasheet HTML 1Page - Micrel Semiconductor MAQ5282-3.3YMME Datasheet HTML 2Page - Micrel Semiconductor MAQ5282-3.3YMME Datasheet HTML 3Page - Micrel Semiconductor MAQ5282-3.3YMME Datasheet HTML 4Page - Micrel Semiconductor MAQ5282-3.3YMME Datasheet HTML 5Page - Micrel Semiconductor MAQ5282-3.3YMME Datasheet HTML 6Page - Micrel Semiconductor MAQ5282-3.3YMME Datasheet HTML 7Page - Micrel Semiconductor MAQ5282-3.3YMME Datasheet HTML 8Page - Micrel Semiconductor MAQ5282-3.3YMME Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Micrel, Inc.
MAQ5282
Typical Characteristics
Quiescent Supply Current
vs. Input Voltage
0
2
4
6
8
10
12
0
20
40
60
80
100
120
INPUT VOLTAGE (V)
VOUT = 5V
IOUT = 0
Quiescent Supply Current
vs. Temperature
0
2
4
6
8
10
12
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
VIN = 12V
VOUT = 5V
IOUT = 0mA
Output Voltage
vs. Input Voltage
4.85
4.90
4.95
5.00
5.05
5.10
5.15
0
20
40
60
80
100
120
INPUT VOLTAGE (V)
VIN = 12V
VOUT = 5V
IOUT = 5mA
Output Voltage
vs. Output Current
4.85
4.90
4.95
5.00
5.05
5.10
5.15
0
10
20
30
40
50
OUTPUT CURRENT (mA)
VIN = 12V
VOUT = 5V
Output Voltage
vs. Temperature
4.85
4.90
4.95
5.00
5.05
5.10
5.15
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
VIN = 12V
VOUT = 5V
IOUT = 5mA
Dropout Voltage
vs. Output Current
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
10
20
30
40
50
OUTPUT CURRENT (mA)
VOUT = 5V
Dropout Voltage
vs. Temperature
0
1
2
3
4
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
VOUT= 5V
IOUT= 50mA
Feedback Pin Voltage
vs. Input Voltage
1.260
1.265
1.270
1.275
1.280
0
20
40
60
80
100
120
INPUT VOLTAGE (V)
VOUT = 5V
IOUT = 5mA
Feedback Pin Current
vs. Input Voltage
0
5
10
15
20
0
20
40
60
80
100
120
INPUT VOLTAGE (V)
VFB = 1.27V
October 2, 2014
5
Revision 2.0


Similar Part No. - MAQ5282-3.3YMME

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MAQ5282-3.3YMME MICREL-MAQ5282-3.3YMME Datasheet
690Kb / 18P
   120VIN, 50mA, Ultra-Low IQ, High-PSRR Linear Regulator
More results

Similar Description - MAQ5282-3.3YMME

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MAQ5282 MICREL-MAQ5282 Datasheet
690Kb / 18P
   120VIN, 50mA, Ultra-Low IQ, High-PSRR Linear Regulator
MAQ5281 MICREL-MAQ5281_14 Datasheet
864Kb / 16P
   120VIN, 25mA, Ultra-Low IQ, High-PSRR Linear Regulator
MAQ5281 MICREL-MAQ5281 Datasheet
687Kb / 18P
   120VIN, 25mA, Ultra-Low IQ, High-PSRR Linear Regulator
MIC5283 MICREL-MIC5283_12 Datasheet
962Kb / 19P
   120VIN, 150mA, Ultra-Low IQ, High-PSRR Linear Regulator
MIC5281 MICREL-MIC5281_11 Datasheet
781Kb / 21P
   120VIN, 25mA, Ultra-Low IQ, High-PSRR Linear Regulator
MAQ5283 MICREL-MAQ5283 Datasheet
828Kb / 14P
   120VIN, 150mA, Ultra-Low IQ, High-PSRR Linear Regulator
MIC5283 MICREL-MIC5283 Datasheet
962Kb / 19P
   Ultra-Low IQ, High-PSRR Linear Regulator
MIC5282 MICREL-MIC5282 Datasheet
940Kb / 19P
   Ultra-Low IQ, High-PSRR Linear Regulator
logo
ON Semiconductor
NCP785A ONSEMI-NCP785A Datasheet
109Kb / 10P
   Wide Input Voltage Range 10mA Ultra-Low Iq, High PSRR Linear Regulator
December, 2014 ??Rev. 2
NCP729 ONSEMI-NCP729_13 Datasheet
683Kb / 13P
   200 mA Ultra-Low Noise Very-Low Iq, High PSRR LDO Linear Voltage Regulator
April, 2013 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com