Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC803-44D3VM3 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC803-44D3VM3
Description  3-Pin Microprocessor Supervisor Circuit with Open-Drain Reset Output
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC803-44D3VM3 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC803-44D3VM3 Datasheet HTML 1Page - Micrel Semiconductor MIC803-44D3VM3 Datasheet HTML 2Page - Micrel Semiconductor MIC803-44D3VM3 Datasheet HTML 3Page - Micrel Semiconductor MIC803-44D3VM3 Datasheet HTML 4Page - Micrel Semiconductor MIC803-44D3VM3 Datasheet HTML 5Page - Micrel Semiconductor MIC803-44D3VM3 Datasheet HTML 6Page - Micrel Semiconductor MIC803-44D3VM3 Datasheet HTML 7Page - Micrel Semiconductor MIC803-44D3VM3 Datasheet HTML 8Page - Micrel Semiconductor MIC803-44D3VM3 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MIC803
3-Pin Microprocessor Supervisor Circuit
with Open-Drain Reset Output
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
August 3, 2015
Revision 1.2
General Description
The MIC803 is a single-voltage supervisor with open-drain
reset
output
that
provides
accurate
power
supply
monitoring and reset generation in microprocessor-based
systems. The function of the device is to assert a reset
signal if the power supply voltage drops below the reset
threshold voltage, and retain this reset for the reset
timeout period once the power supply increases above the
reset threshold voltage.
The MIC803 consumes only 4.5µA of supply current and
offers three reset delay periods of 20ms, 140ms, and
1120ms (minimum). It features factory-programmed reset
threshold levels from 2.63V to 4.63V to accommodate
3.0V, 3.3V, and 5.0V power supplies. It is available in the
compact 3-pin SC-70 and SOT-23 packages.
Datasheets and support documentation are available on
Micrel’s web site at: www.micrel.com.
Features
• 4.5
μA supply current (typical) at 3.6V
• Open-drain /RESET output
• /RESET remains valid with V
CC as low as 1V
• 20ms, 140ms, or 1120ms (minimum) reset timeout
options
• 2.63V to 4.63V preset voltage threshold options
• 2.5% voltage threshold accuracy over temperature
• 3-pin SC70-3 package (2.0mm × 2.1mm)
• 3-pin SOT-23 package (2.3mm × 2.9mm)
• -40
˚C to +125˚C junction temperature range
Applications
• Critical microcomputer power monitoring
• Portable equipment
• Solid state drives
• Printers/computers
• Embedded controllers
Typical Application
VCC
100k
VCC
RESET
VCC
µP
MIC803
GND
GND
RESET


Similar Part No. - MIC803-44D3VM3

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC803-44D3VM3 MICREL-MIC803-44D3VM3 Datasheet
258Kb / 10P
   3-Pin Microprocessor Supervisor Circuit with Open-Drain Reset Output
More results

Similar Description - MIC803-44D3VM3

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC803 MICREL-MIC803 Datasheet
258Kb / 10P
   3-Pin Microprocessor Supervisor Circuit with Open-Drain Reset Output
logo
Microchip Technology
MIC6315 MICROCHIP-MIC6315 Datasheet
847Kb / 15P
   Open-Drain Microprocessor Reset Circuit
09/14/21
logo
STMicroelectronics
STM6315 STMICROELECTRONICS-STM6315_07 Datasheet
185Kb / 21P
   Open drain microprocessor reset
STM6315 STMICROELECTRONICS-STM6315 Datasheet
172Kb / 21P
   Open Drain Microprocessor Reset
logo
Sipex Corporation
SP809 SIPEX-SP809 Datasheet
181Kb / 8P
   3 Pin Microprocessor Supervisor Circuit
logo
Exar Corporation
SP809EK-L-2-3 EXAR-SP809EK-L-2-3 Datasheet
474Kb / 8P
   3 Pin Microprocessor Supervisor Circuit
logo
Diodes Incorporated
APX803-29SAG-7 DIODES-APX803-29SAG-7 Datasheet
201Kb / 10P
   3-PIN MICROPROCESSOR RESET CIRCUIT
APX803S DIODES-APX803S Datasheet
356Kb / 9P
   3-PIN MICROPROCESSOR RESET CIRCUIT
January 2017
logo
EM Microelectronic - MA...
V6309 EMMICRO-V6309 Datasheet
709Kb / 6P
   3-Pin Microprocessor Reset Circuit
logo
BCD Semiconductor Manuf...
AZ809A BCDSEMI-AZ809A Datasheet
234Kb / 11P
   3-PIN MICROPROCESSOR RESET CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com