Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPSC10H12 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STPSC10H12
Description  1200 V power Schottky silicon carbide diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPSC10H12 Datasheet(HTML) 7 Page - STMicroelectronics

  STPSC10H12 Datasheet HTML 1Page - STMicroelectronics STPSC10H12 Datasheet HTML 2Page - STMicroelectronics STPSC10H12 Datasheet HTML 3Page - STMicroelectronics STPSC10H12 Datasheet HTML 4Page - STMicroelectronics STPSC10H12 Datasheet HTML 5Page - STMicroelectronics STPSC10H12 Datasheet HTML 6Page - STMicroelectronics STPSC10H12 Datasheet HTML 7Page - STMicroelectronics STPSC10H12 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
STPSC10H12
Ordering information
DocID029139 Rev 1
7/8
3
Ordering information
Table 7: Ordering information
Order code
Marking
Package
Weight
Base qty
Delivery mode
STPSC10H12D
STPSC10H12D
TO-220AC
1.86 g
50
Tube
4
Revision history
Table 8: Document revision history
Date
Revision
Changes
03-May-2016
1
First issue


Similar Part No. - STPSC10H12

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPSC10H12-Y STMICROELECTRONICS-STPSC10H12-Y Datasheet
534Kb / 10P
   Automotive grade 1200 V power Schottky silicon carbide diode
January 2017 Rev 2
STPSC10H12B2-TR STMICROELECTRONICS-STPSC10H12B2-TR Datasheet
224Kb / 11P
   1200 V, 10 A, silicon carbide power Schottky diode
- Rev 1 - August 2020
STPSC10H12C STMICROELECTRONICS-STPSC10H12C Datasheet
432Kb / 10P
   1200 V power Schottky silicon carbide diode
February 2017 Rev 1
STPSC10H12CWL STMICROELECTRONICS-STPSC10H12CWL Datasheet
432Kb / 10P
   1200 V power Schottky silicon carbide diode
February 2017 Rev 1
STPSC10H12DY STMICROELECTRONICS-STPSC10H12DY Datasheet
534Kb / 10P
   Automotive grade 1200 V power Schottky silicon carbide diode
January 2017 Rev 2
More results

Similar Description - STPSC10H12

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPSC6H12 STMICROELECTRONICS-STPSC6H12 Datasheet
267Kb / 8P
   1200 V power Schottky silicon carbide diode
September 2016 Rev 5
STPSC2H12 STMICROELECTRONICS-STPSC2H12 Datasheet
468Kb / 10P
   1200 V power Schottky silicon carbide diode
January 2017 Rev 1
STPSC5H12 STMICROELECTRONICS-STPSC5H12 Datasheet
469Kb / 10P
   1200 V power Schottky silicon carbide diode
January 2017 Rev 1
STPSC10H12C STMICROELECTRONICS-STPSC10H12C Datasheet
432Kb / 10P
   1200 V power Schottky silicon carbide diode
February 2017 Rev 1
STPSC15H12 STMICROELECTRONICS-STPSC15H12 Datasheet
435Kb / 8P
   1200 V power Schottky silicon carbide diode
STPSC20H12 STMICROELECTRONICS-STPSC20H12 Datasheet
436Kb / 8P
   1200 V power Schottky silicon carbide diode
May 2016 Rev 2
STPSC10H12-Y STMICROELECTRONICS-STPSC10H12-Y Datasheet
534Kb / 10P
   Automotive grade 1200 V power Schottky silicon carbide diode
January 2017 Rev 2
STPSC40H12C-Y STMICROELECTRONICS-STPSC40H12C-Y Datasheet
257Kb / 10P
   40 A 1200 V power Schottky silicon carbide diode
Rev 1 - January 2021
STPSC15H12G2-TR STMICROELECTRONICS-STPSC15H12G2-TR Datasheet
375Kb / 11P
   1200 V, 15 A, silicon carbide power Schottky diode
Rev 1 - August 2020
STPSC10H12B2-TR STMICROELECTRONICS-STPSC10H12B2-TR Datasheet
224Kb / 11P
   1200 V, 10 A, silicon carbide power Schottky diode
- Rev 1 - August 2020
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com