Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRU3004 Datasheet(PDF) 11 Page - International Rectifier

Part # IRU3004
Description  5-BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC WITH DUAL LDO CONTROLLER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRU3004 Datasheet(HTML) 11 Page - International Rectifier

Back Button IRU3004 Datasheet HTML 7Page - International Rectifier IRU3004 Datasheet HTML 8Page - International Rectifier IRU3004 Datasheet HTML 9Page - International Rectifier IRU3004 Datasheet HTML 10Page - International Rectifier IRU3004 Datasheet HTML 11Page - International Rectifier IRU3004 Datasheet HTML 12Page - International Rectifier IRU3004 Datasheet HTML 13Page - International Rectifier IRU3004 Datasheet HTML 14Page - International Rectifier IRU3004 Datasheet HTML 15Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
IRU3004
11
Rev. 1.7
07/16/02
www.irf.com
Output Inductor Selection
The output inductance must be selected such that un-
der low line and the maximum output voltage condition,
the inductor current slope times the output capacitor
ESR is ramping up faster than the capacitor voltage is
drooping during a load current step. However, if the in-
ductor is too small, the output ripple current and ripple
voltage become too large. One solution to bring the ripple
current down is to increase the switching frequency,
however that will be at the cost of reduced efficiency and
higher system cost. The following set of formulas are
derived to achieve the optimum performance without
many design iterations.
The maximum output inductance is calculated using the
following equation:
Where:
VIN(MIN) = Minimum input voltage
Vo = 2.8V ,
DI = 14.2A
Assuming that the programmed switching frequency is
set at 200KHz, an inductor is designed using the
Micrometals’ powder iron core material. The summary
of the design is outlined below:
The selected core material is Powder Iron, the selected
core is T50-52D from Micro Metal wound with 8 turns of
#16 AWG wire, resulting in 3
mH inductance with
≈ 3mV
of DC resistance.
Assuming L=3
mH and Fsw=200KHz (switching fre-
quency), the inductor ripple current and the output ripple
voltage is calculated using the following set of equations:
In our example for Vo=2.8V and 14.2A load, assuming
IRL3103 MOSFET for both switches with maximum on-
resistance of 19m
V, we have:
Power Component Selection
Assuming IRL3103 MOSFETs as power components,
we will calculate the maximum power dissipation as fol-
lows:
For high-side switch the maximum power dissipation
happens at maximum Vo and maximum duty cycle.
For synchronous MOSFET, maximum power dissipa-
tion happens at minimum Vo and minimum duty cycle.
Heat Sink Selection
Selection of the heat sink is based on the maximum
allowable junction temperature of the MOSFETS. Since
we previously selected the maximum RDS(on) at 125
8C,
then we must keep the junction below this temperature.
Selecting TO-220 package gives
uJC=1.88C/W (from the
venders’ data sheet) and assuming that the selected
heat sink is black anodized, the heat-sink-to-case ther-
mal resistance is
uCS=0.058C/W, the maximum heat sink
temperature is then calculated as:
1.9
3
1
200000
2.8 + 0.27
5 - 0.27 + 0.27
T =
= 5
ms
Vsw = Vsync = 14.2
3 0.019 = 0.27V
D
= 0.61
TON = 0.61
3 5 = 3.1ms
TOFF = 5 - 3.1 = 1.9
ms
DIr = (2.8 + 0.27) 3
= 1.94A
DVo = 1.94 3 0.006 = 0.011V = 11mV
Ts = TJ - PD
3 (uJC + uCS)
Ts = 125 - 3.82
3 (1.8 + 0.05) = 1188C
L = 0.006
390003
= 3.7
mH
4.75 - 2.8
2
314.2
(
)
L = ESR
3C3
VIN(MIN) - Vo(MAX)
2
3
∆I
(
)
T
≡ Switching Period
D
≡ Duty Cycle
Vsw
≡ High side Mosfet ON Voltage
RDS
≡ Mosfet On Resistance
Vsync
≡ Synchronous MOSFET ON Voltage
DIr
≡ Inductor Ripple Current
DVo
≡ Output Ripple Voltage
TON = D
3T
TOFF = T - TON
DVo = DIr3ESR
DIr = (Vo + Vsync)3
TOFF
L
D
Vo + Vsync
VIN - Vsw + Vsync
T =
1
Fsw
Vsw = Vsync = Io
3RDS
DMAX
= 0.65
PDH = DMAX
3 Io2 3 RDS(MAX)
PDH = 0.65
3 14.22 3 0.029 = 3.8W
RDS(MAX) = Maximum RDS(ON) of the MOSFET (125
8C)
(2.8 + 0.27)
(4.75 - 0.27 + 0.27)
DMIN
= 0.43
PDS = (1 - DMIN)
3 Io2 3 RDS(MAX)
PDS = (1 - 0.43)
3 14.22 3 0.029 = 3.33W
(2 + 0.27)
(5.25 - 0.27 + 0.27)


Similar Part No. - IRU3004

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU3007 IRF-IRU3007 Datasheet
100Kb / 17P
   5-BIT PROGRAMMABLE SYNCHRONOUS BUCK, NON-SYNCHRONOUS,ADJUSTABLE LDO AND 200mA ON-BOARD LDO
IRU3007CW IRF-IRU3007CW Datasheet
100Kb / 17P
   5-BIT PROGRAMMABLE SYNCHRONOUS BUCK, NON-SYNCHRONOUS,ADJUSTABLE LDO AND 200mA ON-BOARD LDO
More results

Similar Description - IRU3004

ManufacturerPart #DatasheetDescription
logo
UNISEM
US3004 UNISEM-US3004 Datasheet
99Kb / 14P
   5 BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC WITH DUAL LDO CONTROLLER
logo
International Rectifier
IRU3027 IRF-IRU3027 Datasheet
66Kb / 10P
   5-BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC WITH TRIPLE LDO CONTROLLER
logo
UNISEM
US3012 UNISEM-US3012 Datasheet
75Kb / 11P
   5 BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC
US3010 UNISEM-US3010 Datasheet
74Kb / 11P
   5 BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC
US3011 UNISEM-US3011 Datasheet
72Kb / 11P
   5 BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC
logo
International Rectifier
IRU3011CWTR IRF-IRU3011CWTR Datasheet
83Kb / 13P
   5-BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC
IRU3011 IRF-IRU3011 Datasheet
77Kb / 13P
   5-BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC
IRU3013 IRF-IRU3013 Datasheet
122Kb / 6P
   VRM 8.5 COMPATIBLE 5-BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC WITH TRIPLE LDO CONTROLLER
IRU3021M IRF-IRU3021M Datasheet
113Kb / 8P
   5-BIT PROGRAMMABLE SYNCHRONOUS BUCK PLUS TRIPLE LDO CONTROLLER
logo
UNISEM
US3021B UNISEM-US3021B Datasheet
62Kb / 8P
   5 BIT PROGRAMMABLE SYNCHRONOUS BUCK PLUS TRIPPLE LDO CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com