Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCH35P51R0JE Datasheet(PDF) 1 Page - Ohmite Mfg. Co.

Part # TCH35P51R0JE
Description  Very Low Inductance Design
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

TCH35P51R0JE Datasheet(HTML) 1 Page - Ohmite Mfg. Co.

  TCH35P51R0JE Datasheet HTML 1Page - Ohmite Mfg. Co. TCH35P51R0JE Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
148
characteristics
tch series
35 Watt TO220 Package Thick Film Power
Resistance Range 0.05Ω to 10KΩ (higher values on request sub-
ject to derating)
Resistance
Tolerance:
± 5% standard; ± 1% available on request
Temperature
Coefficient
Referenced to 25°C, ∆R taken at +105°C
10Ω and above: ±50 ppm°C
For under 10Ω:
0R6 - 9R9: 100PPM
0R4 - 0R59: 150PPM
0R2 - 0R39: 250PPM
0R1 - 0R19: 500PPM
0R05 - 0R09: 1000PPM
Max. Operating
Voltage
350V
Dielectric Strength 1800 VAC
Insulation
Resistance
10GΩ min.
Momentary
Overload
2x rated power for 5 seconds as long as the
applied voltage ≤1.5 times the continuous
operating voltage, where ∆R ±(0.3% + 0.01Ω)
max
Terminal Material Copper
Terminal Plating Lead Free Solder (97% Tin, 3% Silver)
Maximum Torque 0.9 Nm
Power Rating 35 Watts @ 25°C case temperature; see derat-
ing curve, below
Working
Temperature
Range
-55°C to +175°C
Solder Process The TCH35 cannot exceed 260°C for more
than 10 seconds during soldering process
Test Condition
Result ∆R
Load Life MIL-R-39009, 2000 Hours
@ Rated Pwr
±(1.0% +0.01) Ω
Thermal
Shock
MIL-R-STD-202, Method
107, Cond. F
±(0.3% +0.01) Ω max
High Freq
Vibration
MIL-R-STD-202, Method
204, Cond. D
±(0.2% +0.01) Ω max
Terminal
Strength
MIL-R-STD-202, Method
211, Cond. A (Pull Test)
2.4N
±(0.2% +0.01) Ω max
Moisture
Resistance
MIL-R-STD-202, Method
106
± (0.5% +0.01) Ω max
175
100
Bottom of base plate Temperature,
°C
60
20
0
050
100
150
25
75
125
80
40
20/35
16/28
12/21
8/14
4/ 7
0
TAH/TCH
TCH
TAH
Ohmite’s TCH35 TO220 package
resistor provides 35W of steady state
power when properly used in today’s
well defined heat sink applications.
These very low induction resistors
are built under proprietary processes
that deliver more power handling
capability than other TO220 package
resistors of similar size.
Standard terminal forms are provid-
ed for manual or automatic insertion.
A single screw mounting tab con-
nects to the heat sink and should be
accompanied by the use of a thermal
compound. The TCH35 Series offers a
low thermal resistance to the heat sink
of <4.28°C/W.
Fea tures
• 35W Power Rating @ 25°C
• Very Low Inductance Design
• Single Screw Mounting
• Low Thermal Resistance to
Heat Sink @ RTH<4.28°C/W
• Resistance Element is
Electrically Insulated from
Metal Heat Sink Mounting Tab
applica tions
• Switching Power Supplies
• Snubbers
• High Frequency
• Voltage Regulation
• Low Energy Pulse Loading
Derating
(continued)


Similar Part No. - TCH35P51R0JE

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
TCH35P51R0JE OHMITE-TCH35P51R0JE Datasheet
157Kb / 1P
   35 Watt TO220 Package Thick Film Power
More results

Similar Description - TCH35P51R0JE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-100MT060WSP VISHAY-VS-100MT060WSP Datasheet
248Kb / 12P
   Very low stray inductance design for high speed operation
Revision: 10-Jun-15
logo
Ohmite Mfg. Co.
RES-WL OHMITE-RES-WL Datasheet
430Kb / 2P
   Very low inductance
logo
Vishay Siliconix
VS-GB100DA60UP VISHAY-VS-GB100DA60UP Datasheet
170Kb / 9P
   Very low internal inductance
Revision: 13-Sep-13
logo
Vincotech
10-FZ122PA050SC01-P997F18 VINCOTECH-10-FZ122PA050SC01-P997F18 Datasheet
2Mb / 15P
   Compact and low inductance design
V23990-P823-F10-PM VINCOTECH-V23990-P823-F10-PM Datasheet
737Kb / 15P
   Compact and Low Inductance Design
10-FZ122PA075SC-P998F08 VINCOTECH-10-FZ122PA075SC-P998F08 Datasheet
2Mb / 15P
   Compact and low inductance design
V23990-P823-F-PM VINCOTECH-V23990-P823-F-PM Datasheet
1Mb / 16P
   Compact and Low Inductance Design
10-FZ062TA030 VINCOTECH-10-FZ062TA030 Datasheet
2Mb / 20P
   Compact and low inductance design
10-FZ122PA100SC01-P999F18 VINCOTECH-10-FZ122PA100SC01-P999F18 Datasheet
2Mb / 15P
   Compact and low inductance design
V23990-P824-F10-P2-14 VINCOTECH-V23990-P824-F10-P2-14 Datasheet
1Mb / 16P
   Compact and Low Inductance Design
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com