Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEH70P270RJE Datasheet(PDF) 1 Page - Ohmite Mfg. Co.

Part # TEH70P270RJE
Description  Low thermal resistance
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

TEH70P270RJE Datasheet(HTML) 1 Page - Ohmite Mfg. Co.

  TEH70P270RJE Datasheet HTML 1Page - Ohmite Mfg. Co. TEH70P270RJE Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
151
TEH70 Series
70 Watt TO247 Package
Thick Film Power
F E a T ur ES
•70Wattpowerratingat25°Ccasetemperature
•Non-inductiveperformance
•Lowthermalresistance
•RoHScompliantdesign
•Twoorthreeterminalversionsavailable
•Heatsinkcanbegroundedthroughmiddleterminal(Pstyle)
Test Conditions Of Test
Performance
Load life 1000 hrs @ rated power
±1% ∆R
Moisture
resistance
MIL -STD-202, method 106
±0.5% ∆R
Short time
overload
2x rated power for 5 sec., not to
exceed 1.5x max. working voltage
±0.3% ∆R
Solderability MIL-STD-202, method 208
Thermal
shock
MIL-STD-202, method 170, cond. F ±0.2% ∆R
70
56
42
28
14
0
100
Bottom of base plate Temperature,
°C
60
20
0
0
80
40
75
100
175
125
50
25
150
Derating
Resistor thick film on alumina
Lead solder coated phosphor bronze
Solder 100% Sn
Case high temperature plastic
P Package middle terminal is electrically connected
to header and insulated from left and
right terminals
M Package no middle terminal
Derating linear, 100% at 25°C to 0% at 150°C
Resistance range 2Ω-10KΩ
Max. working voltage 500V or Ohm’s Law limited
Thermal Resistance 1.79°C/W
Temperature
Coefficient
2Ω-10Ω: ±100ppm
10Ω-10KΩ: ±50ppm
Insulation Resistance 400 MΩ
Short time overload 2x rated power for 5 sec., not to exceed
1.5x max. working voltage
Dielectric Strength 2000 VDC
c H arac TE ri ST ic S
THIS PRODUCT IS DESIGNED FOR
USE WITH PROPER HEATSINKING.
Maximumbaseplatetemperatureoftheresistormust
bemonitoredandkeptwithinspecifiedlimitstoes-
tablishthepowerrating.Besttechniqueistoattacha
thermocoupletothesideofthebaseplateoftheresis-
tor.Temperatureofplastichousingorheatsinkcannot
beusedtoestablishratingoftheresistor.
(continued)


Similar Part No. - TEH70P270RJE

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
TEH70P270RJE OHMITE-TEH70P270RJE Datasheet
98Kb / 1P
   70 Watt TO247 Package Thick Film Power
More results

Similar Description - TEH70P270RJE

ManufacturerPart #DatasheetDescription
logo
Integrated Technology F...
TCS050T ITF-TCS050T Datasheet
106Kb / 1P
   Low thermal resistance
logo
STMicroelectronics
STGB30M65DF2 STMICROELECTRONICS-STGB30M65DF2 Datasheet
881Kb / 18P
   Low thermal resistance
April 2017 Rev 3
STGW80H65FB STMICROELECTRONICS-STGW80H65FB Datasheet
1Mb / 18P
   Low thermal resistance
June 2014 Rev 1
STGB30V60F STMICROELECTRONICS-STGB30V60F Datasheet
1Mb / 19P
   Low thermal resistance
April 2014 Rev 4
logo
International Rectifier
IRFI734GPBF IRF-IRFI734GPBF Datasheet
282Kb / 8P
   Low Thermal Resistance
logo
List of Unclassifed Man...
PC99 ETC2-PC99 Datasheet
664Kb / 1P
   Low thermal resistance
logo
Integrated Technology F...
TCS080T ITF-TCS080T Datasheet
106Kb / 1P
   Low thermal resistance
logo
Vishay Siliconix
IRFIBC40GLC VISHAY-IRFIBC40GLC Datasheet
890Kb / 9P
   Low thermal resistance
Rev. B, 02-May-16
logo
STMicroelectronics
STTH8S12 STMICROELECTRONICS-STTH8S12 Datasheet
235Kb / 8P
   Low thermal resistance
September 2014 Rev 1
STGW80V60DF STMICROELECTRONICS-STGW80V60DF Datasheet
1Mb / 18P
   Low thermal resistance
January 2014 Rev 2
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com