Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEH100M5R00JE Datasheet(PDF) 1 Page - Ohmite Mfg. Co.

Part # TEH100M5R00JE
Description  Low thermal resistance
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

TEH100M5R00JE Datasheet(HTML) 1 Page - Ohmite Mfg. Co.

  TEH100M5R00JE Datasheet HTML 1Page - Ohmite Mfg. Co. TEH100M5R00JE Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
152
Derating
Derating (thermal resistance): 0.666W/°K (1.5K/W). Without a heatsink, when in free air at
25°C, the TEH100 is rated for 3.5W. Derating for temp. above 25°C is 0.0234W/°K.
Graphed value is only valid when using a thermal conduction to the heatsink Rth-
cs<0.025°K/W. This value can be reached by using thermal transfer compound with a
heat conductivity of 1W/mK. The flatness of the cooling plate must be better than 0.05mm
overall. The roughness of the surface should not exceed 6.4µm. The case temperature is
to be used for the definitiion of the applied power limit. The case temperature measurement
must be made with a thermocouple contacting the center of the component mounted on the
designed heat sink. Thermal grease should be applied properly
TEH100 Series
100 Watt Thick Film Power Resistors for High
Frequency and Pulse Loading Applications
Resistor thick film on alumina
Case high temperature plastic
Lead Material Tinned Copper
Installation, max.
Torque
0.9 Nm using an M3 screw and a
compression washer
Derating linear, 100% at 25°C to 0% at
175°C
Resistance range 0.05Ω to 1MΩ, other values on
request
Resistance tol. ±1%, ±2%, ±5%, ±10%
Max. working voltage 350V
Temperature
Coefficient
>10Ω: 50ppm/°C, ref. to 25°C
3 to 10Ω: 100ppm/°C
1 to 2.99Ω: 250ppm/°C
<1Ω: 500-1000+ppm/°C (Contact
factory for exact values below
1Ω)
Insulation Resistance 10GΩ min.
Dielectric Strength 1,800 VAC
Test Conditions Of Test
Performance
Load life MIL-R-39009D 4.8.13 , 2,000
hours at rated power
∆R ≤ ±(1.0% + 0.0005Ω)
Moisture resis-
tance
-10°C - +65°C, RH>90%, cycle
240 h
∆R ≤ ±(0.50% + 0.0005Ω)
Short time
overload
1.5 times rated power and
V(DC) ≤1.5Vmax for 5 seconds
∆R ≤ ± (0.50% + 0.0005Ω)
Thermal shock GJB360A-96 method 107,
Cond. F
∆R ≤ ±(0.50% + 0.0005Ω)
Dielectric
strength
GJB360A-96 method 301,
(1,800V AC, 60s)
∆R ≤ ± (0.15% + 0.0005Ω)
Terminal
strength
GJB360A-96 method 211,
Cond. A (Pull Test) 2.4N
∆R ≤ ±(0.20% + 0.0005Ω)
High frequency
vibration
GJB360A-96 method 204,
Cond. D
∆R ≤ ±(0.40% + 0.0005Ω)
100
Bottom of base plate Temperature,
°C
60
20
0
0
80
40
75
100
175
125
50
25
150
THIS PRODUCT IS DESIGNED FOR
USE WITH PROPER HEATSINKING.
Maximum base plate temperature of the resistor must be
monitored and kept within specified limits to establish
the power rating. Best technique is to attach a ther-
mocouple to the side of the base plate of the resistor.
Temperature of plastic housing or heat sink cannot be
used to establish rating of the resistor.
Ohmite offers the totally
encapsulated and insulated
TO-247 package for low
ohmic value and non-induc-
tive design for high-frequen-
cy and pulsing applications.
Ideal use is for power sup-
plies. This series is rated
at 100 Watts mounted to a
heat sink.
F E a T ur ES
• 100 Watt power rating at
25°C case temperature
• Non-inductive performance
• Low thermal resistance
• RoHS compliant design
• TO-247 package configura-
tion
• Single screw mounting
simplifies attach-ment to
the heat sink
• A totally molded housing
for enviromental protection
• Non-Inductive design
• Resistor package totally
insulated from heat sink
c H arac TE ri ST ic S
(continued)


Similar Part No. - TEH100M5R00JE

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
TEH100M5R00JE OHMITE-TEH100M5R00JE Datasheet
153Kb / 1P
   100 Watt Thick Film Power Resistors for High Frequency and Pulse Loading Applications
More results

Similar Description - TEH100M5R00JE

ManufacturerPart #DatasheetDescription
logo
Integrated Technology F...
TCS050T ITF-TCS050T Datasheet
106Kb / 1P
   Low thermal resistance
logo
Ohmite Mfg. Co.
RES-TEH70 OHMITE-RES-TEH70 Datasheet
331Kb / 2P
   Low thermal resistance
logo
STMicroelectronics
STGB30M65DF2 STMICROELECTRONICS-STGB30M65DF2 Datasheet
881Kb / 18P
   Low thermal resistance
April 2017 Rev 3
STGW80H65FB STMICROELECTRONICS-STGW80H65FB Datasheet
1Mb / 18P
   Low thermal resistance
June 2014 Rev 1
STGB30V60F STMICROELECTRONICS-STGB30V60F Datasheet
1Mb / 19P
   Low thermal resistance
April 2014 Rev 4
logo
International Rectifier
IRFI734GPBF IRF-IRFI734GPBF Datasheet
282Kb / 8P
   Low Thermal Resistance
logo
List of Unclassifed Man...
PC99 ETC2-PC99 Datasheet
664Kb / 1P
   Low thermal resistance
logo
Integrated Technology F...
TCS080T ITF-TCS080T Datasheet
106Kb / 1P
   Low thermal resistance
logo
Vishay Siliconix
IRFIBC40GLC VISHAY-IRFIBC40GLC Datasheet
890Kb / 9P
   Low thermal resistance
Rev. B, 02-May-16
logo
STMicroelectronics
STTH8S12 STMICROELECTRONICS-STTH8S12 Datasheet
235Kb / 8P
   Low thermal resistance
September 2014 Rev 1
STGW80V60DF STMICROELECTRONICS-STGW80V60DF Datasheet
1Mb / 18P
   Low thermal resistance
January 2014 Rev 2
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com