Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFH85M4K70JE Datasheet(PDF) 1 Page - Ohmite Mfg. Co.

Part # TFH85M4K70JE
Description  Low thermal resistance
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

TFH85M4K70JE Datasheet(HTML) 1 Page - Ohmite Mfg. Co.

  TFH85M4K70JE Datasheet HTML 1Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
Ohmite Mfg. Co.
65
TFH Series
85 Watt TO264 Package
Thick Film Power
F e a T u r e s
• 85 Watt power rating at 25°C
case temperature
• Non-inductive performance
• Low thermal resistance
• RoHS compliant design
• Two or three terminals versions
available
• Heat sink can be grounded
through middle terminal (P style)
ordering information
sP eci F ica T i O ns
Material
Resistor: thick film on alumina
Lead: solder coated phosphor
bronze
Solder: 100% Sn
Case: high temperature plastic
P Package: middle terminal is
electrically connected to header
and insulated from left and right
terminals
M Package: no middle terminal
Electrical
Resistance range: 2
Ω-10KΩ
Max. working voltage: 500V or
Ohm’s law limited
Thermal Resistance: 1.47°C/W
Temperature Coefficient:
2
Ω-10Ω: ±100ppm
10
Ω-10KΩ: ±50ppm
Insulation Resistance: 400M
Ω
Short time overload: 2x rated
power (not to exceed 1500V)
Derating: linear, 100% at 25°C to
0% at 150°C
0.79"
(20.07mm)
1.03"
(26.16mm)
0.25"
(6.35mm)
ø0.15"
(ø3.81mm)
0.80"
(20.32mm)
0.10"
(2.54mm)
0.05"
(1.27mm)
Connected
to metal
header
0.43"
(10.92mm)
0.20"
(5.08mm)
0.07"
(1.78mm)
0.21"
(5.33mm)
P style
(standard)
M style
(optional)
0.025"
(0.64mm)
85
68
51
34
17
0
100
Bottom of base plate Temperature,
°C
60
20
0
0
80
40
75
100
175
125
50
25
150
������������
Series
Tolerance
J= 5%
Package Code
P = three terminals
M = two terminals
Ohms
R = Decimal
Example:
10R2 = 10.2 ohms
100R = 100 ohms
10K0 = 10,000 ohms
RoHS compliant
Dera T ing
Performance da t a
Load life
1000 hrs @ rated power
max.
∆R ±1%
Moisture resistance
MIL -STD-202, method 106
max.
∆R ±0.5%
Short time overload
2x rated power for 5 sec.,
max.
∆R ±0.3%
not to exceed 1500 V
Solderability
MIL-STD-202, method 208
Thermal shock
MIL-STD-202, method 170, cond. F
max.
∆R ±0.2%
st andard P ar t numbers for tf H s eries
P-type
M-type
Ohms
3-terminal
2-terminal
2
TFH85P2R00JE
3
TFH85M3R00JE
5.1
TFH85P5R10JE
6.8
TFH85M6R80JE
7.5
TFH85P7R50JE
10
TFH85P10R0JE
TFH85M10R0JE
15
TFH85P15R0JE
24
TFH85M24R0JE
33
TFH85M33R0JE
39
TFH85P39R0JE
51
TFH85P51R0JE
TFH85M51R0JE
68
TFH85P68R0JE
75
TFH85P75R0JE
100
TFH85P100RJE
TFH85M100RJE
150
TFH85M150RJE
220
TFH85P220RJE
330
TFH85P330RJE
470
TFH85M470RJE
750
TFH85P750RJE
1000
TFH85P1K00JE
TFH85M1K00JE
1500
TFH85P1K50JE
2700
TFH85M2K70JE
3300
TFH85P3K30JE
4700
TFH85M4K70JE
6800
TFH85P6K80JE
7500
TFH85P7K50JE
10000
TFH85P10K0JE
TFH85M10K0JE
To see the latest in resistor
technology click on the “What’s
new” tab at ohmite.com
Check product availability at
www.ohmite.com
THIS PRODUCT IS DESIGNED FOR
USE WITH PROPER HEATSINKING.
Maximum base plate temperature of the resistor must
be monitored and kept within specified limits to es-
tablish the power rating. Best technique is to attach a
thermocouple to the side of the base plate of the resis-
tor. Temperature of plastic housing or heat sink cannot
be used to establish rating of the resistor.


Similar Part No. - TFH85M4K70JE

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
TFH85M4K70JE OHMITE-TFH85M4K70JE Datasheet
98Kb / 1P
   85 Watt TO264 Package Thick Film Power
More results

Similar Description - TFH85M4K70JE

ManufacturerPart #DatasheetDescription
logo
Integrated Technology F...
TCS050T ITF-TCS050T Datasheet
106Kb / 1P
   Low thermal resistance
logo
Ohmite Mfg. Co.
RES-TEH70 OHMITE-RES-TEH70 Datasheet
331Kb / 2P
   Low thermal resistance
logo
STMicroelectronics
STGB30M65DF2 STMICROELECTRONICS-STGB30M65DF2 Datasheet
881Kb / 18P
   Low thermal resistance
April 2017 Rev 3
STGW80H65FB STMICROELECTRONICS-STGW80H65FB Datasheet
1Mb / 18P
   Low thermal resistance
June 2014 Rev 1
STGB30V60F STMICROELECTRONICS-STGB30V60F Datasheet
1Mb / 19P
   Low thermal resistance
April 2014 Rev 4
logo
International Rectifier
IRFI734GPBF IRF-IRFI734GPBF Datasheet
282Kb / 8P
   Low Thermal Resistance
logo
List of Unclassifed Man...
PC99 ETC2-PC99 Datasheet
664Kb / 1P
   Low thermal resistance
logo
Integrated Technology F...
TCS080T ITF-TCS080T Datasheet
106Kb / 1P
   Low thermal resistance
logo
Vishay Siliconix
IRFIBC40GLC VISHAY-IRFIBC40GLC Datasheet
890Kb / 9P
   Low thermal resistance
Rev. B, 02-May-16
logo
STMicroelectronics
STTH8S12 STMICROELECTRONICS-STTH8S12 Datasheet
235Kb / 8P
   Low thermal resistance
September 2014 Rev 1
STGW80V60DF STMICROELECTRONICS-STGW80V60DF Datasheet
1Mb / 18P
   Low thermal resistance
January 2014 Rev 2
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com