Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HEDM-5605-J05 Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part # HEDM-5605-J05
Description  Quick Assembly Two and Three Channel Optical Encoders
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HEDM-5605-J05 Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  HEDM-5605-J05 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HEDM-5605-J05 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HEDM-5605-J05 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HEDM-5605-J05 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HEDM-5605-J05 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HEDM-5605-J05 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HEDM-5605-J05 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HEDM-5605-J05 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HEDM-5605-J05 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
Absolute Maximum Ratings
Parameter
HEDS-55XX/56XX
HEDM-550X/560X
Storage Temperature, TS
-40
°C to 100°C-40°C to +70°C
Operating Temperature, TA
-40
°C to 100°C-40°C to +70°C
Supply Voltage, VCC
- 0.5 V to 7 V
- 0.5 V to 7 V
Output Voltage, VO
- 0.5 V to VCC
- 0.5 V to VCC
Output Current per Channel, IOUT
-1.0 mA to 5 mA
-1.0 mA to 5 mA
Vibration
20 g, 5 to 1000 Hz
20 g, 5 to 1000 Hz
Shaft Axial Play
± 0.25 mm (± 0.010 in.)
± 0.175 mm (± 0.007 in.)
Shaft Eccentricity Plus Radial Play
0.1 mm (0.004 in.) TIR
0.04 mm (0.0015 in.) TIR
Velocity
30,000 RPM
30,000 RPM
Acceleration
250,000 rad/sec2
250,000 rad/sec2
Output Waveforms
Direction of Rotation:
When the
codewheel rotates in the counter-
clockwise direction (as viewed
from the encoder end of the
motor), channel A will lead
channel B. If the codewheel
rotates in the clockwise direction,
channel B will lead channel A.
Index Pulse Width (PO): The
number of electrical degrees that
an index output is high during
one full shaft rotation. This value
is nominally 90
°e or 1/4 cycle.


Similar Part No. - HEDM-5605-J05

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HEDM-5605 AVAGO-HEDM-5605 Datasheet
232Kb / 14P
   Quick Assembly Two and Three Channel Optical Encoders
HEDM-5605 AVAGO-HEDM-5605 Datasheet
1Mb / 12P
   Quick Assembly Two and Three Channel Optical Encoders
HEDM-5605 AVAGO-HEDM-5605 Datasheet
310Kb / 13P
   Quick Assembly Two and Three Channel Optical Encoders
More results

Similar Description - HEDM-5605-J05

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-5500A06 AVAGO-HEDS-5500A06 Datasheet
310Kb / 13P
   Quick Assembly Two and Three Channel Optical Encoders
HEDM-5500-B14 AVAGO-HEDM-5500-B14 Datasheet
310Kb / 13P
   Quick Assembly Two and Three Channel Optical Encoders
HEDS-5500-A14 AVAGO-HEDS-5500-A14 Datasheet
316Kb / 13P
   Quick Assembly Two and Three Channel Optical Encoders
HEDS-5645I13 AVAGO-HEDS-5645I13 Datasheet
310Kb / 13P
   Quick Assembly Two and Three Channel Optical Encoders
HEDM-550X AVAGO-HEDM-550X Datasheet
232Kb / 14P
   Quick Assembly Two and Three Channel Optical Encoders
HEDM-55XX AVAGO-HEDM-55XX Datasheet
1Mb / 12P
   Quick Assembly Two and Three Channel Optical Encoders
AEDM-5XXX AVAGO-AEDM-5XXX Datasheet
351Kb / 9P
   Quick Assembly High Resolution Three Channel Optical Encoders
HEDR-5XXX AVAGO-HEDR-5XXX Datasheet
313Kb / 6P
   Three Channel Quick Assembly Encoders
HEDC-55XX AVAGO-HEDC-55XX Datasheet
460Kb / 10P
   Two or Three Channel Quick Assembly Encoders With Connector Latch
AEDL-5XXX AVAGO-AEDL-5XXX Datasheet
321Kb / 8P
   Quick Assembly High Resolution Three Channel Optical Encoders with Differential Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com