Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32529C6332 Datasheet(PDF) 4 Page - TDK Electronics

Part # B32529C6332
Description  Metallized Polyester Film Capacitors (MKT)
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B32529C6332 Datasheet(HTML) 4 Page - TDK Electronics

  B32529C6332 Datasheet HTML 1Page - TDK Electronics B32529C6332 Datasheet HTML 2Page - TDK Electronics B32529C6332 Datasheet HTML 3Page - TDK Electronics B32529C6332 Datasheet HTML 4Page - TDK Electronics B32529C6332 Datasheet HTML 5Page - TDK Electronics B32529C6332 Datasheet HTML 6Page - TDK Electronics B32529C6332 Datasheet HTML 7Page - TDK Electronics B32529C6332 Datasheet HTML 8Page - TDK Electronics B32529C6332 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 43 page
background image
Overview of available types
Technology: s = Stacked-film technology / w = Wound capacitor technology
Lead spacing 15.0 mm
22.5 mm
27.5 mm
Type
B32522
B32523
B32524
Page
12
14
15
Technology
s
s/w s/w s
w
s
w
w
w
w
w
w
w
w
w
w
VR (V DC)
63
100 250 400 450 630 63
100 250 400 630 63
100 250 400 630
VRMS (V AC)
40
63
160 200 200 200 40
63
160 200 200 40
63
160 200 220
CR (
µF)
0.047
0.068
0.10
0.15
0.22
0.33
0.39
0.47
0.56
0.68
1.0
1.5
2.2
3.3
4.7
6.8
10
15
22
33
47
68
100
B32520 ... B32529
General purpose (stacked/wound)
Page 4 of 43
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32529C6332

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32529C6332 EPCOS-B32529C6332 Datasheet
881Kb / 46P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32529C6332 EPCOS-B32529C6332 Datasheet
887Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
B32529C6332J000 EPCOS-B32529C6332J000 Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32529C6332J000 EPCOS-B32529C6332J000 Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32529C6332J000 EPCOS-B32529C6332J000 Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
More results

Similar Description - B32529C6332

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32529C1684J289 EPCOS-B32529C1684J289 Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32529C1473K289 EPCOS-B32529C1473K289 Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32529C223J EPCOS-B32529C223J Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32529C1152J EPCOS-B32529C1152J Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32522N3105K EPCOS-B32522N3105K Datasheet
887Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
B32562H6155K EPCOS-B32562H6155K Datasheet
577Kb / 32P
   Metallized Polyester Film Capacitors (MKT)
B32529C224K EPCOS-B32529C224K Datasheet
1Mb / 31P
   Metallized Polyester Film Capacitors (MKT)
B32562J1225J289 EPCOS-B32562J1225J289 Datasheet
577Kb / 32P
   Metallized Polyester Film Capacitors (MKT)
B32529C334K EPCOS-B32529C334K Datasheet
887Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
B32529C1222J EPCOS-B32529C1222J Datasheet
787Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
B32522C3334K EPCOS-B32522C3334K Datasheet
887Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com