Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32529C6332 Datasheet(PDF) 10 Page - TDK Electronics

Part # B32529C6332
Description  Metallized Polyester Film Capacitors (MKT)
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B32529C6332 Datasheet(HTML) 10 Page - TDK Electronics

Back Button B32529C6332 Datasheet HTML 6Page - TDK Electronics B32529C6332 Datasheet HTML 7Page - TDK Electronics B32529C6332 Datasheet HTML 8Page - TDK Electronics B32529C6332 Datasheet HTML 9Page - TDK Electronics B32529C6332 Datasheet HTML 10Page - TDK Electronics B32529C6332 Datasheet HTML 11Page - TDK Electronics B32529C6332 Datasheet HTML 12Page - TDK Electronics B32529C6332 Datasheet HTML 13Page - TDK Electronics B32529C6332 Datasheet HTML 14Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 43 page
background image
Ordering codes and packing units (lead spacing 10 mm)
VR
V DC
VRMS
f
≤60 Hz
V AC
CR
µF
Max. dimensions
w
× h × l
mm
Ordering code
(composition see
below)
Ammo
pack
pcs./MOQ
Reel
pcs./
MOQ
Untaped
pcs./
MOQ
MOQ = Minimum Order Quantity, consisting of 4 packing units.
Further E series and intermediate capacitance values on request.
Composition of ordering code
+ =
Capacitance tolerance code:
*** = Packaging code:
M =
±20%
K =
±10%
J =
±5%
289 = Ammo pack
189 = Reel
000 = Untaped (standard lead length 6
1 mm)
63
40
0.47
4.0
× 7.0 × 13.0 B32521C0474+*** 4000
6800
4000
0.68
4.0
× 7.0 × 13.0 B32521C0684+*** 4000
6800
4000
1.0
4.0
× 9.0 × 13.0 B32521C0105+*** 4000
6800
4000
1.5
5.0
× 11.0 × 13.0 B32521C0155+*** 3320
5200
4000
2.2
5.0
× 11.0 × 13.0 B32521C0225+*** 3320
5200
4000
3.3
6.0
× 12.0 × 13.0 B32521C0335+*** 2720
4400
4000
100
63
0.047
4.0
× 7.0 × 13.0 B32521C1473+*** 4000
6800
4000
0.068
4.0
× 7.0 × 13.0 B32521C1683+*** 4000
6800
4000
0.10
4.0
× 7.0 × 13.0 B32521C1104+*** 4000
6800
4000
0.15
4.0
× 7.0 × 13.0 B32521C1154+*** 4000
6800
4000
0.22
4.0
× 7.0 × 13.0 B32521C1224+*** 4000
6800
4000
0.33
4.0
× 7.0 × 13.0 B32521C1334+*** 4000
6800
4000
0.47
4.0
× 9.0 × 13.0 B32521C1474+*** 4000
6800
4000
0.68
5.0
× 11.0 × 13.0 B32521C1684+*** 3320
5200
4000
1.0
6.0
× 12.0 × 13.0 B32521C1105+*** 2720
4400
4000
250
160
0.010
4.0
× 7.0 × 13.0 B32521C3103+*** 4000
6800
4000
0.015
4.0
× 7.0 × 13.0 B32521C3153+*** 4000
6800
4000
0.022
4.0
× 7.0 × 13.0 B32521C3223+*** 4000
6800
4000
0.033
4.0
× 7.0 × 13.0 B32521C3333+*** 4000
6800
4000
0.047
4.0
× 7.0 × 13.0 B32521C3473+*** 4000
6800
4000
0.056
4.0
× 7.0 × 13.0 B32521C3563+*** 4000
6800
4000
0.068
4.0
× 7.0 × 13.0 B32521C3683+*** 4000
6800
4000
0.082
4.0
× 7.0 × 13.0 B32521C3823+*** 4000
6800
4000
0.10
4.0
× 7.0 × 13.0 B32521C3104+*** 4000
6800
4000
0.12
4.0
× 9.0 × 13.0 B32521C3124+*** 4000
6800
4000
0.15
4.0
× 9.0 × 13.0 B32521C3154+*** 4000
6800
4000
0.18
5.0
× 11.0 × 13.0 B32521C3184+*** 3320
5200
4000
0.22
5.0
× 11.0 × 13.0 B32521C3224+*** 3320
5200
4000
0.33
5.0
× 11.0 × 13.0 B32521C3334+*** 3320
5200
4000
0.47
6.0
× 12.0 × 13.0 B32521C3474+*** 2720
4400
4000
B32521
General purpose (stacked/wound)
Page 10 of 43
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32529C6332

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32529C6332 EPCOS-B32529C6332 Datasheet
881Kb / 46P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32529C6332 EPCOS-B32529C6332 Datasheet
887Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
B32529C6332J000 EPCOS-B32529C6332J000 Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32529C6332J000 EPCOS-B32529C6332J000 Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32529C6332J000 EPCOS-B32529C6332J000 Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
More results

Similar Description - B32529C6332

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32529C1684J289 EPCOS-B32529C1684J289 Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32529C1473K289 EPCOS-B32529C1473K289 Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32529C223J EPCOS-B32529C223J Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32529C1152J EPCOS-B32529C1152J Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32522N3105K EPCOS-B32522N3105K Datasheet
887Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
B32562H6155K EPCOS-B32562H6155K Datasheet
577Kb / 32P
   Metallized Polyester Film Capacitors (MKT)
B32529C224K EPCOS-B32529C224K Datasheet
1Mb / 31P
   Metallized Polyester Film Capacitors (MKT)
B32562J1225J289 EPCOS-B32562J1225J289 Datasheet
577Kb / 32P
   Metallized Polyester Film Capacitors (MKT)
B32529C334K EPCOS-B32529C334K Datasheet
887Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
B32529C1222J EPCOS-B32529C1222J Datasheet
787Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
B32522C3334K EPCOS-B32522C3334K Datasheet
887Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com