Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M5214 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # M5214
Description  ONE KEY MULTI-SECTION 14 SEC VOICE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

M5214 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  M5214 Datasheet HTML 1Page - List of Unclassifed Manufacturers M5214 Datasheet HTML 2Page - List of Unclassifed Manufacturers M5214 Datasheet HTML 3Page - List of Unclassifed Manufacturers M5214 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ONE KEY MULTI-SECTION
14 SEC VOICE
14 秒語音 IC
2/4
2002-07-15
VOICE
M5214
TAIPEI : TEL : 886-2- 22783733
FAX : 886-2- 22783633
H.K.
: TEL : 852-
27569109
FAX : 852-
27566961
“TENTATIVE”
一華半導體股份有限公司
MOSDESIGN SEMICONDUCTOR CORP.
APPLICATION DIAGRAM 參考電路圖
參考電路圖
參考電路圖
參考電路圖 (CONTINUED)
(B) IO1-D/A
IO2:PWM1
IO2:PWM2
*All specs and applications shown above subject to change without prior notice.
( 以㆖電路及規格僅供參考,本公司得逕行修正 )
TG
IO3
IO1
VDD
VDD1
VSS1
VSS
IO2
TEST
OSC
VDD
D/A :
(1.5mA, 3mA, 4.5mA)
By mask option
3 current output level
M5214
2.8 x 2.6mm
2
底=VSS


Similar Part No. - M5214

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
M521 MA-COM-M521 Datasheet
103Kb / 3P
   Positive Voltage Control of GaAs MMIC Control Devices
logo
Mechatronics, Inc.
M5210 MECHATRONICS-M5210 Datasheet
450Kb / 1P
   UL94V-0 PBT impeller & frame
logo
List of Unclassifed Man...
M5210E ETC2-M5210E Datasheet
450Kb / 1P
   DC AXIAL FANS
logo
Mechatronics, Inc.
M5210E MECHATRONICS-M5210E Datasheet
450Kb / 1P
   UL94V-0 PBT impeller & frame
logo
List of Unclassifed Man...
M5210H ETC2-M5210H Datasheet
450Kb / 1P
   DC AXIAL FANS
More results

Similar Description - M5214

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M5207 ETC-M5207 Datasheet
137Kb / 4P
   ONE KEY MULTI-SECTION 7 SEC VOICE
M5106 ETC-M5106 Datasheet
99Kb / 1P
   6 SEC VOICE
M5109 ETC-M5109 Datasheet
99Kb / 1P
   9 SEC VOICE
logo
Aplus Intergrated Circu...
AP8842 APLUS-AP8842 Datasheet
150Kb / 14P
   42 sec VOICE OTP
AP8821 APLUS-AP8821 Datasheet
112Kb / 13P
   21 sec VOICE OTP
logo
List of Unclassifed Man...
SD501 ETC-SD501 Datasheet
976Kb / 4P
   3 SEC VOICE SYNTHESIZER
logo
Aplus Intergrated Circu...
API8108A APLUS-API8108A Datasheet
783Kb / 10P
   VERSATILE 10 SEC INSTANT VOICE ROM
logo
Integrated Silicon Solu...
IS22C012 ISSI-IS22C012 Datasheet
90Kb / 12P
   VERSATILE 10 SEC INSTANT VOICE ROM
logo
Aplus Intergrated Circu...
API8208A APLUS-API8208A Datasheet
174Kb / 10P
   VERSATILE 20 SEC INSTANT VOICE ROM
logo
Integrated Silicon Solu...
IS22C022 ISSI-IS22C022 Datasheet
65Kb / 11P
   VERSATILE 20 SEC INSTANT VOICE ROM
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com