Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KPT-1608SGT Datasheet(PDF) 1 Page - Kingbright Corporation

Part # KPT-1608SGT
Description  1.6x0.8mm SUPER THIN SMD CHIP LED LAMPS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

KPT-1608SGT Datasheet(HTML) 1 Page - Kingbright Corporation

  KPT-1608SGT Datasheet HTML 1Page - Kingbright Corporation KPT-1608SGT Datasheet HTML 2Page - Kingbright Corporation KPT-1608SGT Datasheet HTML 3Page - Kingbright Corporation KPT-1608SGT Datasheet HTML 4Page - Kingbright Corporation KPT-1608SGT Datasheet HTML 5Page - Kingbright Corporation KPT-1608SGT Datasheet HTML 6Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1-KPT1608-1
Kingbright
®
Package Dimensions
Features
l
1.6mmx0.8mmSMTLED.0.75mmTHICKNESS.
l
LOWPOWERCONSUMPTION.
l
WIDEVIEWINGANGLE.
l
IDEALFORBACKLIGHTANDINDICATOR.
l
VARIOUS COLORS AND LENS TYPES AVAILABLE.
Note:
1.
θ1/2istheanglefromopticalcenterlinewheretheluminousintensityis1/2theopticalcenterlinevalue.
Description
The Bright Red source color devices are made with Gallium
Phosphide Red Light Emitting Diode.
The Super Bright Green source color devices are made with
Gallium Phosphide Green Light Emitting Diode.
The High Efficiency Red source color devices are made with
Gallium Arsenide Phosphide on Gallium Phosphide Orange
Light Emitting Diode.
The Yellow source color devices are made with Gallium
Arsenide Phosphide on Gallium Phosphide Yellow Light
Emitting Diode.
The Super Bright Red source color devices are made with
Gallium Aluminum Arsenide Red Light Emitting Diodes.
The Super Bright Yellow source color devices are made with
DH InGaAlP on GaAs substrate Light Emitting Diode.
Selection Guide
Notes:
1. All dimensions are in millimeters (inches).
2.Toleranceis
±0.1(0.004")unlessotherwisenoted.
3.Leadspacingismeasuredwheretheleademergepackage.
4.Specificationsaresubjectedtochangewithoutnotice.
Part No.
Dice
Lens Type
Iv (mcd)
@ 20 mA
Viewing
Angle
Min.
Typ.
2θ1/2
KPT-1608HD
BRIGHT RED (GaP)
RED DIFFUSED
0.8
1.25
120°
KPT-1608HC
BRIGHT RED (GaP)
WATER CLEAR
0.8
1.25
120°
KPT-1608HT
BRIGHT RED (GaP)
RED TRAS.
0.8
1.25
120°
KPT-1608ID
HIGH EFFICIENCY RED (GaAsP/GaP)
RED DIFFUSED
5
12.5
120°
KPT-1608EC
HIGH EFFICIENCY RED (GaAsP/GaP)
WATER CLEAR
5
12.5
120°
KPT-1608IT
HIGH EFFICIENCY RED (GaAsP/GaP)
RED TRANS.
5
12.5
120°
KPT-1608YD
YELLOW (GaAsP/GaP)
YELLOW DIFFUSED
3.2
8
120°
KPT-1608YC
YELLOW (GaAsP/GaP)
WATER CLEAR
3.2
8
120°
KPT-1608YT
YELLOW (GaAsP/GaP)
YELLOW TRANS.
3.2
8
120°
KPT-1608SRD
SUPER BRIGHT RED (GaAlAs)
RED DIFFUSED
40
70
120°
KPT-1608SRC
SUPER BRIGHT RED (GaAlAs)
WATER CLEAR
40
70
120°
KPT-1608SRT
SUPER BRIGHT RED (GaAlAs)
RED TRANS.
40
70
120°
KPT-1608SGD
SUPER BRIGHT GREEN (GaP)
GREEN DIFFUSESD
3.2
12.5
120°
KPT-1608SGC
SUPER BRIGHT GREEN (GaP)
WATER CLEAR
3.2
12.5
120°
KPT-1608SGT
SUPER BRIGHT GREEN (GaP)
GREEN TRNS.
3.2
12.5
120°
KPT-1608SYD
SUPER BRIGHT YELLOW (InGaAlP)
YELLOW DIFFUSESD
40
60
120°
KPT-1608SYC
SUPER BRIGHT YELLOW (InGaAlP)
WATER CLEAR
40
60
120°
KPT-1608SYT
SUPER BRIGHT YELLOW (InGaAlP)
YELLOW TRNS.
40
60
120°
1.6x0.8mm SUPER THIN SMD CHIP LED LAMPS
KPT-1608 SERIES


Similar Part No. - KPT-1608SGT

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
KPT-1608SGC TO-GRACE-KPT-1608SGC Datasheet
839Kb / 4P
   1.6 x 0.8 mm SMD Chip LED Lamp
More results

Similar Description - KPT-1608SGT

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
KPH-1608 KINGBRIGHT-KPH-1608 Datasheet
130Kb / 6P
   1.6x0.8mm SUPER THIN SMD CHIP LED LAMPS
logo
List of Unclassifed Man...
KPT-3216 ETC-KPT-3216 Datasheet
596Kb / 6P
   3.2x1.6mm SUPER THIN SMD CHIP LED LAMPS
logo
Kingbright Corporation
KPT-2012 KINGBRIGHT-KPT-2012 Datasheet
587Kb / 6P
   2.0x1.2mm SUPER THIN SMD CHIP LED LAMPS
logo
List of Unclassifed Man...
APH1608XXX ETC-APH1608XXX Datasheet
219Kb / 1P
   SUPER THIN SMD CHIP LED 1608
logo
SunLED Corporation
ZUYT53W-3 SUNLED-ZUYT53W-3 Datasheet
199Kb / 4P
   1.6X0.8mm SMD CHIP LED LAMP
logo
Kingbright Corporation
APT1608SEC KINGBRIGHT-APT1608SEC Datasheet
99Kb / 4P
   1.6X0.8mm SMD CHIP LED LAMP
AP1608SEC KINGBRIGHT-AP1608SEC Datasheet
103Kb / 4P
   1.6X0.8mm SMD CHIP LED LAMP
AP1608CGCK KINGBRIGHT-AP1608CGCK Datasheet
121Kb / 4P
   1.6X0.8mm SMD CHIP LED LAMP
APH1608RWF KINGBRIGHT-APH1608RWF_07 Datasheet
293Kb / 7P
   1.6X0.8mm SMD CHIP LED LAMP
APHK1608PBC-Z KINGBRIGHT-APHK1608PBC-Z Datasheet
297Kb / 5P
   1.6x0.8mm SMD CHIP LED LAMP
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com