Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF7341GPBF Datasheet(PDF) 4 Page - International Rectifier

Part # IRF7341GPBF
Description  HEXFET짰 Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7341GPBF Datasheet(HTML) 4 Page - International Rectifier

  IRF7341GPBF Datasheet HTML 1Page - International Rectifier IRF7341GPBF Datasheet HTML 2Page - International Rectifier IRF7341GPBF Datasheet HTML 3Page - International Rectifier IRF7341GPBF Datasheet HTML 4Page - International Rectifier IRF7341GPBF Datasheet HTML 5Page - International Rectifier IRF7341GPBF Datasheet HTML 6Page - International Rectifier IRF7341GPBF Datasheet HTML 7Page - International Rectifier IRF7341GPBF Datasheet HTML 8Page - International Rectifier IRF7341GPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
www.irf.com © 2014 International Rectifier
Submit Datasheet Feedback
February 20, 2014
IRF7341GPbF
Fig 8. Maximum Safe Operating Area
Fig 6. Typical Gate Charge Vs.
Gate-to-Source Voltage
Fig 5. Typical Capacitance Vs.
Drain-to-Source Voltage
Fig 7. Typical Source-Drain Diode
Forward Voltage
0
10
20
30
40
50
0
4
8
12
16
20
Q , Total Gate Charge (nC)
G
I =
D 5.2A
V
= 11V
DS
V
= 27V
DS
V
= 44V
DS
0.1
1
10
100
0.2
0.5
0.8
1.1
1.4
V
,Source-to-Drain Voltage (V)
SD
V
= 0 V
GS
T = 175 C
J
°
T = 25 C
J
°
0.1
1
10
100
1000
0.1
1
10
100
1000
OPERATION IN THIS AREA LIMITED
BY RDS(on)
Single Pulse
T
T
= 175 C
= 25 C
°
°
J
C
V
, Drain-to-Source Voltage (V)
DS
10us
100us
1ms
10ms
1
10
100
VDS, Drain-to-Source Voltage (V)
0
200
400
600
800
1000
1200
1400
Coss
Crss
Ciss
VGS = 0V,
f = 1 MHZ
C iss
= Cgs + Cgd , Cds
SHORTED
Crss = Cgd
Coss = Cds + Cgd


Similar Part No. - IRF7341GPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7341 IRF-IRF7341 Datasheet
134Kb / 7P
   HEXFET Power MOSFET
logo
Guangdong Youtai Semico...
IRF7341 UMW-IRF7341 Datasheet
379Kb / 7P
   Generation V Technology
logo
International Rectifier
IRF7341IPBF IRF-IRF7341IPBF Datasheet
138Kb / 7P
   HEXFET Power MOSFET
IRF7341PBF IRF-IRF7341PBF Datasheet
158Kb / 7P
   HEXFET Power MOSFET
IRF7341PBF IRF-IRF7341PBF Datasheet
163Kb / 7P
   Generation V Technology
More results

Similar Description - IRF7341GPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFBA1405PPBF IRF-IRFBA1405PPBF Datasheet
153Kb / 10P
   HEXFET짰 Power MOSFET
IRFR3707PBF IRF-IRFR3707PBF Datasheet
221Kb / 9P
   HEXFET짰 Power MOSFET
IRFZ44EPBF IRF-IRFZ44EPBF Datasheet
147Kb / 8P
   HEXFET짰 Power MOSFET
IRLZ44NSPBF IRF-IRLZ44NSPBF Datasheet
336Kb / 10P
   HEXFET짰 Power MOSFET
IRF520VPBF IRF-IRF520VPBF Datasheet
150Kb / 8P
   HEXFET짰 Power MOSFET
IRFBC40SPBF IRF-IRFBC40SPBF Datasheet
360Kb / 10P
   HEXFET짰 Power MOSFET
IRLIZ24NPBF IRF-IRLIZ24NPBF Datasheet
843Kb / 8P
   HEXFET짰 Power MOSFET
IRF1010EPBF IRF-IRF1010EPBF Datasheet
231Kb / 8P
   HEXFET짰 Power MOSFET
IRFI1010NPBF IRF-IRFI1010NPBF Datasheet
234Kb / 9P
   HEXFET짰 Power MOSFET
IRFD014PBF IRF-IRFD014PBF Datasheet
2Mb / 8P
   HEXFET짰 Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com