Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF7341GTRPbF Datasheet(PDF) 1 Page - International Rectifier

Part # IRF7341GTRPbF
Description  HEXFET짰 Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7341GTRPbF Datasheet(HTML) 1 Page - International Rectifier

  IRF7341GTRPbF Datasheet HTML 1Page - International Rectifier IRF7341GTRPbF Datasheet HTML 2Page - International Rectifier IRF7341GTRPbF Datasheet HTML 3Page - International Rectifier IRF7341GTRPbF Datasheet HTML 4Page - International Rectifier IRF7341GTRPbF Datasheet HTML 5Page - International Rectifier IRF7341GTRPbF Datasheet HTML 6Page - International Rectifier IRF7341GTRPbF Datasheet HTML 7Page - International Rectifier IRF7341GTRPbF Datasheet HTML 8Page - International Rectifier IRF7341GTRPbF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
HEXFET® Power MOSFET
These HEXFET ® Power MOSFET’s in a Dual SO-8 package
utilize the lastest processing techniques to achieve extremely
low on-resistance per silicon area. Additional features of these
HEXFET Power MOSFET’s are a 175°C junction operating
temperature, fast switching speed and improved repetitive
avalanche rating. These benefits combine to make this design
an extremely efficient and reliable device for use in a wide
variety of other applications.
The 175°C rating for the SO-8 package provides improved
thermal performance with increased safe operating area and
dual MOSFET die capability make it ideal in a variety of power
applications. This dual, surface mount SO-8 can dramatically
reduce board space and is also available in Tape & Reel.
Advanced Process Technology
• ÿDual N-Channel MOSFET
• ÿUltra Low On-Resistance
• ÿ175°C Operating Temperature
• ÿ Repetitive Avalanche Allowed up to Tjmax
• ÿLead-Free
• ÿ
Halogen-Free
Description
SO-8
VDSS
RDS(on) max
ID
55V
0.050@VGS = 10V
5.1A
0.065@VGS = 4.5V
4.42A
D1
D1
D2
D2
G1
S2
G2
S1
Top View
8
1
2
3
4
5
6
7
Absolute Maximum Ratings
Parameter
Max.
Units
VDS
Drain-Source Voltage
55
V
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
5.1
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
4.2
A
IDM
Pulsed Drain Current

42
PD @TA = 25°C
Maximum Power Dissipation
ƒ
2.4
W
PD @TA = 70°C
Maximum Power Dissipation
ƒ
1.7
W
Linear Derating Factor
16
mW/°C
VGS
Gate-to-Source Voltage
± 20
V
EAS
Single Pulse Avalanche Energy
‚
140
mJ
IAR
Avalanche Current

5.1
A
EAR
Repetitive Avalanche Energy
See Fig. 14, 15, 16
mJ
TJ , TSTG
Junction and Storage Temperature Range
-55 to + 175
°C
Thermal Resistance
Parameter
Max.
Units
RθJA
Maximum Junction-to-Ambient
ƒ
62.5
°C/W
IRF7341GPbF
1
www.irf.com © 2014 International Rectifier
Submit Datasheet Feedback
February 20, 2014
Form
Quantity
Tube/Bulk
95
IRF7341GPbF
Tape and Reel
4000
IRF7341GTRPbF
Package Type
Standard Pack
Orderable Part Number
IRF7341GPbF
SO-8
Base Part Number


Similar Part No. - IRF7341GTRPbF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7341 IRF-IRF7341 Datasheet
134Kb / 7P
   HEXFET Power MOSFET
logo
Guangdong Youtai Semico...
IRF7341 UMW-IRF7341 Datasheet
379Kb / 7P
   Generation V Technology
logo
International Rectifier
IRF7341IPBF IRF-IRF7341IPBF Datasheet
138Kb / 7P
   HEXFET Power MOSFET
IRF7341PBF IRF-IRF7341PBF Datasheet
158Kb / 7P
   HEXFET Power MOSFET
IRF7341PBF IRF-IRF7341PBF Datasheet
163Kb / 7P
   Generation V Technology
More results

Similar Description - IRF7341GTRPbF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFBA1405PPBF IRF-IRFBA1405PPBF Datasheet
153Kb / 10P
   HEXFET짰 Power MOSFET
IRFR3707PBF IRF-IRFR3707PBF Datasheet
221Kb / 9P
   HEXFET짰 Power MOSFET
IRFZ44EPBF IRF-IRFZ44EPBF Datasheet
147Kb / 8P
   HEXFET짰 Power MOSFET
IRLZ44NSPBF IRF-IRLZ44NSPBF Datasheet
336Kb / 10P
   HEXFET짰 Power MOSFET
IRF520VPBF IRF-IRF520VPBF Datasheet
150Kb / 8P
   HEXFET짰 Power MOSFET
IRFBC40SPBF IRF-IRFBC40SPBF Datasheet
360Kb / 10P
   HEXFET짰 Power MOSFET
IRLIZ24NPBF IRF-IRLIZ24NPBF Datasheet
843Kb / 8P
   HEXFET짰 Power MOSFET
IRF1010EPBF IRF-IRF1010EPBF Datasheet
231Kb / 8P
   HEXFET짰 Power MOSFET
IRFI1010NPBF IRF-IRFI1010NPBF Datasheet
234Kb / 9P
   HEXFET짰 Power MOSFET
IRFD014PBF IRF-IRFD014PBF Datasheet
2Mb / 8P
   HEXFET짰 Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com