Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR35204MTYPBF Datasheet(PDF) 3 Page - International Rectifier

Part # IR35204MTYPBF
Description  31 Dual Output Digital Multi-Phase Controller
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR35204MTYPBF Datasheet(HTML) 3 Page - International Rectifier

  IR35204MTYPBF Datasheet HTML 1Page - International Rectifier IR35204MTYPBF Datasheet HTML 2Page - International Rectifier IR35204MTYPBF Datasheet HTML 3Page - International Rectifier IR35204MTYPBF Datasheet HTML 4Page - International Rectifier IR35204MTYPBF Datasheet HTML 5Page - International Rectifier IR35204MTYPBF Datasheet HTML 6Page - International Rectifier IR35204MTYPBF Datasheet HTML 7Page - International Rectifier IR35204MTYPBF Datasheet HTML 8Page - International Rectifier IR35204MTYPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 61 page
background image
IR35204
www.irf.com | © 2016 International Rectifier
February 8, 2016 | V1.6
3
3+1 Dual Output Digital Multi-Phase Controller
FUNCTIONAL BLOCK DIAGRAM
ISEN3
IRTN3
ISEN1_L2
IRTN1_L2
TSEN
VINSEN
VSEN
VRTN
Control
and
Monitoring
PWM Generator
Vout1_Error
PWM1
PWM2
PWM3
PWM1_L2
Reference,
Oscillator,
State Control,
Interfaces,
Registers and
MTP
SM_DIO
ADC Clocks
MUX Clocks
Phase_Period_1
V3_3
Iout
Vin
Temp
Fault Bus
System Clock
Iout
Vin
Temp
Vout
Fault Bus
System Clock
Σ
VID_1
VID_2
Current &
Monitor ADC
ITOT_1
ITOT_2
IP1
IP2
IP3
IP1_L2
Mode Control
IP1_L2
LDO
VCC
1.8V
CFILT
SM_CLK
EN
VRHOT_ICRIT#
VRDY1
VRDY2
Phase_
Period_1
RCSP
RSCM
AFE_1
VSEN_L2
RCSP_L2
AFE_2
SV_ALERT#
SV_CLK
SV_DIO
MTP
ADDR_PROT
Programming
ChargePump
EN_L2/CAT_FLT/PWROK
ISEN2
IRTN2
ISEN1
IRTN1
VRTN_L2
RSCM_L2
Phase_Period_2
Phase_
Period_2
Vout2_Error
IP1
IP2
IP3
SV_ADDR/VDDIO
VAUXSEN/
TSEN2
I_IN
PIN_ALERT#
Voltage
High
Speed
ADC
VID_1
VID_2
ITOT_2
Voltage
High
Speed
ADC
Figure 2: IR35204 Block Diagram


Similar Part No. - IR35204MTYPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR35201 IRF-IR35201 Datasheet
1Mb / 60P
   80/71/62 Dual Output Digital Multi-Phase Controller
IR35201MTRPBF IRF-IR35201MTRPBF Datasheet
1Mb / 60P
   80/71/62 Dual Output Digital Multi-Phase Controller
IR35201MTYPBF IRF-IR35201MTYPBF Datasheet
1Mb / 60P
   80/71/62 Dual Output Digital Multi-Phase Controller
IR35201MxxyyTRP1 IRF-IR35201MxxyyTRP1 Datasheet
1Mb / 60P
   80/71/62 Dual Output Digital Multi-Phase Controller
IR35203 IRF-IR35203 Datasheet
1Mb / 56P
   61 Dual Output Digital Multi-Phase Controller
More results

Similar Description - IR35204MTYPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR35203 IRF-IR35203 Datasheet
1Mb / 56P
   61 Dual Output Digital Multi-Phase Controller
IR3567A IRF-IR3567A_15 Datasheet
399Kb / 4P
   Dual Output Digital Multi-Phase Controller
IR3566A IRF-IR3566A Datasheet
379Kb / 4P
   Dual Output Digital Multi-Phase Controller
IR3565A IRF-IR3565A Datasheet
358Kb / 4P
   Dual Output Digital Multi-Phase Controller
IR3567A IRF-IR3567A Datasheet
363Kb / 4P
   Dual Output Digital Multi-Phase Controller
logo
List of Unclassifed Man...
IR3567B ETC-IR3567B Datasheet
530Kb / 2P
   Dual Output Digital Multi-Phase Controller
August 1, 2013 - V1.04
logo
International Rectifier
IR3564A IRF-IR3564A_15 Datasheet
419Kb / 4P
   Dual Output Digital Multi-Phase Controller
IR3581 IRF-IR3581_15 Datasheet
246Kb / 5P
   Dual Output Digital Multi-Phase Controller
IR3564A IRF-IR3564A Datasheet
392Kb / 4P
   Dual Output Digital Multi-Phase Controller
IR3566A IRF-IR3566A_15 Datasheet
413Kb / 4P
   Dual Output Digital Multi-Phase Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com