Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C220-075 Datasheet(PDF) 1 Page - Ohmite Mfg. Co.

Part # C220-075
Description  Maximum Repeatability Constant spring force over repeated assembly/disassembly
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

C220-075 Datasheet(HTML) 1 Page - Ohmite Mfg. Co.

  C220-075 Datasheet HTML 1Page - Ohmite Mfg. Co. C220-075 Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
168
Surface
Heatsink
Area
Weight
Length “L”
Part Number
(in2/mm2)
(oz/g)
(mm)
C247-025
11 / 7,312
0.5 / 15
25
C247-050
23 / 14,858
1.1 / 31
50
C247-075
34 / 21,655
1.6 / 45
75
C264-030
13 / 8,774
0.7 / 19
30
C264-058
25 / 16,963
1.35 / 37
58
C264-085
37 / 24,861
1.97 / 54
85
C220-025
11 / 7,312
0.5 / 15
25
C220-050
23 / 14,858
1.1 / 31
50
C220-075
34 / 21,655
1.6 / 45
75
C126-025
10.2 / 6,559 0.45 / 12.7
25
C126-040 16.3 / 10,495 0.72 / 20.3
40
C126-050 20.4 / 13,119 0.90 / 25.4
50
C126-075 30.6 / 21,655 1.35 / 38.1
75
Ohmite introduces the C series (Pat. Pending). This
series offers high performance, low cost and a
compact heat sink with an integrated camming clip
system for TO-126, TO-220, TO-247 and TO-264
devices. This powerful heat sink provides tool and
fixture free assembly operation, largest surface areas
and smallest space occupation. It is the ideal type of
heat sink for high power density and small size (1U
or 2U) electronic packaging with forced convection
cooling.
FEA TURES
•MinimumassemblycostandlaborSpringClips
make the mounting holes, fasteners, tools and
fixtures obsolete in assembly operations & reduce
costs.
•MaximumThermalTransferMaximumsurfacearea
per unit volume, efficient cooling fins & consistent
mounting force reduces thermal resistance.
•MaximumRepeatabilityConstantspringforceover
repeated assembly/disassembly.
•MaximumReliabilityResilientspringactionlocks
electronic component in place. Fewer parts in
assembly and no fasteners and washers required.
Prevent short circuit by eliminating metal particles
generated from hardware or thread tapping.
•DesignFlexibilityMaximumflexibilityfordynamic
device locations and power upgrading. “Configure-
to-Fit” gives designers total freedom to configure
heat sink needed to fit into a multitude design envi-
ronments.
C Series
TO-126, TO-247, TO-220
and TO-264 Package Heatsinks
C h ARACTER i ST i CS
Heat Sink
Aluminum Alloy 6063-T5 or Equivalent
with either degreased or black anod-
ized finish.
Spring Clip
Music Wire, Per ASTM A228 with
bright nickel plating
Solder Foot
Cold-rolled Steel, Per ASTM A-366
with pure tin over copper strike. RoHS
compliant.
Interface
Thermal
Resistance
for improvement, use thermal joint
compound, 0.005 Grafoil (TGon 800
by Laird), or phase change material
(Hi-Flow by Bergquist)
Insulato
r (Optional) Sil-Pad 900-S, K6 800-S
and K10 by Bergquist
SER i ES SPEC i F i CAT i ONS
hEAT Di SS i P AT i ON
Heat Dissipated, total for ALL devices (watts)
120
80
0
510
100
15
0
140
2
1
0
3
8
7
9
600
200
400
1000
60
40
20
5
6
4
Air Velocity (ft./min.)
800
C247-025-1AE (1 device)
C247-050-2AE (2 devices)
C247-075-3AE (3 devices)
HeatdissipationisthetotalforALLDEVICESattachedtoheatsink.
Total Heat Dissipated (watts)
36
32
22
6
7
8
9
10
34
2
3
4
5
38
12
10
600
200
400
1000
30
28
24
26
6
8
4
Air Velocity (ft./min.)
800
TO-126/CE-S102 (25mm long)
one device w/Sil-pad 900s
(continued)


Similar Part No. - C220-075

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
C220-075 OHMITE-C220-075 Datasheet
309Kb / 2P
   TO-247, TO-220 and TO-264 Package Heatsinks
C220-075 OHMITE-C220-075 Datasheet
525Kb / 2P
   Ohmite introduces the C series
More results

Similar Description - C220-075

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
SINK-W OHMITE-SINK-W Datasheet
530Kb / 2P
   Maximum Repeatability
R2-SERIES OHMITE-R2-SERIES Datasheet
333Kb / 2P
   clamping force of the clip is not degraded by repeated loading and unloading.
logo
PHOENIX CONTACT
1203699 PHOENIX-1203699 Datasheet
42Kb / 1P
   Force and pressure test equipment - CRIMPFOX SPRING
logo
Harwin Plc
M90-6010845 HARWIN-M90-6010845 Datasheet
175Kb / 1P
   SPRING PROBE ASSEMBLY
logo
PHOENIX CONTACT
1809694 PHOENIX-1809694 Datasheet
110Kb / 4P
   Low temperature rise, thanks to maximum contact force
logo
Tyco Electronics
5050864-1 MACOM-5050864-1 Datasheet
86Kb / 1P
   MINIATURE SPRING SOCKET ASSEMBLY
logo
Zilog, Inc.
Z8932311ZEM ZILOG-Z8932311ZEM Datasheet
98Kb / 5P
   Symbolic Disassembly in the Debug Window
logo
STMicroelectronics
STB30NF20L STMICROELECTRONICS-STB30NF20L Datasheet
853Kb / 14P
   Very good manufacturing repeatability
logo
Harwin Plc
M90-604 HARWIN-M90-604 Datasheet
131Kb / 1P
   SPRING PROBE ASSEMBLY LONG TAIL
logo
PHOENIX CONTACT
1205998 PHOENIX-1205998 Datasheet
44Kb / 1P
   Force and pressure test equipment - CRIMPFOX UD 6-6/6-4 SPRING
12/03/2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com