Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WHC10RFE Datasheet(PDF) 1 Page - Ohmite Mfg. Co.

Part # WHC10RFE
Description  Encapsulated by epoxy molding compound
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

WHC10RFE Datasheet(HTML) 1 Page - Ohmite Mfg. Co.

  WHC10RFE Datasheet HTML 1Page - Ohmite Mfg. Co. WHC10RFE Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
101
WH/WN Series
Miniature Molded Wirewound
Fea ture S
•WHprecisionseries
•WNArytonPerrywindingNon-Inductiveseries:
Inductance<1nHat1MHZtest,
•DesignedtomeetMIL-R-26F,MIL-STD-202stan-
dardrequirements
•Manufacturingprocess-Wirewinding/Spot
Welding-byComputerNumericalControl(CNC)
machinetoolstoensureconsistencyofproduct
quality.
•Encapsulatedbyepoxymoldingcompound
•AdvancedICencapsulationmold/dietechnologies
c H aracteri S tic S
Ceramic Core
CeramTec Rubalit® 85% alumina
End Caps
Stainless steel, precision formed
Leads
Copper wire,100% Sn (lead free)
coated
Resistance Wire
ISAOHM® wire TC ±20ppm/°C
Encapsulation
SUMICON 1100/1200 Epoxy molding
compound for IC encapsulation
Standard Tolerance
D (0.5%), F (1.0%), J (5.0%)
Temperature
Coefficient (ppm/°C)
±90 for 0.100Ω-0.99Ω, ±50 for
1.00Ω-10.00Ω, ±20 for >10.00Ω
Maximum Working
Voltage
(PxR)1/2
Derating Linearly from 100% @ +70°C to 0%
@ +150°C.
Operating Temp -55°C to +150°C
S erie S SP eci F icati ONS
Power
Resistance
Rating
Range
Weight
Type (watts)
(
Ω)
(g/1000pc)
WHA 0.5 0.100 - 1.0K
216
WNA
0.100 - 250
WHB
1
0.100 - 4.0K
296
WNB
0.100 - 1.0K
WHC
2
0.10 - 8.0K
712
WNC
0.10 - 2.0K
WHD
3
0.10 - 25K
1160
WND
0.10 - 5.0K
WHE
5
0.10 - 50K
2920
WNE
0.10 - 10K
LD
0.984 /
25
d
��
dime NS i ONS
Type
Wattage
L
D
d
WH/NA
0.5 5.08 / 0.200
2.54 / 0.100
0.60 / 0.024
WH/NB
1
7.00 / 0.276
3.30 / 0.130
0.60 / 0.024
WH/NC
2
11.4 / 0.450
4.57 / 0.180
0.80 / 0.031
WH/ND
3 13.54 / 0.530 5.50 / 0.216
0.80 / 0.031
WH/NE
5 20.00 / 0.790 7.50 / 0.295
1.00 / 0.039
Tape
Reel
Pc/
Width
Pitch
Diam.
reel
64 / 2.520 5.0 / 0.197 290 / 11.41 1000
64 / 2.520 5.0 / 0.197 290 / 11.41 1000
64 / 2.520 10 / 0.393 290 / 11.41 1000
84 / 3.307 10 / 0.393 290 / 11.41 500
84 / 3.307 10 / 0.393 290 / 11.41 500
Packaging
(continued)


Similar Part No. - WHC10RFE

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
WHC10RFE OHMITE-WHC10RFE Datasheet
119Kb / 1P
   Miniature Molded Wirewound
WHC10RFE OHMITE-WHC10RFE Datasheet
168Kb / 2P
   WH precision series
More results

Similar Description - WHC10RFE

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDMC8D28 SUMIDA-CDMC8D28_11 Datasheet
144Kb / 4P
   Metal compound molding type construction.
CDMC80D50AA SUMIDA-CDMC80D50AA Datasheet
221Kb / 4P
   Metal compound molding type construction
logo
Clairex Technologies, I...
CL9P5LQ CLAIREX-CL9P5LQ Datasheet
100Kb / 1P
   Epoxy-encapsulated Photoconductors
logo
List of Unclassifed Man...
832WC ETC-832WC Datasheet
170Kb / 8P
   Optically Clear Epoxy, Encapsulating & Potting Compound
07 February 2020
logo
3M Electronics
DP270 3M-DP270 Datasheet
225Kb / 8P
   Scotch-WeldTM Epoxy Potting Compound/Adhesive
logo
Banner Engineering Corp...
T18-2 BANNER-T18-2 Datasheet
694Kb / 10P
   Epoxy Encapsulated Right-Angle Sensor
logo
Micro Electronics
MS61D MICRO-ELECTRONICS-MS61D Datasheet
57Kb / 1P
   SOLID STATE INDICATORS ARE ENCAPSULATED IN RECTANGULAR EPOXY PACKAGE
MSB62D MICRO-ELECTRONICS-MSB62D Datasheet
56Kb / 1P
   SOLID STATE INDICATORS ARE ENCAPSULATED IN RECTANGULAR EPOXY PACKAGE
logo
NEC
HQ1F3P NEC-HQ1F3P Datasheet
111Kb / 6P
   COMPOUND TRANSISTOR
BA1A3Q NEC-BA1A3Q Datasheet
103Kb / 4P
   COMPOUND TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com