Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF19090S Datasheet(PDF) 5 Page - Motorola, Inc

Part # MRF19090S
Description  RF POWER FIELD EFFECT TRANSISTORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF19090S Datasheet(HTML) 5 Page - Motorola, Inc

  MRF19090S Datasheet HTML 1Page - Motorola, Inc MRF19090S Datasheet HTML 2Page - Motorola, Inc MRF19090S Datasheet HTML 3Page - Motorola, Inc MRF19090S Datasheet HTML 4Page - Motorola, Inc MRF19090S Datasheet HTML 5Page - Motorola, Inc MRF19090S Datasheet HTML 6Page - Motorola, Inc MRF19090S Datasheet HTML 7Page - Motorola, Inc MRF19090S Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
MRF19090 MRF19090S MRF19090SR3
MOTOROLA RF DEVICE DATA
TYPICAL CHARACTERISTICS
Figure 3. Class AB Performance versus Frequency
f, FREQUENCY (MHz)
15
10
1940
25
Figure 4. CDMA Performance ACPR, Gain and
Drain Efficiency versus Output Power
10
25
Pout, OUTPUT POWER (WATTS (Avg.))
35
20
1920
2000
5
1900
-35
Figure 5. Third Order Intermodulation Distortion
versus Output Power
Pout, OUTPUT POWER (WATTS) PEP
-55
Figure 6. Intermodulation Products
versus Output Power
Pout, OUTPUT POWER (WATTS) PEP
Figure 7. Power Gain versus Output Power
Pout, OUTPUT POWER (WATTS) PEP
100
1
1
11.5
13
40
-50
-40
-30
-15
-25
20
30
10
10.5
1960
1980
15
30
100
10
1
10
2020
100
35
-10
-20
-30
30
-20
-45
-35
-25
-70
-20
-50
-60
-40
-30
12.5
Figure 8. Third Order Intermodulation Distortion
and Gain versus Supply Voltage
VDD, DRAIN VOLTAGE (VOLTS)
32
24
11.5
12.5
28
22
11
10.5
12
15
25
-80
-40
-60
-30
-50
-70
35
2.25 MHz
885 kHz
1.25 MHz
VDD = 26 Vdc, IDQ = 1.1 A, f = 1960 MHz, Channel Spacing
(Channel Bandwidth): 885 kHz (30 kHz), 1.25 MHz
(12.5 kHz), 2.25 MHz (1 MHz)
9 Channel Forward
Pilot:0, Paging:1, Traffic:8-13,
Sync:32
10
950 mA
750 mA
550 mA
VDD = 26 Vdc
f = 1960 MHz
100 kHz Tone Spacing
VDD = 26 Vdc
IDQ = 750 mA
f = 1960 MHz
100 kHz Tone Spacing
-38
-24
-28
-34
-36
-22
-26
-32
-30
26
30
Pout = 90 W (PEP)
IDQ = 750 mA, f = 1960 MHz
100 kHz Tone Spacing
η
Gps
Gps
IMD
η
IRL
IMD
Gps
VDD = 26 Vdc
Pout = 90 W (PEP)
IDQ = 750 mA
100 kHz Tone Spacing
20
010
11
12
950 mA
750 mA
550 mA
VDD = 26 Vdc
f = 1960 MHz
100 kHz Tone Spacing
3rd Order
5th Order
7th Order


Similar Part No. - MRF19090S

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF19090SR3 FREESCALE-MRF19090SR3 Datasheet
350Kb / 8P
   RF Power Field Effect Transistors
More results

Similar Description - MRF19090S

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF19045R3 MOTOROLA-MRF19045R3 Datasheet
326Kb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
logo
Freescale Semiconductor...
MRF1535NT1 FREESCALE-MRF1535NT1_06 Datasheet
486Kb / 14P
   RF Power Field Effect Transistors
MRF5S9100NR1 FREESCALE-MRF5S9100NR1 Datasheet
525Kb / 16P
   RF Power Field Effect Transistors
MRF7S21170HR3 FREESCALE-MRF7S21170HR3_12 Datasheet
452Kb / 17P
   RF Power Field Effect Transistors
MRF8P18265H FREESCALE-MRF8P18265H Datasheet
616Kb / 14P
   RF Power Field Effect Transistors
MRF8S18210WHS FREESCALE-MRF8S18210WHS Datasheet
756Kb / 18P
   RF Power Field Effect Transistors
MRF6S23140H_V2 FREESCALE-MRF6S23140H_V2 Datasheet
437Kb / 12P
   RF Power Field Effect Transistors
MRF8S8260HR3 FREESCALE-MRF8S8260HR3 Datasheet
581Kb / 14P
   RF Power Field Effect Transistors
logo
Motorola, Inc
MRF373R1 MOTOROLA-MRF373R1 Datasheet
1Mb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
MRF21125 MOTOROLA-MRF21125 Datasheet
381Kb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
MRF9120 MOTOROLA-MRF9120 Datasheet
316Kb / 12P
   RF Power Field Effect Transistors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com