Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM1712 Datasheet(PDF) 10 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # PCM1712
Description  DIGITAL-TO-ANALOG CONVERTER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM1712 Datasheet(HTML) 10 Page - Burr-Brown (TI)

Back Button PCM1712 Datasheet HTML 6Page - Burr-Brown (TI) PCM1712 Datasheet HTML 7Page - Burr-Brown (TI) PCM1712 Datasheet HTML 8Page - Burr-Brown (TI) PCM1712 Datasheet HTML 9Page - Burr-Brown (TI) PCM1712 Datasheet HTML 10Page - Burr-Brown (TI) PCM1712 Datasheet HTML 11Page - Burr-Brown (TI) PCM1712 Datasheet HTML 12Page - Burr-Brown (TI) PCM1712 Datasheet HTML 13Page - Burr-Brown (TI) PCM1712 Datasheet HTML 14Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
®
10
PCM1712
SERIAL MODE
PARALLEL MODE
FUNCTION
(MODE = H)
(MODE = L)
Input Data Format Selection
0
X (Normal Mode Fixed)
Input LRCI Polarity Selection
0
X
De-emphasis Control
0
0
Mute
0
0
Attenuation
0
X
Double-Speed Dubbing
0
0
NOTE: 0: Selectable, X: Not Selectable.
FUNCTIONAL DESCRIPTION
PCM1712 has several built-in functions including digital
attenuation, digital de-emphasis and soft mute. These func-
tions are software controlled. PCM1712 can be operated in
two different modes, Serial or Parallel. Serial Mode is a
three-wire interface using pin 26 (MD), pin 27 (MC), and
pin 28 (ML). Data on these pins are used to control de-
emphasis modes, mute, double-speed dubbing, input resolu-
tion and input formats. PCM1712 can also be operated in
parallel mode, where static control signals are used on pins
26 (DM1), pin 27 (DM2), and pin 28 (DSD). Operation of
both of these modes are covered in detail in the next
sections.
CAUTION: Mode control signals operate on level triggered
logic. The minimum timing conditions detailed in Figures 4
and 5 MUST be observed.
MODE = H
Serial Mode
MODE = L
Parallel Mode
TABLE III. Serial and Parallel Mode are Selectable by
MODE Pin (Pin 24).
MODE CONTROL: SERIAL/PARALLEL SELECTION
MODE CONTROL: SELECTABLE FUNCTIONS
DIGITAL ATTENUATION
One of the functions which can be implemented through use
of the serial mode control is attenuation. This function
allows the user to control the level of the output, indepen-
dent of the input level set by the actual input data supplied
to the DAC.
Referring to Figure 5, when the first data bit (B0) on MD
(pin 26) is low, the attenuation function is enabled. The next
seven bits (B1 - B6) define a binary value, ATT_DATA, that
indicates the desired level of attenuation. The attenuation
level is given by:
Level = 20log10 (1 - ATT_DATA/127) dB
When all 7 bits of the ATT_DATA word are high
(ATT_DATA = 127), attenuation is infinite and the output
of PCM1712 will be zero.
NAME
PIN
FUNCTION
MC
27
Clock for Strobing in Data
ML
28
Latches Data into the Registers
MD
26
8-bit Data Word Defining Operation
DSD = H
Normal Mode
DSD = L
Double Speed Dubbing Mode
PARALLEL-MODE: DOUBLE-SPEED DUBBING
CONTROL (PIN 24 [MODE] = L)
TABLE VI. DSD (Pin 28).
In the parallel mode, double-speed dubbing can be enabled
by holding pin 28 (DSD) at logic “low”.
SERIAL MODE CONTROL
In order to use all of PCM1712’s functionality, the serial
mode control should be used. PCM1712 must be addressed
three separate times to set all of the various registers and
flags that control these functions.
Table VII together with Figure 6 details the control of the
PCM1712 in the serial mode. Internal latches are used to
hold this serial data until the PCM1712 is enabled to use the
data. The serial mode is used by applying clocked data to the
following pins:
TABLE IV. Selectable Functions in Serial Mode and
Parallel Mode.
Table IV indicates which functions are selectable within the
user’s chosen mode. All of the functions shown are select-
able within the serial mode, but only de-emphasis control,
mute and double-speed dubbing may be selected when using
PCM1712 in the parallel mode.
PARALLEL-MODE: DE-EMPHASIS CONTROL
(PIN 24 [MODE] = L)
DM1 (Pin 26)
DM2 (Pin 27)
De-emphasis
L
L
OFF
H
L
32kHz
L
H
48kHz
H
H
44.1kHz
TABLE V. De-emphasis (Pins 26 and 27).
In the parallel mode, de-emphasis conditions are controlled
by the logic levels on pin 26 (DM1) and pin 27 (DM2). For
PCM1712, de-emphasis can operate at 32kHz, 44.1kHz,
48kHz, or disabled.


Similar Part No. - PCM1712

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1710 BURR-BROWN-PCM1710 Datasheet
192Kb / 17P
   Stereo Audio DIGITAL-TO-ANALOG CONVERTER
PCM1710U BURR-BROWN-PCM1710U Datasheet
192Kb / 17P
   Stereo Audio DIGITAL-TO-ANALOG CONVERTER
PCM1715 BURR-BROWN-PCM1715 Datasheet
77Kb / 9P
   Dual Voltage Output CMOS Delta-Sigma DIGITAL-TO-ANALOG CONVERTER With On-Chip Digital Filter
PCM1715U BURR-BROWN-PCM1715U Datasheet
77Kb / 9P
   Dual Voltage Output CMOS Delta-Sigma DIGITAL-TO-ANALOG CONVERTER With On-Chip Digital Filter
PCM1716 BURR-BROWN-PCM1716 Datasheet
222Kb / 14P
   24-Bit, 96kHz Sampling CMOS Delta-Sigma Stereo Audio DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - PCM1712

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL505C TI-TL505C Datasheet
316Kb / 7P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS820 TI1-ADS820_13 Datasheet
409Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM2702 TI1-PCM2702_09 Datasheet
427Kb / 17P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM4201 TI1-PCM4201_16 Datasheet
847Kb / 26P
[Old version datasheet]   Analog-to-Digital Converter
PCM4204 TI1-PCM4204_16 Datasheet
1Mb / 38P
[Old version datasheet]   Analog-to-Digital Converter
ADS7821 TI1-ADS7821 Datasheet
201Kb / 11P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7805 TI1-ADS7805 Datasheet
949Kb / 20P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7809 TI1-ADS7809 Datasheet
1Mb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM1741 TI1-PCM1741_08 Datasheet
496Kb / 24P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1718E TI1-PCM1718E_15 Datasheet
347Kb / 14P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1728 TI1-PCM1728_15 Datasheet
328Kb / 16P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com