Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS4DDR232M72APBG-5 Datasheet(PDF) 5 Page - Micross Components

Part # AS4DDR232M72APBG-5
Description  4-bit prefetch architecture
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

AS4DDR232M72APBG-5 Datasheet(HTML) 5 Page - Micross Components

  AS4DDR232M72APBG-5 Datasheet HTML 1Page - Micross Components AS4DDR232M72APBG-5 Datasheet HTML 2Page - Micross Components AS4DDR232M72APBG-5 Datasheet HTML 3Page - Micross Components AS4DDR232M72APBG-5 Datasheet HTML 4Page - Micross Components AS4DDR232M72APBG-5 Datasheet HTML 5Page - Micross Components AS4DDR232M72APBG-5 Datasheet HTML 6Page - Micross Components AS4DDR232M72APBG-5 Datasheet HTML 7Page - Micross Components AS4DDR232M72APBG-5 Datasheet HTML 8Page - Micross Components AS4DDR232M72APBG-5 Datasheet HTML 9Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
iPEM
2.4 Gb SDRAM-DDR2
AS4DDR232M72APBG
AS4DDR232M72APBG
Rev. 1.1 12/12
5
Micross Components reserves the right to change products or specifications without notice.
following two sets of conditions (A or B) must be met to
obtainastablesupplystate(stablesupplydefinedas
V
CC, V CCQ, V REF, and V TT ar e bet ween t heir
minimum and maximum values as stated in Table20);
A. (single power source) The V
CC voltage ramp from
300mV to V
CC (MIN) must take no longer than
200ms; during the V
CC voltage ramp, |VCC - VCCQ|
± 0.3V. Once supply voltage ramping is complete
(when V
CCQ crosses V CC (MIN)), Table 20
specificationsapply.
• V
CC, VCCQ are driven from a single power
converter output
• V
TT is limited to 0.95V MAX
• V
REF tracks V CCQ/2; V REF must be within
± 0.3V with respect to V
CCQ/2 during supply ramp
time
• V
CCQ > VREF at all times
B. (multiple power sources) V
CC > VCCQ must be
maintained during supply voltage ramping, for both
AC and DC levels, until supply voltage ramping
completes (V
CCQ crosses VCC [MIN]). Once supply
voltagerampingiscomplete,Table20specifications
apply.
• Apply V
CC before or at the same time as
V
CCQ; VCC voltage ramp time must be < 200ms
from when V
CC ramps from 300mV to VCC (MIN)
• ApplyV
CCQ before or at the same time as VTT; the
V
CCQ voltage ramp time from when VCC (MIN) is
achieved to when V
CCQ (MIN) is achieved must be
<500ms; while V
CC is ramping, current can be
supplied from V
CC through the device to VCCQ
• VREF must track VCCQ/2, VREF must be within
± 0.3V with respect to V
CCQ/2 during supply ramp
time; V
CCQ > VREF must be met at all times
• ApplyV
TT; The VTT voltage ramp time from when
V
CCQ (MIN) is achieved to when VTT(MIN) is achieved
must be no greater than 500ms
2. For a minimum of 200
µs after stable power nd clock
(CK, CK#), apply NOP or DESELECT commands and
take CKE HIGH.
3. Wait a minimum of 400ns, then issue a
PRECHARGE ALL command.
4. Issue an LOAD MODE command to the EMR(2). (To
issue an EMR(2) command, provide LOW to BA0,
provide HIGH to BA1.)
5. Issue a LOAD MODE command to the EMR(3). (To
issue an EMR(3) command, provide HIGH to BA0 and
BA1.)
6. Issue an LOAD MODE command to the EMR to enable
DLL. To issue a DLL ENABLE command, provide LOW
to BA1 and A0, provide HIGH to BA0. Bits E7, E8, and
E9 can be set to “0” or “1”; Micron recommends setting
them to “0”.
7. Issue a LOAD MODE command for DLL RESET. 200
cycles of clock input is required to lock the DLL. (To
issue a DLL RESET, provide HIGH to A8 and provide
LOW to BA1, and BA0.) CKE must be HIGH the entire
time.
8. Issue PRECHARGE ALL command.
9. Issue two or more REFRESH commands, followed
by a dummy WRITE.


Similar Part No. - AS4DDR232M72APBG-5

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS4DDR232M72PBG AUSTIN-AS4DDR232M72PBG Datasheet
247Kb / 28P
   32Mx72 DDR2 SDRAM iNTEGRATED Plastic Encapsulated Microcircuit
AS4DDR232M72PBG-3/ET AUSTIN-AS4DDR232M72PBG-3/ET Datasheet
247Kb / 28P
   32Mx72 DDR2 SDRAM iNTEGRATED Plastic Encapsulated Microcircuit
AS4DDR232M72PBG-3/IT AUSTIN-AS4DDR232M72PBG-3/IT Datasheet
247Kb / 28P
   32Mx72 DDR2 SDRAM iNTEGRATED Plastic Encapsulated Microcircuit
AS4DDR232M72PBG-3/XT AUSTIN-AS4DDR232M72PBG-3/XT Datasheet
247Kb / 28P
   32Mx72 DDR2 SDRAM iNTEGRATED Plastic Encapsulated Microcircuit
AS4DDR232M72PBG-38/ET AUSTIN-AS4DDR232M72PBG-38/ET Datasheet
247Kb / 28P
   32Mx72 DDR2 SDRAM iNTEGRATED Plastic Encapsulated Microcircuit
More results

Similar Description - AS4DDR232M72APBG-5

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS43DR32160C ISSI-IS43DR32160C Datasheet
1Mb / 44P
   4-bit prefetch architecture
logo
Micross Components
MYX4DDR364M16JT MICROSS-MYX4DDR364M16JT Datasheet
7Mb / 128P
   8n-bit prefetch architecture
logo
Micron Technology
MT41K512M4 MICRON-MT41K512M4 Datasheet
2Mb / 207P
   8n-bit prefetch architecture
logo
Alliance Semiconductor ...
4GB-AUTO-AS4C256M16D3 ALSC-4GB-AUTO-AS4C256M16D3 Datasheet
2Mb / 83P
   8n-bit prefetch architecture
logo
Micross Components
MYX4DDR3L128M16JT MICROSS-MYX4DDR3L128M16JT Datasheet
4Mb / 129P
   8n-bit prefetch architecture
logo
Alliance Semiconductor ...
AS4C256M16D3A-12BCN ALSC-AS4C256M16D3A-12BCN Datasheet
1Mb / 83P
   8n-bit prefetch architecture
logo
Winbond
W97AH6KB WINBOND-W97AH6KB Datasheet
2Mb / 127P
   Four-bit prefetch DDR architecture
logo
Microchip Technology
39504 MICROCHIP-39504 Datasheet
232Kb / 16P
   Section 4. Architecture
2000
logo
ATMEL Corporation
AT91SAM7L128PRE ATMEL-AT91SAM7L128PRE Datasheet
8Mb / 564P
    numberHigh-performance 32-bit RISC Architecture
AT91M42800A ATMEL-AT91M42800A_14 Datasheet
423Kb / 27P
   High-performance 32-bit RISC Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com