Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS4DDR232M72APBGR-5 Datasheet(PDF) 1 Page - Micross Components

Part # AS4DDR232M72APBGR-5
Description  4-bit prefetch architecture
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

AS4DDR232M72APBGR-5 Datasheet(HTML) 1 Page - Micross Components

  AS4DDR232M72APBGR-5 Datasheet HTML 1Page - Micross Components AS4DDR232M72APBGR-5 Datasheet HTML 2Page - Micross Components AS4DDR232M72APBGR-5 Datasheet HTML 3Page - Micross Components AS4DDR232M72APBGR-5 Datasheet HTML 4Page - Micross Components AS4DDR232M72APBGR-5 Datasheet HTML 5Page - Micross Components AS4DDR232M72APBGR-5 Datasheet HTML 6Page - Micross Components AS4DDR232M72APBGR-5 Datasheet HTML 7Page - Micross Components AS4DDR232M72APBGR-5 Datasheet HTML 8Page - Micross Components AS4DDR232M72APBGR-5 Datasheet HTML 9Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
iPEM
2.4 Gb SDRAM-DDR2
AS4DDR232M72APBG
AS4DDR232M72APBG
Rev. 1.1 12/12
1
Micross Components reserves the right to change products or specifications without notice.
32Mx72 DDR2 SDRAM
iNTEGRATED Plastic Encapsulated Microcircuit
FEATURES
DDR2 Data rate = 667, 533, 400
Available in Industrial, Enhanced and Military Temp
Package:
• 255 Plastic Ball Grid Array (PBGA), 25 x 32mm
• 1.27mm pitch
Differential data strobe (DQS, DQS#) per byte
Internal, pipelined, double data rate architecture
4-bit prefetch architecture
DLL for alignment of DQ and DQS transitions with
clock signal
Four internal banks for concurrent operation
(Per DDR2 SDRAM Die)
Programmable Burst lengths: 4 or 8
Auto Refresh and Self Refresh Modes
On Die Termination (ODT)
Adjustable data – output drive strength
1.8V ±0.1V power supply and I/O (VCC/VCCQ)
Programmable CAS latency: 3, 4, 5, or 6
Posted CAS additive latency: 0, 1, 2, 3 or 4
Write latency = Read latency - 1* tCK
Organized as 32M x 72 w/ support for x80
Weight: AS4DDR232M72APBG ~ 3.5 grams typical
NOTE: Self Refresh Mode available on Industrial and Enhanced temp. only
BENEFITS
SPACEconsciousPBGAdefinedforeasy
SMT manufacturability (50 mil ball pitch)
Reduced part count
47% I/O reduction vs Individual CSP approach
Reduced trace lengths for lower parasitic
capacitance
Suitable for hi-reliability applications
Upgradable to 64M x 72 density
(consult factory for info on
AS4DDR264M72PBG)
FUNCTIONAL BLOCK DIAGRAM
ODT
VRef
VCC
VCCQ
VSS
VSSQ
VCCL
VSSDL
VCCL
VSSDL
VCCL
VSSDL
VCCL
VSSDL
VCCL
VSSDL
CS0\
CS1\
CS2\
CS3\
CS4\
Ax, BA0-1
UDMx, LDMx
UDSQx,UDSQx\
LDSQx, LDSQx\
3
2
2
2
3
2
2
2
3
2
2
2
3
2
2
2
3
2
2
2
RASx\,CASx\,WEx\
CKx,CKx\,CKEx
3
3
3
3
3
A
B
CD
DQ0-15
DQ16-31
DQ32-47
DQ48-63
A
B
C
D
DQ64-79
Configuration Addressing
Parameter
32 Meg x 72
Configuration
8 Meg x 16 x 4 Banks
Refresh Count
8K
Row Address
8K (A0‐A12)
Bank Address
4 (BA0‐BA1)
Column Address
1K (A0‐A9)


Similar Part No. - AS4DDR232M72APBGR-5

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS4DDR232M72PBG AUSTIN-AS4DDR232M72PBG Datasheet
247Kb / 28P
   32Mx72 DDR2 SDRAM iNTEGRATED Plastic Encapsulated Microcircuit
AS4DDR232M72PBG-3/ET AUSTIN-AS4DDR232M72PBG-3/ET Datasheet
247Kb / 28P
   32Mx72 DDR2 SDRAM iNTEGRATED Plastic Encapsulated Microcircuit
AS4DDR232M72PBG-3/IT AUSTIN-AS4DDR232M72PBG-3/IT Datasheet
247Kb / 28P
   32Mx72 DDR2 SDRAM iNTEGRATED Plastic Encapsulated Microcircuit
AS4DDR232M72PBG-3/XT AUSTIN-AS4DDR232M72PBG-3/XT Datasheet
247Kb / 28P
   32Mx72 DDR2 SDRAM iNTEGRATED Plastic Encapsulated Microcircuit
AS4DDR232M72PBG-38/ET AUSTIN-AS4DDR232M72PBG-38/ET Datasheet
247Kb / 28P
   32Mx72 DDR2 SDRAM iNTEGRATED Plastic Encapsulated Microcircuit
More results

Similar Description - AS4DDR232M72APBGR-5

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS43DR32160C ISSI-IS43DR32160C Datasheet
1Mb / 44P
   4-bit prefetch architecture
logo
Micross Components
MYX4DDR364M16JT MICROSS-MYX4DDR364M16JT Datasheet
7Mb / 128P
   8n-bit prefetch architecture
logo
Micron Technology
MT41K512M4 MICRON-MT41K512M4 Datasheet
2Mb / 207P
   8n-bit prefetch architecture
logo
Alliance Semiconductor ...
4GB-AUTO-AS4C256M16D3 ALSC-4GB-AUTO-AS4C256M16D3 Datasheet
2Mb / 83P
   8n-bit prefetch architecture
logo
Micross Components
MYX4DDR3L128M16JT MICROSS-MYX4DDR3L128M16JT Datasheet
4Mb / 129P
   8n-bit prefetch architecture
logo
Alliance Semiconductor ...
AS4C256M16D3A-12BCN ALSC-AS4C256M16D3A-12BCN Datasheet
1Mb / 83P
   8n-bit prefetch architecture
logo
Winbond
W97AH6KB WINBOND-W97AH6KB Datasheet
2Mb / 127P
   Four-bit prefetch DDR architecture
logo
Microchip Technology
39504 MICROCHIP-39504 Datasheet
232Kb / 16P
   Section 4. Architecture
2000
logo
ATMEL Corporation
AT91SAM7L128PRE ATMEL-AT91SAM7L128PRE Datasheet
8Mb / 564P
    numberHigh-performance 32-bit RISC Architecture
AT91M42800A ATMEL-AT91M42800A_14 Datasheet
423Kb / 27P
   High-performance 32-bit RISC Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com