Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9177-24CB Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # RT9177-24CB
Description  Ultra-Low-Noise 200mA LDO Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RT9177-24CB Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  RT9177-24CB Datasheet HTML 1Page - List of Unclassifed Manufacturers RT9177-24CB Datasheet HTML 2Page - List of Unclassifed Manufacturers RT9177-24CB Datasheet HTML 3Page - List of Unclassifed Manufacturers RT9177-24CB Datasheet HTML 4Page - List of Unclassifed Manufacturers RT9177-24CB Datasheet HTML 5Page - List of Unclassifed Manufacturers RT9177-24CB Datasheet HTML 6Page - List of Unclassifed Manufacturers RT9177-24CB Datasheet HTML 7Page - List of Unclassifed Manufacturers RT9177-24CB Datasheet HTML 8Page - List of Unclassifed Manufacturers RT9177-24CB Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Preliminary
RT9177
DS9177-00 Feb. 2001
www.richtek-ic.com.tw
3
Absolute Maximum Ratings
Input Voltage VIN
7V
Power Dissipation
SOT-25
0.25W
Operating Junction Temperature Range
−40°C to 125°C
Storage Temperature Range
−65°C to 150°C
Thermal Resistance
RθJA
250
°C/W
Lead Temperature
(Soldering 5 sec.)
260
°C
Electrical Characteristics
(VIN = 5.0V, CIN = 1
µF, COUT = 1µF, TA = 25°C, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Input Voltage
VIN
2.5
--
6
V
Output Voltage Accuracy
∆VOUT IL = 1mA
-2
--
+2
%
Maximum Output Current
IMAX
200
--
--
mA
Current Limit
ILIMIT
RLOAD = 1 Ohm
--
300
--
mA
No Load
--
80
150
GND Pin Current
IG
IOUT = 200mA
--
90
150
µA
IOUT = 1mA
--
1.1
5
IOUT = 50mA
--
55
100
Dropout Voltage
(Note)
(VOUT(Nominal)
≥3.0V Version)
VDROP
IOUT = 200mA
--
220
300
mV
Line Regulation
∆VLINE VIN = (VOUT+0.15) to 6V, IOUT = 1mA -0.2
--
+0.2
%/V
Load Regulation
∆VLOAD IOUT = 0mA to 200mA
--
0.01
0.04
%/mA
SHDN Input High Threshold
VIH
VIN = 3V to 5.5V
1.0
--
--
V
SHDN Input Low Threshold
VIL
VIN = 3V to 5.5V
--
--
0.4
V
SHDN Bias Current
ISD
--
--
100
nA
Shutdown Supply Current
IGSD
VOUT = 0V
--
0.01
1
µA
Thermal Shutdown Temperature
TSD
--
150
--
°C
Output Noise
eno
CBP = 10nF, COUT = 10
µF
--
150
--
nV/
Hz
Ripple Rejection
PSRR
F = 100Hz, CBP = 10nF, COUT = 10
µF
--
68
--
dB
Notes: Dropout voltage definition: VIN - VOUT when VOUT is 50 mV below the value of VOUT at VIN = VOUT + 0.5V


Similar Part No. - RT9177-24CB

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9170 RICHTEK-RT9170 Datasheet
220Kb / 13P
   300mA, 15關A Quiescent Current CMOS LDO Regulator
RT9170-12GB RICHTEK-RT9170-12GB Datasheet
220Kb / 13P
   300mA, 15關A Quiescent Current CMOS LDO Regulator
RT9170-12GV RICHTEK-RT9170-12GV Datasheet
220Kb / 13P
   300mA, 15關A Quiescent Current CMOS LDO Regulator
RT9170-12GX RICHTEK-RT9170-12GX Datasheet
220Kb / 13P
   300mA, 15關A Quiescent Current CMOS LDO Regulator
RT9170-12PB RICHTEK-RT9170-12PB Datasheet
220Kb / 13P
   300mA, 15關A Quiescent Current CMOS LDO Regulator
More results

Similar Description - RT9177-24CB

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP3993 POWER-LP3993 Datasheet
306Kb / 7P
   200mA,Ultra-low Noise LDO Regulator
LP3995 POWER-LP3995 Datasheet
542Kb / 9P
   200mA,Ultra-low Noise LDO Regulator
logo
Unisonic Technologies
LR9200 UTC-LR9200 Datasheet
270Kb / 7P
   LOW NOISE 200mA LDO REGULATOR
LR1122D UTC-LR1122D Datasheet
241Kb / 9P
   LOW NOISE 200mA LDO REGULATOR
logo
RICOH electronics devic...
RP100X RICOH-RP100X Datasheet
1Mb / 28P
   LOW NOISE 200mA LDO REGULATOR
logo
Unisonic Technologies
LR1122D UTC-LR1122D_16 Datasheet
280Kb / 7P
   LOW NOISE 200mA LDO REGULATOR
logo
Richtek Technology Corp...
RT9178 RICHTEK-RT9178_08 Datasheet
153Kb / 11P
   200mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
RT9178 RICHTEK-RT9178 Datasheet
180Kb / 11P
   200mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
RT9182 RICHTEK-RT9182_08 Datasheet
112Kb / 9P
   Dual, Low-Noise, 200mA LDO Regulator
RT9182 RICHTEK-RT9182 Datasheet
212Kb / 10P
   DUAL, LOW-NOISE, 200mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com