Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9177-25CB Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # RT9177-25CB
Description  Ultra-Low-Noise 200mA LDO Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RT9177-25CB Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  RT9177-25CB Datasheet HTML 1Page - List of Unclassifed Manufacturers RT9177-25CB Datasheet HTML 2Page - List of Unclassifed Manufacturers RT9177-25CB Datasheet HTML 3Page - List of Unclassifed Manufacturers RT9177-25CB Datasheet HTML 4Page - List of Unclassifed Manufacturers RT9177-25CB Datasheet HTML 5Page - List of Unclassifed Manufacturers RT9177-25CB Datasheet HTML 6Page - List of Unclassifed Manufacturers RT9177-25CB Datasheet HTML 7Page - List of Unclassifed Manufacturers RT9177-25CB Datasheet HTML 8Page - List of Unclassifed Manufacturers RT9177-25CB Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
RT9177
Preliminary
www.richtek-ic.com.tw
DS9177-00 Feb. 2001
4
Typical Operating Characteristics
GND Current vs. Temperature
64
65
66
67
68
69
70
71
72
-40
-10
20
50
80
110
140
Temperature ( C)
GND Current vs. Load
65
66
67
68
69
70
71
72
73
74
75
0
50
100
150
200
250
IOUT (mA)
TA = 25°C
Output Voltage Variation vs. Load
-1.2
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0
50
100
150
200
250
IOUT (mA)
TA = 25°C
VOUT vs. VIN
2.50
2.60
2.70
2.80
2.90
3.00
3.10
2.5
3.0
3.5
4.0
4.5
5.0
VIN (V)
200mA
100mA
50mA
20mA
VOUT = 3V
TA = 25°C
Dropout Voltage vs. Output Current
0
50
100
150
200
250
20
50
80
110
140
170
200
Output Current (mA)
25 C
80 C
VOUT = 3V
°
°
Output Voltage Variation vs. Temperature
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
0.4
-40
-10
20
50
80
110
140
Temperature ( C)
200mA
No Load
°


Similar Part No. - RT9177-25CB

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9170 RICHTEK-RT9170 Datasheet
220Kb / 13P
   300mA, 15關A Quiescent Current CMOS LDO Regulator
RT9170-12GB RICHTEK-RT9170-12GB Datasheet
220Kb / 13P
   300mA, 15關A Quiescent Current CMOS LDO Regulator
RT9170-12GV RICHTEK-RT9170-12GV Datasheet
220Kb / 13P
   300mA, 15關A Quiescent Current CMOS LDO Regulator
RT9170-12GX RICHTEK-RT9170-12GX Datasheet
220Kb / 13P
   300mA, 15關A Quiescent Current CMOS LDO Regulator
RT9170-12PB RICHTEK-RT9170-12PB Datasheet
220Kb / 13P
   300mA, 15關A Quiescent Current CMOS LDO Regulator
More results

Similar Description - RT9177-25CB

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP3993 POWER-LP3993 Datasheet
306Kb / 7P
   200mA,Ultra-low Noise LDO Regulator
LP3995 POWER-LP3995 Datasheet
542Kb / 9P
   200mA,Ultra-low Noise LDO Regulator
logo
Unisonic Technologies
LR9200 UTC-LR9200 Datasheet
270Kb / 7P
   LOW NOISE 200mA LDO REGULATOR
LR1122D UTC-LR1122D Datasheet
241Kb / 9P
   LOW NOISE 200mA LDO REGULATOR
logo
RICOH electronics devic...
RP100X RICOH-RP100X Datasheet
1Mb / 28P
   LOW NOISE 200mA LDO REGULATOR
logo
Unisonic Technologies
LR1122D UTC-LR1122D_16 Datasheet
280Kb / 7P
   LOW NOISE 200mA LDO REGULATOR
logo
Richtek Technology Corp...
RT9178 RICHTEK-RT9178_08 Datasheet
153Kb / 11P
   200mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
RT9178 RICHTEK-RT9178 Datasheet
180Kb / 11P
   200mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
RT9182 RICHTEK-RT9182_08 Datasheet
112Kb / 9P
   Dual, Low-Noise, 200mA LDO Regulator
RT9182 RICHTEK-RT9182 Datasheet
212Kb / 10P
   DUAL, LOW-NOISE, 200mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com