Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDM862 Datasheet(PDF) 7 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # SDM862
Description  16 Single Ended/8 Differential Input 12-BIT DATA ACQUISITION SYSTEMS
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

SDM862 Datasheet(HTML) 7 Page - Burr-Brown (TI)

Back Button SDM862 Datasheet HTML 3Page - Burr-Brown (TI) SDM862 Datasheet HTML 4Page - Burr-Brown (TI) SDM862 Datasheet HTML 5Page - Burr-Brown (TI) SDM862 Datasheet HTML 6Page - Burr-Brown (TI) SDM862 Datasheet HTML 7Page - Burr-Brown (TI) SDM862 Datasheet HTML 8Page - Burr-Brown (TI) SDM862 Datasheet HTML 9Page - Burr-Brown (TI) SDM862 Datasheet HTML 10Page - Burr-Brown (TI) SDM862 Datasheet HTML 11Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
®
SDM862/863/872/873
7
PIN DESIGNATION
DEFINITION
COMMENTS
SDM8X2 = SDM862 OR SDM872
CH0 to CH15
Channel Inputs
Analog Inputs (Total 16) for single-ended and differential operation. Unused
CH0 to CH7 (+, –)
inputs must be connected to analog common.
(PINS 40 to 47, 54 to 61)
MUX OUT+/AMP IN+
MULTIPLEXER “HI” OUTPUT
On the SDM8X2 this is the multiplexer output. On the SDM8X3 it is the
output of the positive selected inputs. It is connected internally to the
(PIN 65)
positive input of the instrumentation amplifier.
MUXOUT (Pin 67)
MULTIPLEXER “LO” OUTPUT
This pin is used on the SDM8X3 only. It should be connected to the negative
input of the instrumentation amplifier.
AMP IN (Pin 66)
Negative input of instrumentation
On the SDM8X2 this should be connected to analog common. On the
amplifier
SDM8X3 it should be connected to Muxout—(Pin 67).
AMP OUT (Pin 1)
Output of instrumentation amplifier
This pin should be connected to the input of the S/H amplifier (Pin 39).
AMP SENSE (Pin 68)
Output sense line of instrumentation
This pin will normally be connected direct to AMP OUT (Pin 1).
amplifier
AMP REF (Pin 2)
Reference for amplifier output
This pin will normally be connected to analog common. Care should be
taken to minimize tracking and contact resistance to analog common to
optimize system accuracy.
S/H OUT (Pins 35/37)
Output of sample/hold amplifier
Two pins are provided to facilitate a guard ring around the hold capacitor
pin. These pins should be connected to either ADC in (20V) or ADC in (10V)
depending on the desired range.
HOLD CAP (Pin 36)
Connection for hold capacitor on
The tracking to the hold capacitor should be as short as possible and a
S/H amplifier
guard ring employed using Pins 35 and 37.
ADC IN (20V); ADC IN (10V)
Inputs to A/D converter
Connect to S/H amplifier output. Use appropriate pin for desired range.
(Pins 21, 22)
RG, G10, G100
Gain settling pins on instrumentation
For Gain = 1, no connections. For Gain = 10, connect G10 to RG.
(Pins 62, 63, 64)
amplifier
For Gain = 100, connect G100 to RG.
REF OUT (PIN 26)
10V Reference voltage
This is the reference voltage for the A/D converter.
REF IN, BIP OFF
Reference input and offset input to
Connect trim potentiometers (or select-on-test resistors) to these pins for
(Pins 24, 23)
A/D converter
unipolar or bipolar operation as shown in Figures 12, 13.
S/H IN (Pin 39)
Input to sample/hold amplifier
Connect to amp out (Pin 1).
MUX ENABLE (Pin 48)
Multiplex enable/disable
Logic ‘1’ on this pin will enable a selected channel on the internal
multiplexer. Logic ‘0’ de-selects all channels.
MUX ADD0 to MUX ADD3
Address inputs for channel selection
These address lines select a particular channel as specified in Figure 24.
(Pins 49 to 52)
S/H CONT (Pin 33)
Track/Hold control on S/H amplifier
Logic ‘1’ holds an analog value for conversion by the A/D converter. This line
may be controlled by the status (Pin 6) of the converter to simplify external
timing control.
S/H COM (Pin 34)
Reference for S/H logic control
Connect to digital common.
D0 to D11 (Pins 7 to 18)
3-state digital outputs
The 12- or 8-bit result of a conversion is available as output on these pins
(D0-LSB, D11-MSB).
STATUS (Pin 6)
Status of A/D conversion
This output is at logic ‘1’ while the internal A/D converter is carrying out a
conversion. This pin may be used to directly control the S/H amplifier.
CE (Pin 28)
Chip enable
This input must be at logic ‘1’ to either initiate a conversion or read output
data (see Figures 10, 17, 18, 19, 20).
CS (Pin 31)
Chip select
This input must be at logic ‘0’ to either initiate a conversion or read output
data (see Figures 10, 17, 18, 19, 20).
R/C (Pin 29)
Read/convert
Data can be read when this pin is logic ‘1’ or a conversion can be initiated
when this pin is logic ‘0’. This pin is typically connected to the R/W control
line of a microprocessor-based system (see Figures 10, 17, 18, 19, 20).
DATA MODE (Pin 30)
Select 12- or 8-Bit Data
When data mode is at logic ‘1’ all 12 output data bits are enabled
simultaneously. When data mode is at logic ‘0’ MSBs and LSBs are
controlled by byte select (Pin 32).
BYTE SELECT (Pin 32)
Byte address, short cycle
When reading output data, byte select at logic ‘0’ enables the 8 MSBs. Byte
select at logic ‘1’ enables the 4 LSBs. The 4 LSBs can therefore be connected
to four of the MSB lines for inter-connection to an 8-bit bus. In start convert
mode, logic ‘0’ enables a 12-bit conversion while logic ‘1’ will short cycle the
conversion to 8 bits (see Figure 10).
+15V(1), +15V(2)(Pins 3, 27)
Power Supply
Connect to +15V supply using decoupling as indicated in Figures 15, 16.
–15V(1), –15V(2)(Pins 4, 20)
Power Supply
Connect to –15V supply using decoupling as indicated in Figures 15, 16.
ACOM(2) (Pin 25)
Analog Common
Analog common connection. Note that a common (including digital
common) should be connected together at one point close to the device.
DCOM (1) (Pin 53)
Reference for MUX logic control.
Connect to digital common.
+5V (Pin 5)
Logic power supply
Connect to +5V digital supply line with decoupling as in Figures 15, 16.
DCOM(2) (Pin 19)
Reference for A/D converter control
Connect to S/H common at one point close to device.
lines
NC (Pin 38)
No internal connection


Similar Part No. - SDM862

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
SDM8401 SAMHOP-SDM8401 Datasheet
1Mb / 9P
   Dual E nhancement Mode Field E ffect Transistor ( N and P Channel)
SDM8958 SAMHOP-SDM8958 Datasheet
736Kb / 9P
   Dual E nhancement Mode Field E ffect Transistor ( N and P Channel)
More results

Similar Description - SDM862

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1297 LINER-LTC1297_15 Datasheet
322Kb / 24P
   Single Chip 12-Bit Data Acquisition Systems
LTC1292 LINER-LTC1292 Datasheet
466Kb / 24P
   Single Chip 12-Bit Data Acquisition Systems
LTC1292 LINER-LTC1292_15 Datasheet
322Kb / 24P
   Single Chip 12-Bit Data Acquisition Systems
LTC1292 LINER-LTC1292_1 Datasheet
317Kb / 24P
   Single Chip 12-Bit Data Acquisition Systems
logo
Analog Devices
AD363 AD-AD363 Datasheet
6Mb / 16P
   COMPLETE 16 CHANNEL 12-BIT DATA ACQUISITION SYSTEMS
logo
Maxim Integrated Produc...
MAX180 MAXIM-MAX180 Datasheet
732Kb / 20P
   Complete, 8-Channel, 12-Bit Data-Acquisition Systems
19-3950; Rev 0; 6/91
logo
Murata Manufacturing Co...
HDAS8-16 MURATA-HDAS8-16 Datasheet
216Kb / 7P
   12-Bit, 50kHz, Complete Data Acquisition Systems
logo
Maxim Integrated Produc...
MAX7651 MAXIM-MAX7651 Datasheet
479Kb / 36P
   Flash Programmable 12-Bit Integrated Data-Acquisition Systems
Rev 0; 8/01
logo
Analog Devices
AD363 AD-AD363_15 Datasheet
6Mb / 16P
   Complete 16-Channel, 2-Bit Data Acquisition Systems
AD1362 AD-AD1362 Datasheet
431Kb / 8P
   16-Channel,12-Bit Data Acquisition System
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com