Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL610-01-XXXTC Datasheet(PDF) 6 Page - Microchip Technology

Part # PL610-01-XXXTC
Description  1.8V to 3.3V, 1 MHz to 130 MHz XO IC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PL610-01-XXXTC Datasheet(HTML) 6 Page - Microchip Technology

Back Button PL610-01-XXXTC Datasheet HTML 2Page - Microchip Technology PL610-01-XXXTC Datasheet HTML 3Page - Microchip Technology PL610-01-XXXTC Datasheet HTML 4Page - Microchip Technology PL610-01-XXXTC Datasheet HTML 5Page - Microchip Technology PL610-01-XXXTC Datasheet HTML 6Page - Microchip Technology PL610-01-XXXTC Datasheet HTML 7Page - Microchip Technology PL610-01-XXXTC Datasheet HTML 8Page - Microchip Technology PL610-01-XXXTC Datasheet HTML 9Page - Microchip Technology PL610-01-XXXTC Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
PL610-01
DS20005615A-page 6
 2016 Microchip Technology Inc.
2.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 2-1.
Pin Configurations
TABLE 2-1:
PIN FUNCTION TABLE
6-Pin TDFN
Pin Number
6-Pin SOT-23
Pin Number
Name
Type
Description
1
3
XIN, FIN
I
Crystal or Reference Clock input pin
21
OE, PDB,
CLK1
I/O
This programmable I/O pin can be configured as an
Output Enable (OE) input, Power Down input (PDB)
input or CLK1 clock output. This pin has an internal
60 kΩ pull-up resistor for OE and 10 MΩ pull up
resistor for PDB.
State
OE
PDB
0
Tri-State CLK
Power Down
Mode
1 (default)
Normal Mode
Normal Mode
3
2
GND
P
GND connection
4
6
CLK0
O
Programmable Clock Output
55
VDD
P
VDD connection
64
XOUT
O
Crystal Output pin. Do Not Connect (DNC) when FIN is
present.
PL610-01
6-Pin TDFN
XIN, FIN
GND
XOUT
VDD
CLK0
OE^, PDB^, CLK1
1
4
5
6
3
2
1
2
34
5
6
OE^, PDB^, CLK1
GND
XIN, FIN
VDD
XOUT
CLK0
PL610-01
6-Pin SOT-23


Similar Part No. - PL610-01-XXXTC

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PL610-01-XXXTC PLL-PL610-01-XXXTC Datasheet
271Kb / 11P
   1.8V to 3.3V, 1MHz to 130MHz XO IC
PL610-01-XXXTC-R PLL-PL610-01-XXXTC-R Datasheet
271Kb / 11P
   1.8V to 3.3V, 1MHz to 130MHz XO IC
More results

Similar Description - PL610-01-XXXTC

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PL610-02 MICROCHIP-PL610-02 Datasheet
205Kb / 16P
   1.8V to 3.3V Single IC XO with Frequency Tuning (10 MHz to 130 MHz)
06/23/16
logo
PhaseLink Corporation
PL610-01 PLL-PL610-01 Datasheet
271Kb / 11P
   1.8V to 3.3V, 1MHz to 130MHz XO IC
PL611S-17 PLL-PL611S-17 Datasheet
222Kb / 9P
   1.8V-3.3V PicoPLLTM KHz to MHz Programmable Clock
logo
Microchip Technology
PL613-01 MICROCHIP-PL613-01 Datasheet
403Kb / 20P
   1.8V to 3.3V, PicoPLL, 3-PLL, 200 MHz, 8 Output Clock IC
06/23/16
logo
List of Unclassifed Man...
591BD-DDG ETC2-591BD-DDG Datasheet
121Kb / 12P
   1 ps MAX JITTER CRYSTAL OSCILLATOR (XO) (10 MHZ TO 810 MHZ)
logo
Skyworks Solutions Inc.
SI590 SKYWORKS-SI590 Datasheet
521Kb / 16P
   1 ps MAX JITTER CRYSTAL OSCILLATOR (XO) (10 MHZ TO 810 MHZ)
Rev. 1.2
logo
Abracon Corporation
ABX0027B ABRACON-ABX0027B Datasheet
177Kb / 5P
   Ultra Low Current XO 10 MHz to 52 MHz
06/23/06
logo
PhaseLink Corporation
PLL600-27B PLL-PLL600-27B Datasheet
203Kb / 5P
   Ultra Low Current XO 10 MHz to 52 MHz
PLL600-27-37 PLL-PLL600-27-37 Datasheet
185Kb / 5P
   Ultra Low Current XO 10 MHz to 52 MHz
logo
Micro Analog systems
MAS9281 MAS-MAS9281 Datasheet
76Kb / 6P
   IC FOR 10.00 - 60.00 MHz XO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com