Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV9921 Datasheet(PDF) 4 Page - Microchip Technology

Part # HV9921
Description  3-Pin Switch-Mode LED Lamp Driver ICs
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV9921 Datasheet(HTML) 4 Page - Microchip Technology

  HV9921 Datasheet HTML 1Page - Microchip Technology HV9921 Datasheet HTML 2Page - Microchip Technology HV9921 Datasheet HTML 3Page - Microchip Technology HV9921 Datasheet HTML 4Page - Microchip Technology HV9921 Datasheet HTML 5Page - Microchip Technology HV9921 Datasheet HTML 6Page - Microchip Technology HV9921 Datasheet HTML 7Page - Microchip Technology HV9921 Datasheet HTML 8Page - Microchip Technology HV9921 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
HV9921/HV9922/HV9923
DS20005311A-page 4
 2014 Microchip Technology Inc.
1.0
ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS
Supply Voltage VDD................................-0.3V to +10V
Supply Current IDD ..............................................+5mA
Operating Ambient temperature ...........-40°C to +85°C
Operating Junction Temperature ........-40°C to +125°C
Storage temperature ..........................-65°C to +150°C
Power dissipation @+25°C for TO-92 .............740 mW
Power dissipation @+25°C for SOT-89....... 1600 mW*
* Mounted on FR4 board, 24mmx25mmx1.57mm
Note: Stresses above those listed under “Absolute
Maximum Ratings” may cause permanent damage to
the device. This is a stress rating only and functional
operation of the device at those or any other condi-
tions, above those indicated in the operational listings
of this specification, is not implied. Exposure to maxi-
mum rating conditions for extended periods may affect
device reliability.
1.1
ELECTRICAL SPECIFICATIONS
TABLE 1-1:
ELECTRICAL CHARACTERISTICS1
Symbol
Parameter
Notes
Min
Typ
Max
Units Conditions
Regulator (VDD)
VDD
VDD Regulator Output
-
-
7.5
-
V
VDRAIN
VDRAIN Supply Voltage
-
20
-
-
V
VUVLO
VDD Under-voltage Threshold
-
5.0
-
-
V
ΔVUVLO
VDD Under-voltage Lockout Hysteresis
-
-
200
-
mV
IDD
Operating Supply Current
-
-
200
350
μA
VDD(EXT) = 8.5V, VDRAIN
= 40V
Output (DRAIN)
VBR
Breakdown Voltage
2
475
-
-
V
RON
ON Resistance
-
-
-
210
Ω
IDRAIN= 20mA (HV9921)
IDRAIN= 50mA (HV9922)
IDRAIN= 30mA (HV9923)
CDRAIN
Output Capacitance
3
-1
5
pF
VDRAIN = 400V
ISAT
MOSFET Saturation Current
3
100
150
-
mA
Current Sense Comparator
ITHL
Threshold Current - HV9921
2
18.5
-
25.5
mA
Threshold Current - HV9922
2
49
-
63
mA
Threshold Current - HV9923
2
28.2
-
38.2
mA
TBLANK
Leading Edge Blanking Delay
2, 3
200
300
400
ns
TON(MIN)
Minimum ON Time
-
-
-
650
ns
OFF-Time Generator
TOFF
OFF Time
-
8
10.5
13
μS
1
Specifications are TA = 25°C, VDRAIN = 50V unless otherwise noted.
2
Applies over the full operating ambient temperature range of -40°C < TA < +125°C.
3
For design guidance only


Similar Part No. - HV9921

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9921 SUTEX-HV9921 Datasheet
501Kb / 10P
   3-Pin Switch-Mode LED Lamp Driver IC
HV9921 SUTEX-HV9921 Datasheet
659Kb / 10P
   3-Pin Switch-Mode LED Lamp Driver ICs
HV9921DB1 SUTEX-HV9921DB1 Datasheet
343Kb / 2P
   Universal Off-line LED Driver Demoboard
HV9921N3 SUTEX-HV9921N3 Datasheet
501Kb / 10P
   3-Pin Switch-Mode LED Lamp Driver IC
HV9921N3-G SUTEX-HV9921N3-G Datasheet
659Kb / 10P
   3-Pin Switch-Mode LED Lamp Driver ICs
More results

Similar Description - HV9921

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9923 SUTEX-HV9923 Datasheet
659Kb / 10P
   3-Pin Switch-Mode LED Lamp Driver ICs
logo
First Silicon Co., Ltd
FC9920 FS-FC9920 Datasheet
513Kb / 7P
   3-Pin Switch-Mode LED Lamp Driver
logo
Supertex, Inc
HV9921 SUTEX-HV9921 Datasheet
501Kb / 10P
   3-Pin Switch-Mode LED Lamp Driver IC
logo
First Silicon Co., Ltd
FC9921 FS-FC9921 Datasheet
758Kb / 8P
   3-Pin Switch-Mode LED Lamp Driver IC
FC9922 FS-FC9922 Datasheet
750Kb / 8P
   3-Pin Switch-Mode LED Lamp Driver IC
logo
Sanken electric
LC5200 SANKEN-LC5200_12 Datasheet
93Kb / 2P
   LED Driver ICs
logo
List of Unclassifed Man...
LP1020CC ETC1-LP1020CC Datasheet
57Kb / 2P
   Switch-Mode LED Driver
LP1020CV ETC1-LP1020CV Datasheet
57Kb / 2P
   Switch-Mode LED Driver
LP4240-12-YZ-E ETC1-LP4240-12-YZ-E Datasheet
54Kb / 2P
   Switch-Mode LED Driver
logo
Marl International Limi...
LP1020CV MARL-LP1020CV Datasheet
57Kb / 2P
   Switch-Mode LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com