Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV9921 Datasheet(PDF) 5 Page - Microchip Technology

Part # HV9921
Description  3-Pin Switch-Mode LED Lamp Driver ICs
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV9921 Datasheet(HTML) 5 Page - Microchip Technology

  HV9921 Datasheet HTML 1Page - Microchip Technology HV9921 Datasheet HTML 2Page - Microchip Technology HV9921 Datasheet HTML 3Page - Microchip Technology HV9921 Datasheet HTML 4Page - Microchip Technology HV9921 Datasheet HTML 5Page - Microchip Technology HV9921 Datasheet HTML 6Page - Microchip Technology HV9921 Datasheet HTML 7Page - Microchip Technology HV9921 Datasheet HTML 8Page - Microchip Technology HV9921 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
 2014 Microchip Technology Inc.
DS20005311A-page 5
HV9921/HV9922/HV9923
FIGURE 1-1:
TYPICAL PERFORMANCE CHARACTERISTICS (TJ= 25°C UNLESS OTHERWISE NOTED)
THERMAL RESISTANCE
Package
θja
TO-92
132°C/W
TO-243AA(SOT-89)
133°C/W
200
180
160
140
120
100
80
60
40
20
0
Junction Temperature (°C)
580
570
560
550
540
530
520
510
500
490
Junction Temperature (°C)
180
160
140
120
100
80
60
40
20
0
DRAIN Voltage (V)
12
10
8
6
4
2
0
Junction Temperature (°C)
1000
100
10
1
0
10
20
30
40
DRAIN Voltage (V)
T
J = 25°C
T
J = 125°C
1.10
1.05
1.00
0.95
0.90
0.85
0.80
-40
-15
10
35
60
85
110
Junction Temperature, °C
-40
-15
10
35
60
85
110
-40
-15
10
35
60
85
110
-40
-15
10
35
60
85
110
0
10
20
30
40


Similar Part No. - HV9921

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9921 SUTEX-HV9921 Datasheet
501Kb / 10P
   3-Pin Switch-Mode LED Lamp Driver IC
HV9921 SUTEX-HV9921 Datasheet
659Kb / 10P
   3-Pin Switch-Mode LED Lamp Driver ICs
HV9921DB1 SUTEX-HV9921DB1 Datasheet
343Kb / 2P
   Universal Off-line LED Driver Demoboard
HV9921N3 SUTEX-HV9921N3 Datasheet
501Kb / 10P
   3-Pin Switch-Mode LED Lamp Driver IC
HV9921N3-G SUTEX-HV9921N3-G Datasheet
659Kb / 10P
   3-Pin Switch-Mode LED Lamp Driver ICs
More results

Similar Description - HV9921

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9923 SUTEX-HV9923 Datasheet
659Kb / 10P
   3-Pin Switch-Mode LED Lamp Driver ICs
logo
First Silicon Co., Ltd
FC9920 FS-FC9920 Datasheet
513Kb / 7P
   3-Pin Switch-Mode LED Lamp Driver
logo
Supertex, Inc
HV9921 SUTEX-HV9921 Datasheet
501Kb / 10P
   3-Pin Switch-Mode LED Lamp Driver IC
logo
First Silicon Co., Ltd
FC9921 FS-FC9921 Datasheet
758Kb / 8P
   3-Pin Switch-Mode LED Lamp Driver IC
FC9922 FS-FC9922 Datasheet
750Kb / 8P
   3-Pin Switch-Mode LED Lamp Driver IC
logo
Sanken electric
LC5200 SANKEN-LC5200_12 Datasheet
93Kb / 2P
   LED Driver ICs
logo
List of Unclassifed Man...
LP1020CC ETC1-LP1020CC Datasheet
57Kb / 2P
   Switch-Mode LED Driver
LP1020CV ETC1-LP1020CV Datasheet
57Kb / 2P
   Switch-Mode LED Driver
LP4240-12-YZ-E ETC1-LP4240-12-YZ-E Datasheet
54Kb / 2P
   Switch-Mode LED Driver
logo
Marl International Limi...
LP1020CV MARL-LP1020CV Datasheet
57Kb / 2P
   Switch-Mode LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com