Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9177-30CB Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # RT9177-30CB
Description  Ultra-Low-Noise 200mA LDO Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RT9177-30CB Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button RT9177-30CB Datasheet HTML 4Page - List of Unclassifed Manufacturers RT9177-30CB Datasheet HTML 5Page - List of Unclassifed Manufacturers RT9177-30CB Datasheet HTML 6Page - List of Unclassifed Manufacturers RT9177-30CB Datasheet HTML 7Page - List of Unclassifed Manufacturers RT9177-30CB Datasheet HTML 8Page - List of Unclassifed Manufacturers RT9177-30CB Datasheet HTML 9Page - List of Unclassifed Manufacturers RT9177-30CB Datasheet HTML 10Page - List of Unclassifed Manufacturers RT9177-30CB Datasheet HTML 11Page - List of Unclassifed Manufacturers RT9177-30CB Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
RT9177
Preliminary
www.richtek-ic.com.tw
DS9177-00 Feb. 2001
8
Fig. 2
Load-Transient Considerations
The RT9177 load-transient response graphs (see
Typical
Operating
Characteristics)
show
two
components of the output response: a DC shift from
the output impedance due to the load current
change, and the transient response. The DC shift is
quite small due to the excellent load regulation of the
IC. Typical output voltage transient spike for a step
change in the load current from 1mA to 100mA is
tens mV, depending on the ESR of the output
capacitor. Increasing the output capacitor’s value
and decreasing the ESR attenuates the overshoot.
Shutdown Input Operation
The RT9177 is shutdown by pulling the SHDN input
low, and turned on by driving the input high. If this
feature is not to be used, the SHDN input should be
tied to VIN to keep the regulator on at all times (the
SHDN input must not be left floating).
To ensure proper operation, the signal source used to
drive the SHDN input must be able to swing above and
below the specified turn-on/turn-off voltage thresholds
which guarantee an ON or OFF state (see Electrical
Characteristics). The ON/OFF signal may come from
either CMOS output, or an open-collector output with
pull-up resistor to the RT9177 input voltage or another
logic supply. The high-level voltage may exceed the
RT9177 input voltage, but must remain within the
absolute maximum ratings for the SHDN pin.
Internal P-Channel Pass Transistor
The RT9177 features a typical 1.1
Ω P-channel
MOSFET
pass
transistor.
It
provides
several
advantages over similar designs using PNP pass
transistors, including longer battery life. The P-channel
MOSFET requires no base drive, which reduces
quiescent current considerably. PNP-based regulators
waste considerable current in dropout when the pass
transistor saturates. They also use high base-drive
currents under large loads. The RT9177 does not
suffer from these problems and consume only 80µA of
quiescent current whether in dropout, light-load, or
heavy-load applications.
Input-Output (Dropout) Voltage
A
regulator’s
minimum
input-output
voltage
differential (or dropout voltage) determines the
lowest usable supply voltage. In battery-powered
systems, this will determine the useful end-of-life
battery voltage. Because the RT9177 uses a P-
channel MOSFET pass transistor, the dropout
voltage is a function of drain-to-source on-resistance
[Rds (on)] multiplied by the load current.
Reverse Current Path
The power transistor used in the RT9177 has an
inherent diode connected between the regulator
input and output (see Fig.3). If the output is forced
above the input by more than a diode-drop, this
diode will become forward biased and current will
flow from the VOUT terminal to VIN. This diode will
also be turned on by abruptly stepping the input
voltage to a value below the output voltage. To
prevent regulator mis-operation, a Schottky diode
should
be
used
in
any
applications
where
input/output voltage conditions can cause the
internal diode to be turned on (see Fig.4). As shown,
the Schottky diode is connected in parallel with the
internal parasitic diode and prevents it from being
turned on by limiting the voltage drop across it to
about 0.3V. < 100 mA to prevent damage to the part.
T
T
T
1 >
1 >
1 >
1 >
2 >
2 >
2 >
2 >
CB = 470pF
10nF
2.2nF
VIN = 3.6V, CIN = 1
µF, COUT = 4.7µF
500
µS/Div
CH1: 2V/div; CH2 = VOUT, 500mV/div
CH1
CH2


Similar Part No. - RT9177-30CB

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9170 RICHTEK-RT9170 Datasheet
220Kb / 13P
   300mA, 15關A Quiescent Current CMOS LDO Regulator
RT9170-12GB RICHTEK-RT9170-12GB Datasheet
220Kb / 13P
   300mA, 15關A Quiescent Current CMOS LDO Regulator
RT9170-12GV RICHTEK-RT9170-12GV Datasheet
220Kb / 13P
   300mA, 15關A Quiescent Current CMOS LDO Regulator
RT9170-12GX RICHTEK-RT9170-12GX Datasheet
220Kb / 13P
   300mA, 15關A Quiescent Current CMOS LDO Regulator
RT9170-12PB RICHTEK-RT9170-12PB Datasheet
220Kb / 13P
   300mA, 15關A Quiescent Current CMOS LDO Regulator
More results

Similar Description - RT9177-30CB

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP3993 POWER-LP3993 Datasheet
306Kb / 7P
   200mA,Ultra-low Noise LDO Regulator
LP3995 POWER-LP3995 Datasheet
542Kb / 9P
   200mA,Ultra-low Noise LDO Regulator
logo
Unisonic Technologies
LR9200 UTC-LR9200 Datasheet
270Kb / 7P
   LOW NOISE 200mA LDO REGULATOR
LR1122D UTC-LR1122D Datasheet
241Kb / 9P
   LOW NOISE 200mA LDO REGULATOR
logo
RICOH electronics devic...
RP100X RICOH-RP100X Datasheet
1Mb / 28P
   LOW NOISE 200mA LDO REGULATOR
logo
Unisonic Technologies
LR1122D UTC-LR1122D_16 Datasheet
280Kb / 7P
   LOW NOISE 200mA LDO REGULATOR
logo
Richtek Technology Corp...
RT9178 RICHTEK-RT9178_08 Datasheet
153Kb / 11P
   200mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
RT9178 RICHTEK-RT9178 Datasheet
180Kb / 11P
   200mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
RT9182 RICHTEK-RT9182_08 Datasheet
112Kb / 9P
   Dual, Low-Noise, 200mA LDO Regulator
RT9182 RICHTEK-RT9182 Datasheet
212Kb / 10P
   DUAL, LOW-NOISE, 200mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com