Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC857BV Datasheet(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # BC857BV
Description  DUAL TRANSISTOR (PNPPNP)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

BC857BV Datasheet(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  BC857BV Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd BC857BV Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd BC857BV Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd BC857BV Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
SOT-563 Plastic-Encapsulate Transistors
BC857BV DUAL TRANSISTOR (PNP+PNP)
FEATURES
Epitaxial Die Construction
Complementary NPN Types Available
(BC847BV)
Ultra-Small Surface Mount Package
Marking: K5V
MAXIMUM RATINGS (
Ta=25 unless otherwise noted)
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
-50
V
VCEO
Collector-Emitter Voltage
-45
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current -Continuous
-0.1
A
PC
Collector Power Dissipation
0.15
W
RθJA
Thermal Resistance
from Junction to Ambient
833
℃/W
TJ
Junction Temperature
150
Tstg
Storage Temperature
-55 to +150
ELECTRICAL CHARACTERISTICS(Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
M
in
Typ
M
ax
Unit
Collector-base breakdown voltage
V(BR)CBO
IC=-10μA,IE=0
-50
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=-10mA,IB=0
-45
V
Emitter-base breakdown voltage
V(BR)EBO
IE=-1μA,IC=0
-5
V
Collector cut-off current
ICBO
VCB=-30V,IE=0
-15
nA
DC current gain
hFE
VCE=-5V,IC=-2mA
220
475
VCE(sat)(1)
IC=-10mA,IB=-0.5mA
-0.1
V
Collector-emitter saturation voltage
VCE(sat)(2)
IC=-100mA,IB=-5mA
-0.4
V
VBE(sat)(1)
IC=-10mA,IB=-0.5mA
-0.7
V
Base-emitter saturation voltage
VBE(sat)(2)
IC=-100mA,IB=-5mA
-0.9
V
VBE(1)
VCE=-5V,IC=-2mA
-0.6
-0.75
V
Base-emitter voltage
VBE(2)
VCE=-5V,IC=-10mA
-0.82
V
Transition frequency
fT
VCE=-5V,IC=-10mA,f=100MHz
100
MHz
Collector output capacitance
Cob
VCB=-10V,IE=0,f=1MHz
4.5
pF
Noise figure
NF
VCE=-5V,Ic=-0.2mA,
f=1kHZ,Rs=2KΩ,BW=200Hz
10
dB
SOT-563
JC T
www.cj-elec.com
1
C,Jul,2015


Similar Part No. - BC857BV

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC857BV PHILIPS-BC857BV Datasheet
54Kb / 8P
   PNP general purpose double transistor
2001 Nov 07
logo
Diodes Incorporated
BC857BV DIODES-BC857BV Datasheet
355Kb / 3P
   PNP DUAL SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30433 Rev. 3 - 2
logo
NXP Semiconductors
BC857BV NXP-BC857BV Datasheet
127Kb / 8P
   PNP general purpose double transistor
2001 Nov 07
logo
Micro Commercial Compon...
BC857BV MCC-BC857BV Datasheet
109Kb / 3P
   PNP Plastic-Encapsulate Transistors
logo
Diodes Incorporated
BC857BV DIODES-BC857BV Datasheet
112Kb / 4P
   PNP DUAL SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30433 Rev. 5 - 2
More results

Similar Description - BC857BV

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
BC807U JIANGSU-BC807U Datasheet
1Mb / 3P
   DUAL TRANSISTOR (PNPPNP)
BC856S JIANGSU-BC856S Datasheet
288Kb / 4P
   DUAL TRANSISTOR (PNPPNP)
MMDT2907A JIANGSU-MMDT2907A Datasheet
1Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
MMDT5401 JIANGSU-MMDT5401 Datasheet
4Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
BC857S JIANGSU-BC857S Datasheet
1Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
UMT2N JIANGSU-UMT2N Datasheet
1Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
EMZ8 JIANGSU-EMZ8 Datasheet
4Mb / 3P
   DUAL TRANSISTOR (PNPPNP)
2SA1873 JIANGSU-2SA1873 Datasheet
934Kb / 3P
   DUAL TRANSISTOR (PNPPNP)
MMDT3906 JIANGSU-MMDT3906 Datasheet
3Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
MMDT4403 JIANGSU-MMDT4403 Datasheet
1Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com