Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BALF-112X-02D3 Datasheet(PDF) 3 Page - STMicroelectronics

Part # BALF-112X-02D3
Description  50 ohm nominal input / conjugate match balun CC1120, CC1125, 433 MHz, with integrated harmonic filter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BALF-112X-02D3 Datasheet(HTML) 3 Page - STMicroelectronics

  BALF-112X-02D3 Datasheet HTML 1Page - STMicroelectronics BALF-112X-02D3 Datasheet HTML 2Page - STMicroelectronics BALF-112X-02D3 Datasheet HTML 3Page - STMicroelectronics BALF-112X-02D3 Datasheet HTML 4Page - STMicroelectronics BALF-112X-02D3 Datasheet HTML 5Page - STMicroelectronics BALF-112X-02D3 Datasheet HTML 6Page - STMicroelectronics BALF-112X-02D3 Datasheet HTML 7Page - STMicroelectronics BALF-112X-02D3 Datasheet HTML 8Page - STMicroelectronics BALF-112X-02D3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
BALF-112X-02D3
Characteristics
DocID029426 Rev 1
3/12
1.1
RF measurement
Figure 2: Insertion loss (RX balun)
Figure 3: Return loss antenna (RX balun)
Figure 4: Amplitude imbalance (RX balun)
Figure 5: Phase imbalance (RX balun)
Figure 6: TX filter transmission
Figure 7: Insertion loss (TX filter)
IL_RX(dB)
0
-2.5
-3.0
-2.0
-1.5
-0.5
431.0
431.5
432.0
434.0
434.5
435.0
435.5 436.0
-1.0
432.5
433.0
432.5
f (MHz)
431.0
431.5
432.0
434.0
434.5
435.0
435.5 436.0
432.5
433.0
432.5
-5
-25
RL_antenna_RX (dB)
0
-20
-15
-10
f (MHz)
431.0
431.5
432.0
434.0
434.5
435.0
435.5 436.0
432.5
433.0
432.5
Amplitude_lmb (dB)
1.0
-1.0
-0.5
0.0
0.5
f (MHz)
431.0
431.5
432.0
434.0
434.5
435.0
435.5 436.0
432.5
433.0
432.5
10
-10
Phase_lmb (dB)
15
-15
-5
0
5
f (MHz)
Transmit_TX(dB)
0
500
1000
1500
2000
2500
3000
0
-40
-60
-50
-30
-20
-10
3500
4000
f (MHz)
IL_TX(dB)
0
-2.5
-3.0
-2.0
-1.5
-0.5
431.0
431.5
432.0
434.0
434.5
435.0
435.5 436.0
-1.0
432.5
433.0
432.5
f (MHz)


Similar Part No. - BALF-112X-02D3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BALF-112X-01D3 STMICROELECTRONICS-BALF-112X-01D3 Datasheet
626Kb / 11P
   50 ohm nominal input / conjugate match balun CC1120, CC1125 (868-928 MHz), with integrated harmonic filter
July 2016 Rev 1
More results

Similar Description - BALF-112X-02D3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BALF-112X-01D3 STMICROELECTRONICS-BALF-112X-01D3 Datasheet
626Kb / 11P
   50 ohm nominal input / conjugate match balun CC1120, CC1125 (868-928 MHz), with integrated harmonic filter
July 2016 Rev 1
BALF-CC26-05D3 STMICROELECTRONICS-BALF-CC26-05D3 Datasheet
804Kb / 8P
   50(ohm) nominal input / conjugate match balun CC2610, CC2620, CC2630, CC2640, CC2650 MHz, with integrated harmonic filter
BALF-NRG-02D3 STMICROELECTRONICS-BALF-NRG-02D3 Datasheet
735Kb / 11P
   50 ohm nominal input / conjugate match to BlueNRG tranceiver,with integrated harmonic filter
June 2017 Rev 1
BAL-CW1250D3 STMICROELECTRONICS-BAL-CW1250D3 Datasheet
506Kb / 10P
   50 ??nominal input / conjugate match balun to CW1250/CW1260/CW1150/CW1160, with integrated harmonic filter
September 2015 Rev 2
BALF-NRF01D3 STMICROELECTRONICS-BALF-NRF01D3 Datasheet
621Kb / 11P
   50 ??nominal input / conjugate match balun to nRF51822-QFAAG0 /QFABB0 and nRF51422-QFAAE0 with integrated harmonic filter
June 2014 Rev 2
BALFHB-WL-06D3 STMICROELECTRONICS-BALFHB-WL-06D3 Datasheet
2Mb / 13P
   50 Ω nominal input / conjugate match balun to QFN-2L STM32WL in low power mode, 862-928 MHz with integrated harmonic filter
Rev 2 - December 2022
BALFLB-WL-07D3 STMICROELECTRONICS-BALFLB-WL-07D3 Datasheet
3Mb / 13P
   50 Ω nominal input / conjugate match balun to BGA-4L STM32WL in high power mode, 470-510 MHz with integrated harmonic filter
Rev 2 - December 2022
BALFHB-WL-05D3 STMICROELECTRONICS-BALFHB-WL-05D3 Datasheet
3Mb / 13P
   50 Ω nominal input / conjugate match balun to QFN-4L STM32WL in low power mode, 862-928 MHz with integrated harmonic filter
Rev 2 - December 2022
BALFLB-WL-08D3 STMICROELECTRONICS-BALFLB-WL-08D3 Datasheet
3Mb / 13P
   50 Ω nominal input / conjugate match balun to QFN-4L STM32WL in high power mode, 470-510 MHz with integrated harmonic filter
Rev 2 - December 2022
BALFLB-WL-09D3 STMICROELECTRONICS-BALFLB-WL-09D3 Datasheet
2Mb / 13P
   50 Ω nominal input / conjugate match balun to QFN-2L STM32WL in high power mode, 470-510 MHz with integrated harmonic filter
Rev 2 - December 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com