Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5LC1008 Datasheet(PDF) 11 Page - Micross Components

Part # AS5LC1008
Description  RoHS compliant options available
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

AS5LC1008 Datasheet(HTML) 11 Page - Micross Components

Back Button AS5LC1008 Datasheet HTML 3Page - Micross Components AS5LC1008 Datasheet HTML 4Page - Micross Components AS5LC1008 Datasheet HTML 5Page - Micross Components AS5LC1008 Datasheet HTML 6Page - Micross Components AS5LC1008 Datasheet HTML 7Page - Micross Components AS5LC1008 Datasheet HTML 8Page - Micross Components AS5LC1008 Datasheet HTML 9Page - Micross Components AS5LC1008 Datasheet HTML 10Page - Micross Components AS5LC1008 Datasheet HTML 11Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
SRAM
AS5LC1008
AS5LC1008
Rev. 1.4 10/13
Micross Components reserves the right to change products or specifications without notice.
11
DOCUMENT TITLE
128K x 8 SRAM High-Speed CMOS SRAM with 3.3V Revolutionary Pinout
Rev #
History
Release Date
Status
1.2
Added Micross Information
January 2010
Release
1.3
Added TSOPII Copper Lead Frame
March 2011
Release
and RoHS compliant parts, pg 1 &10,
Reduced Power Supply Currents:
Parameter
Speed
From (mA)
To (mA)
ICC
-10
160
105
ICC
-12
140
100
ICC
-15
130
95
ICC
-20
120
90
ISB
-10
45
35
ISB
-12
40
30
ISB
-15
35
25
ISB
-20
30
20
ISB1
-10
30
20
ISB1
-12
30
20
ISB1
-15
30
20
ISB1
-20
30
20
ISB2
-10
10
2
ISB2
-12
10
2
ISB2
-15
10
2
ISB2
-20
10
2
Added “L” Versions
1.4
Removed Cu-lead frame option
October 2013
Release


Similar Part No. - AS5LC1008

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS5LC1008 AUSTIN-AS5LC1008 Datasheet
121Kb / 10P
   128K x 8 SRAM High-Speed CMOS SRAM with 3.3V Revolutionary Pinout
AS5LC1008 AUSTIN-AS5LC1008 Datasheet
527Kb / 10P
   128K x 8 SRAM High-Speed CMOS SRAM with 3.3V Revolutionary Pinout
AS5LC1008DCJ-10/IT AUSTIN-AS5LC1008DCJ-10/IT Datasheet
121Kb / 10P
   128K x 8 SRAM High-Speed CMOS SRAM with 3.3V Revolutionary Pinout
AS5LC1008DCJ-10/IT AUSTIN-AS5LC1008DCJ-10/IT Datasheet
527Kb / 10P
   128K x 8 SRAM High-Speed CMOS SRAM with 3.3V Revolutionary Pinout
AS5LC1008DCJ-10/XT AUSTIN-AS5LC1008DCJ-10/XT Datasheet
121Kb / 10P
   128K x 8 SRAM High-Speed CMOS SRAM with 3.3V Revolutionary Pinout
More results

Similar Description - AS5LC1008

ManufacturerPart #DatasheetDescription
logo
Micross Components
AS5C512K8 MICROSS-AS5C512K8 Datasheet
719Kb / 19P
   RoHS Compliant Options Available
logo
MMD Components
HC-49U MMD-HC-49U Datasheet
74Kb / 3P
   RoHS Compliant Available
HC-49-US MMD-HC-49-US Datasheet
142Kb / 3P
   RoHS Compliant Available
MBH5 MMD-MBH5 Datasheet
87Kb / 2P
   RoHS Compliant Available
logo
Microsemi Corporation
UM7006D MICROSEMI-UM7006D Datasheet
322Kb / 7P
   RoHS Compliant Versions Available
logo
Panasonic Semiconductor
EET-HC2C102HA PANASONIC-EET-HC2C102HA Datasheet
90Kb / 8P
   Long life with high capeacitance 2 and 3 pin versions available RoHS compliant PVC and RoHS compliant PETsleeve options
logo
TT Electronics.
PWAXIAL TTELEC-PWAXIAL Datasheet
346Kb / 2P
   Lead free, RoHS compliant construction available
logo
CTS Corporation
RT1250B6 CTS-RT1250B6 Datasheet
58Kb / 2P
   LVPECL Terminators RoHS Compliant Parts Available
RT1300B6 CTS-RT1300B6 Datasheet
56Kb / 2P
   LVD SCSI Terminator RoHS Compliant Parts Available
RT1400B6 CTS-RT1400B6 Datasheet
108Kb / 3P
   DDR SDRAM Terminator RoHS Compliant Parts Available
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com