Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5LC1008 Datasheet(PDF) 3 Page - Micross Components

Part # AS5LC1008
Description  RoHS compliant options available
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

AS5LC1008 Datasheet(HTML) 3 Page - Micross Components

  AS5LC1008 Datasheet HTML 1Page - Micross Components AS5LC1008 Datasheet HTML 2Page - Micross Components AS5LC1008 Datasheet HTML 3Page - Micross Components AS5LC1008 Datasheet HTML 4Page - Micross Components AS5LC1008 Datasheet HTML 5Page - Micross Components AS5LC1008 Datasheet HTML 6Page - Micross Components AS5LC1008 Datasheet HTML 7Page - Micross Components AS5LC1008 Datasheet HTML 8Page - Micross Components AS5LC1008 Datasheet HTML 9Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
SRAM
AS5LC1008
AS5LC1008
Rev. 1.4 10/13
Micross Components reserves the right to change products or specifications without notice.
3
ELECTRICAL CHARACTERISTICS AND RECOMMENDED DC OPERATING CONDITIONS
(-55oC < T
A < +125
o
C or -40oC to +85oC; Vcc = 3.3V +0.3V)
PARAMETER
SYMBOL
CONDITIONS
MIN
MAX
UNITS
Output HIGH Voltage
VOH
VCC = Min., IOH = -4.0mA
2.4
---
V
Output LOW Voltage
VOL
VCC = Min., IOL = 8.0mA
---
0.4
V
Input HIGH Voltage
VIH
2.2
VCC + 0.3
V
Input LOW Voltage
1
VIL
-0.3
0.8
V
Input Leakage
ILI
GND < VIN < VCC
-5
5
μA
Output Leakage
ILO
GND < VOUT < VCC;
Outputs Disabled
-5
5
μA
NOTE:
1. V
IL = -3.0V for pulse width less than 10ns.
POWER SUPPLY CHARACTERISTICS1
(-55oC < T
A < +125
o
C or -40oC to +85oC; Vcc = 3.3V +0.3V)
NOTE:
1. At f = f
MAX, address and data inputs are cycling at the maximum frequency, f = 0 means no input lines change.
CAPACITANCE1,2
PARAMETER
SYMBOL CONDITIONS
MAX
UNIT
Input Capacitance
CIN
VIN = 0V
6pF
Input/Output Capacitance
CI/O
VOUT = 0V
8pF
NOTE:
1. Tested initially and after any design or process changes that may affect these parameters.
2. Test conditions: T
A = 25°C, f = 1MHz, VCC = 3.3V.
PARAMETER
SYM
CONDITIONS
MIN MAX MIN MAX MIN MAX MIN MAX UNIT
VCC Dynamic Operating
Supply Current
ICC
VCC = Max, CE\ = VIL,
IOUT = 0 mA, f = Max
---
105
---
100
---
95
---
90
mA
ISB
VCC = Max, VIN = VIH or VIL
CE\ > VIH, f = Max
---
35
---
30
---
25
---
20
mA
ISB1
VCC = Max, VIN = VIH or VIL
CE\ > VIH, f = 0
---
20
---
20
---
20
---
20
mA
CMOS Standby Current
(CMOS Inputs)
ISB2
VIN > VCC - 0.2V,
or VIN < 0.2V, f = 0
---
2
---
2
---
2
---
2
mA
-10
-12
-20
TTL Standby Current
(TTL Inputs)
-15


Similar Part No. - AS5LC1008

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS5LC1008 AUSTIN-AS5LC1008 Datasheet
121Kb / 10P
   128K x 8 SRAM High-Speed CMOS SRAM with 3.3V Revolutionary Pinout
AS5LC1008 AUSTIN-AS5LC1008 Datasheet
527Kb / 10P
   128K x 8 SRAM High-Speed CMOS SRAM with 3.3V Revolutionary Pinout
AS5LC1008DCJ-10/IT AUSTIN-AS5LC1008DCJ-10/IT Datasheet
121Kb / 10P
   128K x 8 SRAM High-Speed CMOS SRAM with 3.3V Revolutionary Pinout
AS5LC1008DCJ-10/IT AUSTIN-AS5LC1008DCJ-10/IT Datasheet
527Kb / 10P
   128K x 8 SRAM High-Speed CMOS SRAM with 3.3V Revolutionary Pinout
AS5LC1008DCJ-10/XT AUSTIN-AS5LC1008DCJ-10/XT Datasheet
121Kb / 10P
   128K x 8 SRAM High-Speed CMOS SRAM with 3.3V Revolutionary Pinout
More results

Similar Description - AS5LC1008

ManufacturerPart #DatasheetDescription
logo
Micross Components
AS5C512K8 MICROSS-AS5C512K8 Datasheet
719Kb / 19P
   RoHS Compliant Options Available
logo
MMD Components
HC-49U MMD-HC-49U Datasheet
74Kb / 3P
   RoHS Compliant Available
HC-49-US MMD-HC-49-US Datasheet
142Kb / 3P
   RoHS Compliant Available
MBH5 MMD-MBH5 Datasheet
87Kb / 2P
   RoHS Compliant Available
logo
Microsemi Corporation
UM7006D MICROSEMI-UM7006D Datasheet
322Kb / 7P
   RoHS Compliant Versions Available
logo
Panasonic Semiconductor
EET-HC2C102HA PANASONIC-EET-HC2C102HA Datasheet
90Kb / 8P
   Long life with high capeacitance 2 and 3 pin versions available RoHS compliant PVC and RoHS compliant PETsleeve options
logo
TT Electronics.
PWAXIAL TTELEC-PWAXIAL Datasheet
346Kb / 2P
   Lead free, RoHS compliant construction available
logo
CTS Corporation
RT1250B6 CTS-RT1250B6 Datasheet
58Kb / 2P
   LVPECL Terminators RoHS Compliant Parts Available
RT1300B6 CTS-RT1300B6 Datasheet
56Kb / 2P
   LVD SCSI Terminator RoHS Compliant Parts Available
RT1400B6 CTS-RT1400B6 Datasheet
108Kb / 3P
   DDR SDRAM Terminator RoHS Compliant Parts Available
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com