Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

408-9393 Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # 408-9393
Description  Pneumatic Power
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

408-9393 Datasheet(HTML) 1 Page - TE Connectivity Ltd

  408-9393 Datasheet HTML 1Page - TE Connectivity Ltd 408-9393 Datasheet HTML 2Page - TE Connectivity Ltd 408-9393 Datasheet HTML 3Page - TE Connectivity Ltd 408-9393 Datasheet HTML 4Page - TE Connectivity Ltd 408-9393 Datasheet HTML 5Page - TE Connectivity Ltd 408-9393 Datasheet HTML 6Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Instruction Sheet
1 of 6
© 2015 TE Connectivity family of companies
All Rights Reserved
*Trademark
TE Connectivity, TE connectivity (logo), and TE (logo) are trademarks. Other logos, product, and/or company names may be trademarks of their respective owners.
PRODUCT INFORMATION 1-800-522-6752
This controlled document is subject to change.
For latest revision and Regional Customer Service,
visit our website at www.te.com.
408-9393
13 OCT 15
Rev F
SAFETY PRECAUTIONS — AVOID INJURY — READ THIS FIRST!
Safeguards are designed into this application equipment to protect operators and maintenance personnel from
most hazards during equipment operation. However, certain safety precautions must be taken by the operator
and repair personnel to avoid personal injury, as well as damage to the equipment. For best results, application
equipment must be operated in a dry, dust-free environment. Do not operate equipment in a gaseous or
hazardous environment.
Carefully observe the following safety precautions before and during operation of the equipment:
Always wear approved eye protection while operating
powered equipment.
Always wear appropriate ear protection.
Always keep guard(s) in place during normal
operation.
Pinch point warning: Keep hands clear of moving parts
during operation.
Always disconnect the tool from its power source when
performing maintenance on the equipment.
Never insert hands into installed equipment.
Never wear loose clothing or jewelry that may catch in
moving parts of the equipment.
Never alter, modify, or misuse the equipment.
SUPPORT CENTER
CALL TOLL FREE 1-800-522-6752 (CONTINENTAL UNITED STATES AND PUERTO RICO ONLY)
The Support Center offers a means of providing technical assistance when required. In addition, Field Service
Specialists are available to provide assistance in the adjustment or repair of the application equipment when
problems arise which your maintenance personnel are unable to correct.
INFORMATION REQUIRED WHEN CONTACTING THE SUPPORT CENTER
When calling the Support Center regarding service to equipment, it is suggested that a person familiar with the
device be present with a copy of the manual (and drawings) to receive instructions. Many difficulties can be
avoided in this manner.
When calling the Support Center, be ready with the following information:
1.
Customer name
2.
Customer address
3.
Person to contact (name, title, telephone number, and extension)
4.
Person calling
5.
Equipment number (and serial number if applicable)
6.
Product part number (and serial number if applicable)
7.
Urgency of request
8.
Nature of problem
9.
Description of inoperative component(s)
10. Additional information/comments that may be helpful
Pneumatic Power
Bench Assembly 58338-1


Similar Part No. - 408-9393

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
408-9315 TEC-408-9315 Datasheet
175Kb / 4P
   This instruction sheet covers the use and maintenance of Crimping Die Assemblies
logo
Tyco Electronics
408-9318 MACOM-408-9318 Datasheet
288Kb / 4P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools.
logo
TE Connectivity Ltd
408-9357 TEC-408-9357 Datasheet
243Kb / 5P
   PRO-CRIMPER* III Hand Crimping
408-9359 TEC-408-9359 Datasheet
210Kb / 7P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
More results

Similar Description - 408-9393

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
151849 FESTO-151849 Datasheet
102Kb / 2P
   Pneumatic valve
151863 FESTO-151863 Datasheet
104Kb / 2P
   Pneumatic valve
536017 FESTO-536017 Datasheet
105Kb / 2P
   Pneumatic valve
546725 FESTO-546725 Datasheet
98Kb / 2P
   Pneumatic valve
9764 FESTO-9764 Datasheet
97Kb / 2P
   Pneumatic valve
9984 FESTO-9984 Datasheet
92Kb / 2P
   Pneumatic valve
10049 FESTO-10049 Datasheet
96Kb / 2P
   Pneumatic valve
536038 FESTO-536038 Datasheet
99Kb / 2P
   Pneumatic valve
173178 FESTO-173178 Datasheet
95Kb / 2P
   Pneumatic valve
8122933 FESTO-8122933 Datasheet
67Kb / 1P
   Pneumatic valve
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com