Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDM862S Datasheet(PDF) 9 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # SDM862S
Description  16 Single Ended/8 Differential Input 12-BIT DATA ACQUISITION SYSTEMS
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

SDM862S Datasheet(HTML) 9 Page - Burr-Brown (TI)

Back Button SDM862S Datasheet HTML 5Page - Burr-Brown (TI) SDM862S Datasheet HTML 6Page - Burr-Brown (TI) SDM862S Datasheet HTML 7Page - Burr-Brown (TI) SDM862S Datasheet HTML 8Page - Burr-Brown (TI) SDM862S Datasheet HTML 9Page - Burr-Brown (TI) SDM862S Datasheet HTML 10Page - Burr-Brown (TI) SDM862S Datasheet HTML 11Page - Burr-Brown (TI) SDM862S Datasheet HTML 12Page - Burr-Brown (TI) SDM862S Datasheet HTML 13Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
®
SDM862/863/872/873
9
Matching of R1 and R3 is required to maintain high
common-mode rejection (CMR), R2 sets the gain and may
be varied without effect on CMR.
To ensure that the effects of temperature are minimized
when altering the gain with external components, it is very
important to use low tempco resistors. When connecting the
output sense, ensure that series resistance is minimized
because resistance present will degrade CMR.
FIGURE 5. Increasing Output Amplifier Gain.
20k
20k
4.44k
404
FET Input
10k
10k
10k
10k
FET Input
A1
A3
A2
R1
R2
R3
FIGURE 4. Use External Gain Set Resistor.
+
+
+
+
C
f
+
R
f
MUX
CM
–V
+V
C
f
C
f
R
f
C
f
R
f
C
f
10V
10V
R
f
R
i
R
f
R
f
FIGURE 3. Example Application Illustrating Flexible Signal
Conditioning.
Output
20k
20k
X10
X100
4.44k
404
FET Input
10k
10k
10k
10k
FET Input
+In
R
G
R
EXT
–In
A1
A3
A2
Sense
Ref
Where it is necessary to keep the input amplifiers from
saturating or increasing the overall gain, then the gain of the
output amplifier can be increased from unity by using the
circuit in Figure 5.
The values of the resistors in Figure 5 are in the following
table.
O/P GAIN
R1 and R3
R2
2
1200
2740
5
1000
511
10
1500
340
FIGURE 6. Typical INA Settling Time and CMR.
10
100
1
1k
10k
100k
1M
120
100
80
60
40
20
0
Frequency (Hz)
Gain (V/V)
1
10
100
10
5
0
CMR vs FREQUENCY
SETTLING TIME vs GAIN
(0.01%, 20V Step)
Gain = 1
Gain = 10
Gain = 100


Similar Part No. - SDM862S

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
SDM8401 SAMHOP-SDM8401 Datasheet
1Mb / 9P
   Dual E nhancement Mode Field E ffect Transistor ( N and P Channel)
SDM8958 SAMHOP-SDM8958 Datasheet
736Kb / 9P
   Dual E nhancement Mode Field E ffect Transistor ( N and P Channel)
More results

Similar Description - SDM862S

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1297 LINER-LTC1297_15 Datasheet
322Kb / 24P
   Single Chip 12-Bit Data Acquisition Systems
LTC1292 LINER-LTC1292 Datasheet
466Kb / 24P
   Single Chip 12-Bit Data Acquisition Systems
LTC1292 LINER-LTC1292_15 Datasheet
322Kb / 24P
   Single Chip 12-Bit Data Acquisition Systems
LTC1292 LINER-LTC1292_1 Datasheet
317Kb / 24P
   Single Chip 12-Bit Data Acquisition Systems
logo
Analog Devices
AD363 AD-AD363 Datasheet
6Mb / 16P
   COMPLETE 16 CHANNEL 12-BIT DATA ACQUISITION SYSTEMS
logo
Maxim Integrated Produc...
MAX180 MAXIM-MAX180 Datasheet
732Kb / 20P
   Complete, 8-Channel, 12-Bit Data-Acquisition Systems
19-3950; Rev 0; 6/91
logo
Murata Manufacturing Co...
HDAS8-16 MURATA-HDAS8-16 Datasheet
216Kb / 7P
   12-Bit, 50kHz, Complete Data Acquisition Systems
logo
Maxim Integrated Produc...
MAX7651 MAXIM-MAX7651 Datasheet
479Kb / 36P
   Flash Programmable 12-Bit Integrated Data-Acquisition Systems
Rev 0; 8/01
logo
Analog Devices
AD363 AD-AD363_15 Datasheet
6Mb / 16P
   Complete 16-Channel, 2-Bit Data Acquisition Systems
AD1362 AD-AD1362 Datasheet
431Kb / 8P
   16-Channel,12-Bit Data Acquisition System
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com