Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

843996-4 Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # 843996-4
Description  Extraction/Lance Reset
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

843996-4 Datasheet(HTML) 1 Page - TE Connectivity Ltd

  843996-4 Datasheet HTML 1Page - TE Connectivity Ltd 843996-4 Datasheet HTML 2Page - TE Connectivity Ltd 843996-4 Datasheet HTML 3Page - TE Connectivity Ltd 843996-4 Datasheet HTML 4Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
©2011 Tyco Electronics Corporation, a TE Connectivity Ltd. Company
All Rights Reserved
*Trademark
TE Connectivity, TE connectivity (logo), and TE (logo) are trademarks. Other logos, product and/or Company names may be trademarks of their respective owners.
1 of 4
Instruction Sheet
TOOLING ASSISTANCE CENTER 1-800-722-1111
PRODUCT INFORMATION 1-800-522-6752
This controlled document is subject to change.
For latest revision and Regional Customer Service,
visit our website at www.te.com
LOC B
Extraction/Lance Reset
Tools 843477-[ ], and
843996-2, -3, -4, and -5
408-9453
19 APR 11 Rev E
PROPER USE GUIDELINES
Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools. Hand tools are intended for occasional use
and low volume applications. A wide selection of powered application equipment for extended-use, production operations is available.
Figure 1
1. INTRODUCTION
This instruction sheet describes the use of Extraction/
Lance Reset Tools 843477-[ ] and 843996-2, -3, -4,
and -5. These tools are designed to remove MTE*,
Mod IV, Tandem Spring, and Mini Tandem Spring
contacts from housings and reset the overly
depressed contact locking lances of the removed
contact (see Figure 1). The two tool types are basically
the same except for the lance reset angles. The reset
angle of tool 843477-[ ] is 21° and the reset angle of
tool 843996-2, -3, -4, and -5 is 17°. This is to
accommodate the different designs of the locking
lances of Mod IV, Mod IV.v, Mod V contacts, as shown
in Figure 1 and Figure 2. The 843477-[ ] tools are used
with contacts having the old style locking lance design
and 843996-2, -3, -4, and -5 tools are used with the
contacts with the new style locking lance design.
Read these instructions thoroughly before attempting
to remove any contacts or resetting the locking lances.
All dimensions are in millimeters [followed by
inches in brackets]. Figures and illustrations are for
reference only and are not drawn to scale.
Lance
Reset
Angle
Tool 843477-[ ]
Locking
Lance
21°
Lance
Release
Tip
Lance
Reset
Angle
17°
Mod IV, IV.v, or
Mod V Contact with
Old-Style Locking
Lance
Mini Tandem
Spring Contact
Tapered Tip
Mod IV, IV.v, or Mod V Contact
with New-Style Locking Lance
Tandem Spring
Contact
Flat (Nontapered) Tip
Lance
Reset
Portion
Tool 843996-2, -
3,-4, and -5
NOTE
i


Similar Part No. - 843996-4

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8430 FILTRAN-8430 Datasheet
152Kb / 4P
   MULTILAYER Ceramic Chip Inductor
logo
PHOENIX CONTACT
8430 PHOENIX-8430 Datasheet
294Kb / 17P
   AXL E PB DI8 DO8 M12 6M
logo
Heyco.
8430 HEYCO-8430 Datasheet
123Kb / 1P
   Heyco-Flex™ I Liquid Tight Conduit
logo
Integrated Device Techn...
8430-61 IDT-8430-61 Datasheet
321Kb / 21P
   LVPECL Frequency Synthesizer
logo
Renesas Technology Corp
8430-61 RENESAS-8430-61 Datasheet
515Kb / 22P
   500MHz, Crystal-to-3.3V, 2.5V Differential LVPECL Frequency Synthesizer
January 8, 2016
More results

Similar Description - 843996-4

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
408-10020 TEC-408-10020 Datasheet
126Kb / 3P
   Extraction/Lance Reset Tool
logo
Molex Electronics Ltd.
11-03-0001 MOLEX11-11-03-0001 Datasheet
25Kb / 1P
   Extraction Tool
11-03-0046 MOLEX11-11-03-0046 Datasheet
25Kb / 1P
   Extraction Tool
0011030010 MOLEX1-0011030010 Datasheet
25Kb / 1P
   Extraction Tool
11-03-0044 MOLEX11-11-03-0044 Datasheet
42Kb / 1P
   Extraction Tool
logo
TE Connectivity Ltd
C-8-1579008-4 TEC-C-8-1579008-4 Datasheet
114Kb / 1P
   EXTRACTION TOOL
logo
Tyco Electronics
408-10329 MACOM-408-10329 Datasheet
85Kb / 1P
   Extraction Tool
logo
TE Connectivity Ltd
408-7158 TEC-408-7158 Datasheet
468Kb / 2P
   Extraction Tools
logo
Rosenberger Hochfrequen...
19W002-000 ROSENBERGER-19W002-000 Datasheet
56Kb / 1P
   EXTRACTION TOOL
11W102-000 ROSENBERGER-11W102-000 Datasheet
31Kb / 1P
   EXTRACTION TOOL
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com