Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLUENRG-MSCSP Datasheet(PDF) 1 Page - STMicroelectronics

Part # BLUENRG-MSCSP
Description  Upgradable Bluetooth Low Energy network processor
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-MSCSP Datasheet(HTML) 1 Page - STMicroelectronics

  BLUENRG-MSCSP Datasheet HTML 1Page - STMicroelectronics BLUENRG-MSCSP Datasheet HTML 2Page - STMicroelectronics BLUENRG-MSCSP Datasheet HTML 3Page - STMicroelectronics BLUENRG-MSCSP Datasheet HTML 4Page - STMicroelectronics BLUENRG-MSCSP Datasheet HTML 5Page - STMicroelectronics BLUENRG-MSCSP Datasheet HTML 6Page - STMicroelectronics BLUENRG-MSCSP Datasheet HTML 7Page - STMicroelectronics BLUENRG-MSCSP Datasheet HTML 8Page - STMicroelectronics BLUENRG-MSCSP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
BlueNRG-MS
Upgradable Bluetooth® Low Energy network processor
Datasheet - production data
Features
Bluetooth specification v4.1 compliant
master and slave single-mode Bluetooth low
energy network processor
Embedded Bluetooth low energy protocol
stack: GAP, GATT, SM, L2CAP, LL, RF-
PHY
Bluetooth low energy profiles provided
separately
Operating supply voltage: from 1.7 to 3.6 V
8.2 mA maximum TX current (@0 dBm, 3.0
V)
Down to 1.7 µA current consumption with
active BLE stack
Integrated linear regulator and DC-DC step-
down converter
Up to +8 dBm available output power (at
antenna connector)
Excellent RF link budget (up to 96 dB)
Accurate RSSI to allow power control
Proprietary application controller interface
(ACI), SPI based, allows interfacing with an
external host application microcontroller
Full link controller and host security
High performance, ultra-low power Cortex-
M0 32-bit based architecture core
Upgradable BLE stack (stored in embedded
Flash memory, via SPI)
AES security co-processor
Low power modes
16 or 32 MHz crystal oscillator
12 MHz ring oscillator
32 kHz crystal oscillator
32 kHz ring oscillator
Battery voltage monitor
Compliant with the following radio frequency
regulations: ETSI EN 300 328, EN 300 440,
FCC CFR47 Part 15, ARIB STD-T66
Available in QFN32 (5 x 5 mm) and
WLCSP34 (2.66 x 2.56 mm) packages
Operating temperature range:
-40 °C to 85 °C
Applications
Watches
Fitness, wellness and sports
Consumer medical
Security/proximity
Remote control
Home and industrial automation
Assisted living
Mobile phone peripherals
PC peripherals
Table 1: Device summary
Order code
Package
Packing
BLUENRG-MSQTR
QFN32
(5 x 5 mm)
Tape and
reel
BLUENRG-MSCSP
WLCSP34
(2.66 x 2.56 mm)
Tape and
reel
February 2016
DocID027103 Rev 6
1/42
www.st.com


Similar Part No. - BLUENRG-MSCSP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BLUENRG-MS STMICROELECTRONICS-BLUENRG-MS Datasheet
3Mb / 5P
   SensorTile connectable sensor node: plug or solder
Rev 4 - March 2019
BLUENRG-MS STMICROELECTRONICS-BLUENRG-MS Datasheet
350Kb / 7P
   SensorTile development kit
Rev 8 - March 2019
BLUENRG-MS, STMICROELECTRONICS-BLUENRG-MS, Datasheet
350Kb / 7P
   SensorTile development kit
Rev 8 - March 2019
More results

Similar Description - BLUENRG-MSCSP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IDB005V1 STMICROELECTRONICS-STEVAL-IDB005V1 Datasheet
409Kb / 11P
   Bluetooth low energy board based on the BlueNRG-MS network processor
April 2015 Rev 1
logo
LAPIS Semiconductor Co....
ML7105 LAPIS-ML7105 Datasheet
683Kb / 30P
   Bluetooth Low Energy
logo
STMicroelectronics
STLBC01 STMICROELECTRONICS-STLBC01 Datasheet
1Mb / 40P
   Bluetooth low energy controller
logo
Murata Manufacturing Co...
MBN52832 MURATA1-MBN52832 Datasheet
1Mb / 34P
   Bluetooth Low Energy modul
logo
Asahi Kasei Microsystem...
AK1594 AKM-AK1594 Datasheet
1Mb / 52P
   Bluetooth Low Energy transmitter
logo
Panasonic Semiconductor
PAN1740A PANASONIC-PAN1740A Datasheet
1Mb / 34P
   Bluetooth Low Energy Module
PAN1760A PANASONIC-PAN1760A Datasheet
1Mb / 33P
   Bluetooth Low Energy Module
logo
Microchip Technology
RN4020 MICROCHIP-RN4020 Datasheet
1Mb / 28P
   Bluetooth Low Energy Module
07/14/15
logo
Mitsumi Electronics, Co...
WML-C69 MITSUMI-WML-C69 Datasheet
210Kb / 2P
   Bluetooth Low Energy Module
logo
Panasonic Semiconductor
PAN1720 PANASONIC-PAN1720 Datasheet
1Mb / 39P
   Bluetooth Low Energy Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com