Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2226083-1 Datasheet(PDF) 10 Page - TE Connectivity Ltd

Part # 2226083-1
Description  Crimping Die Assemblies and Supports for COPALUM Lite Sealed Terminals and Splices
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

2226083-1 Datasheet(HTML) 10 Page - TE Connectivity Ltd

Back Button 2226083-1 Datasheet HTML 6Page - TE Connectivity Ltd 2226083-1 Datasheet HTML 7Page - TE Connectivity Ltd 2226083-1 Datasheet HTML 8Page - TE Connectivity Ltd 2226083-1 Datasheet HTML 9Page - TE Connectivity Ltd 2226083-1 Datasheet HTML 10Page - TE Connectivity Ltd 2226083-1 Datasheet HTML 11Page - TE Connectivity Ltd 2226083-1 Datasheet HTML 12Page - TE Connectivity Ltd 2226083-1 Datasheet HTML 13Page - TE Connectivity Ltd 2226083-1 Datasheet HTML 14Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
408-32087
Rev K
10 of 17
TOOL
TERMINAL
WIRE
SIZE
(AWG)
HYDR
HEAD
DIE
SET
HYDR
PUMP
PUMP
VOLT
HYDR
PRESS
NEST
WIRE
SUPPORT
ANVIL
WIRE
SUPPORT
ANVIL
TONGUE
SUPPORT
(STRAIGHT
TONGUE)
TE PART
NO.
DESCRIPTION
4/0
58422-1
314948-3
69120-2
220
8200
2217323-7
2217324-8
2217326-8
2102968-1
Flag
4/0
58422-1
314948-3
69120-2
220
8200
2217323-7
2217324-8
---
2102976-1
Bent (90°) Flag
4/0
58422-1
314948-3
69120-2
220
8200
2217323-7
2217324-8
2217326-8
2226097-1
Hammerhead
4/0
58422-1
314948-3
69120-2
220
8200
2217323-7
2217324-8
---
2226101-1
Bent (90°) Hammerhead
4/0
58422-1
314948-3
69120-2
220
8200
2217323-7
2217324-8
2217326-8
2102575-1
Straight, Single Hole
4/0
58422-1
314948-3
69120-2
220
8200
2217323-7
2217324-8
---
2226085-1
Splice, Butt
4/0
1752787-1
314948-3
1804700-1
110
10000
2217323-7
2217324-8
2217326-8
2102583-1
Straight, Dual Hole
4/0
1752787-1
314948-3
1804700-1
110
10000
2217323-7
2217324-8
2217326-8
2102968-1
Flag
4/0
1752787-1
314948-3
1804700-1
110
10000
2217323-7
2217324-8
---
2102976-1
Bent (90°) Flag
4/0
1752787-1
314948-3
1804700-1
110
10000
2217323-7
2217324-8
2217326-8
2226097-1
Hammerhead
4/0
1752787-1
314948-3
1804700-1
110
10000
2217323-7
2217324-8
---
2226101-1
Bent (90°) Hammerhead
4/0
1752787-1
314948-3
1804700-1
110
10000
2217323-7
2217324-8
2217326-8
2102575-1
Straight, Single Hole
4/0
1752787-1
314948-3
1804700-1
110
10000
2217323-7
2217324-8
---
2226085-1
Splice, Butt
4/0
1752787-1
314948-3
69120-2
220
10000
2217323-7
2217324-8
2217326-8
2102583-1
Straight, Dual Hole
4/0
1752787-1
314948-3
69120-2
220
10000
2217323-7
2217324-8
2217326-8
2102968-1
Flag
4/0
1752787-1
314948-3
69120-2
220
10000
2217323-7
2217324-8
---
2102976-1
Bent (90°) Flag
4/0
1752787-1
314948-3
69120-2
220
10000
2217323-7
2217324-8
2217326-8
2226097-1
Hammerhead
4/0
1752787-1
314948-3
69120-2
220
10000
2217323-7
2217324-8
---
2226101-1
Bent (90°) Hammerhead
4/0
1752787-1
314948-3
69120-2
220
10000
2217323-7
2217324-8
2217326-8
2102575-1
Straight, Single Hole
4/0
1752787-1
314948-3
69120-2
220
10000
2217323-7
2217324-8
---
2226085-1
Splice, Butt
Figure 3 (end)
2. Cut the end of the wire perpendicular to the wire; the shape of the wire may be distorted, but can be
formed back into a circular shape.
3. Strip the wire according to the Application Specification 114-32098. DO NOT nick or cut the wire
strands.
4. There are two approved methods for crimping the terminals and splices using these die assemblies
and hydraulic crimping heads when not using the spring-loaded tongue support. These two methods
are as follows. The spring-loaded tongue support will interfere with the terminal while loading the
terminal using these procedures.
4.2. Terminal
IMPORTANT: To ensure a quality crimp, gage the die assembly at the beginning of a run, after changing a die
assembly
— and then periodically during the run. Refer to Paragraph 6.2 for gaging instructions.
NOTE
Terminals are pre-lubed to reduce sticking of the terminal in the dies.
The first (preferred) method is:
1. Insert the properly stripped wire fully into the wire barrel of the terminal. Ensure that there are no
exposed strands.


Similar Part No. - 2226083-1

ManufacturerPart #DatasheetDescription
logo
Lapp.
22260825 LAPP-22260825 Datasheet
425Kb / 4P
   EPIC® SENSOR M12
13.01.2016
22260826 LAPP-22260826 Datasheet
425Kb / 4P
   EPIC® SENSOR M12
13.01.2016
More results

Similar Description - 2226083-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
68010 MACOM-68010 Datasheet
653Kb / 9P
   Crimping Die Assemblies for COPALUM Sealed Terminals and Splices
408-2353 MACOM-408-2353 Datasheet
317Kb / 12P
   Crimping Die Assemblies for COPALUM Terminals and Splices and HF- 30 Pin and Socket Contacts
55840-1 MACOM-55840-1 Datasheet
46Kb / 1P
   COPALUM Sealed Terminals and Splices
55995-2 MACOM-55995-2 Datasheet
47Kb / 1P
   COPALUM Sealed Terminals and Splices
logo
TE Connectivity Ltd
408-2423 TEC-408-2423 Datasheet
510Kb / 7P
   Application and Maintenance for Crimping Die Assemblies for Tape-Mounted PIDG and PLASTI-GRIP Terminals and Splices
408-2614 TEC-408-2614 Datasheet
314Kb / 5P
   Tool and Die Selection for TE Terminals and Splices
408-9227 TEC-408-9227 Datasheet
134Kb / 4P
   Application and Maintenance for Crimping Die Assemblies
logo
Tyco Electronics
68041 MACOM-68041 Datasheet
441Kb / 12P
   COPALUM Terminals and Splices (For Solid & Stranded Aluminum or Copper Wire)
logo
TE Connectivity Ltd
408-2575 TEC-408-2575 Datasheet
131Kb / 1P
   Tool and Die Selection Chart for AMP Terminals and Splices
408-2822 TEC-408-2822 Datasheet
186Kb / 7P
   Crimping Die Assemblies
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com