Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLS205B0EJV Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLS205B0EJV
Description  Linear Voltage Post Regulator
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLS205B0EJV Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLS205B0EJV Datasheet HTML 5Page - Infineon Technologies AG TLS205B0EJV Datasheet HTML 6Page - Infineon Technologies AG TLS205B0EJV Datasheet HTML 7Page - Infineon Technologies AG TLS205B0EJV Datasheet HTML 8Page - Infineon Technologies AG TLS205B0EJV Datasheet HTML 9Page - Infineon Technologies AG TLS205B0EJV Datasheet HTML 10Page - Infineon Technologies AG TLS205B0EJV Datasheet HTML 11Page - Infineon Technologies AG TLS205B0EJV Datasheet HTML 12Page - Infineon Technologies AG TLS205B0EJV Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
TLS205B0
General Product Characteristics
Data Sheet
9
Rev. 1.2, 2015-01-15
4.2
Functional Range
Note: Within the functional or operating range, the IC operates as described in the circuit description. The electrical
characteristics are specified within the conditions given in the Electrical Characteristics table.
4.3
Thermal Resistance
Note: This thermal data was generated in accordance with JEDEC JESD51 standards. For more information, go
to www.jedec.org.
Table 2
Functional Range
Parameter
Symbol
Values
Unit
Note /
Test Condition
Number
Min.
Typ.
Max.
Input Voltage Range
(fix voltage version)
V
I
3.8 V
20
V
P_4.2.1
Input Voltage Range
(adjustable voltage version)
V
I
2.3
20
V
1)
1) For the TLS205B0 adjustable version the minimum limit of the functional range
V
I is tested and specified with the ADJ- pin
connected to the Q pin.
P_4.2.2
Output Capacitor’s Requirements
for Stability
C
Q
3.3
µF
C
BYP =0nF
2)
2) for further details see corresponding graph.
P_4.2.3
Output Capacitor’s Requirements
for Stability
C
Q
6.8
µF
0<C
BYP ≤ 10 nF
2) P_4.2.4
ESR
ESR
3)
3)
C
BYP =0nF, CQ ≥ 3.3 µF; please note that for cases where a bypass capacitor at BYP is used – depending on the actual
applied capacitance of
C
Q and CBYP a minimum requirement for ESR of CQ may apply.
–3
– 2)
P_4.2.5
Operating Junction Temperature
T
j
-40
125
°C
P_4.2.6
Table 3
Thermal Resistance 1)
Parameter
Symbol
Values
Unit
Note /
Test Condition
Number
Min.
Typ.
Max.
TLS205B0EJ (PG-DSO-8 Exposed Pad)
Junction to Case
R
thJC
7.0
K/W
P_4.3.1
Junction to Ambient
R
thJA
–39
K/W
2)
P_4.3.2
Junction to Ambient
R
thJA
155
K/W
Footprint only 3)
P_4.3.3
Junction to Ambient
R
thJA
66
K/W
300 mm2 heatsink
area on PCB 3)
P_4.3.4
Junction to Ambient
R
thJA
52
K/W
600 mm2 heatsink
area on PCB 3)
P_4.3.5
TLS205B0LD (PG-TSON-10)
Junction to Case
R
thJC
6.4
K/W
P_4.3.6
Junction to Ambient
R
thJA
–53
K/W
– 2)
P_4.3.7
Junction to Ambient
R
thJA
183
K/W
Footprint only 3)
P_4.3.8


Similar Part No. - TLS205B0EJV

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLS205B0EJV INFINEON-TLS205B0EJV Datasheet
2Mb / 31P
   Linear Voltage Post Regulator
Rev. 1.2, 2015-01-15
TLS205B0EJV33 INFINEON-TLS205B0EJV33 Datasheet
2Mb / 31P
   Linear Voltage Post Regulator
Rev. 1.2, 2015-01-15
TLS205B0EJV50 INFINEON-TLS205B0EJV50 Datasheet
2Mb / 25P
   Linear Voltage Post Regulator
Rev. 1.1, 2015-01-15
TLS205B0EJV50 INFINEON-TLS205B0EJV50_15 Datasheet
2Mb / 25P
   Linear Voltage Post Regulator
Rev. 1.1, 2015-01-15
More results

Similar Description - TLS205B0EJV

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLS208D1 INFINEON-TLS208D1_15 Datasheet
1Mb / 29P
   Linear Voltage Post Regulator
Rev. 1.0, 2015-02-26
TLS208D1 INFINEON-TLS208D1 Datasheet
1Mb / 29P
   Linear Voltage Post Regulator
Rev. 1.0, 2015-02-26
TLS205B0 INFINEON-TLS205B0_15 Datasheet
2Mb / 31P
   Linear Voltage Post Regulator
Rev. 1.2, 2015-01-15
TLS203B0 INFINEON-TLS203B0 Datasheet
2Mb / 31P
   Linear Voltage Post Regulator
Rev. 1.2, 2015-01-12
TLS203B0 INFINEON-TLS203B0_15 Datasheet
2Mb / 31P
   Linear Voltage Post Regulator
Rev. 1.2, 2015-01-12
TLS205B0EJV50 INFINEON-TLS205B0EJV50_15 Datasheet
2Mb / 25P
   Linear Voltage Post Regulator
Rev. 1.1, 2015-01-15
TLS202B1MBV33 INFINEON-TLS202B1MBV33 Datasheet
892Kb / 18P
   Fixed Linear Voltage Post Regulator
Rev. 1.0, 2015-06-23
TLS202B1V50 INFINEON-TLS202B1V50 Datasheet
563Kb / 19P
   Fixed Linear Voltage Post Regulator
Rev. 1.0 2017-05-31
TLS202A1 INFINEON-TLS202A1 Datasheet
922Kb / 18P
   Adjustable Linear Voltage Post Regulator
Rev. 1.0, 2015-06-22
TLS202A1MBV INFINEON-TLS202A1MBV Datasheet
928Kb / 18P
   Adjustable Linear Voltage Post Regulator
Rev. 1.0, 2015-06-22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com