Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLS203B0EJV Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # TLS203B0EJV
Description  Linear Voltage Post Regulator
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLS203B0EJV Datasheet(HTML) 2 Page - Infineon Technologies AG

  TLS203B0EJV Datasheet HTML 1Page - Infineon Technologies AG TLS203B0EJV Datasheet HTML 2Page - Infineon Technologies AG TLS203B0EJV Datasheet HTML 3Page - Infineon Technologies AG TLS203B0EJV Datasheet HTML 4Page - Infineon Technologies AG TLS203B0EJV Datasheet HTML 5Page - Infineon Technologies AG TLS203B0EJV Datasheet HTML 6Page - Infineon Technologies AG TLS203B0EJV Datasheet HTML 7Page - Infineon Technologies AG TLS203B0EJV Datasheet HTML 8Page - Infineon Technologies AG TLS203B0EJV Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
Type
Package
Marking
TLS203B0EJV
PG-DSO-8 Exposed Pad
203B0V
TLS203B0EJV33
PG-DSO-8 Exposed Pad
203B0V33
TLS203B0LDV
PG-TSON-10
203B0V
TLS203B0LDV33
PG-TSON-10
203B0V3
PG-DSO-8 Exposed Pad
PG-TSON-10
Data Sheet
2
Rev. 1.2, 2015-01-12
Linear Voltage Post Regulator
Low Dropout, Low Noise, 3.3 V, Adjustable, 300 mA
TLS203B0
1Overview
Features
Low Noise down to 24
µV
RMS (BW = 10 Hz to 100 kHz)
300 mA Current Capability
Low Quiescent Current: 30 µA
Wide Input Voltage Range up to 20 V
Internal circuitry working down to 2.3 V
2.5% Output Voltage Accuracy (over full temperature and load range)
Low Dropout Voltage: 270 mV
Very low Shutdown Current: < 1 µA
No Protection Diodes Needed
Fixed Output Voltage: 3.3 V
Adjustable Version with Output from 1.22 V to 20 V
Stable with ≥ 3.3 µF Output Capacitor
Stable with Aluminium, Tantalum or Ceramic Output Capacitors
Reverse Polarity Protection
No Reverse Current
Overcurrent and Overtemperature Protected
PG-DSO-8 Exposed Pad and PG-TSON-10 Exposed Pad Package
Suitable for Use in Automotive Electronics as Post Regulator
Green Product (RoHS compliant)
AEC Qualified
The TLS203B0 is a micropower, low noise, low dropout voltage regulator. The device is capable of supplying an
output current of 300 mA with a dropout voltage of 270 mV. Designed for use in battery-powered systems, the low
quiescent current of 30 µA makes it an ideal choice.
A key feature of the TLS203B0 is its low output noise. By adding an external 10 nF bypass capacitor output noise
values down to 24
µV
RMS over a 10 Hz to 100 kHz bandwidth can be reached. The TLS203B0 voltage regulator


Similar Part No. - TLS203B0EJV

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLS203B0EJV INFINEON-TLS203B0EJV Datasheet
2Mb / 31P
   Linear Voltage Post Regulator
Rev. 1.2, 2015-01-12
TLS203B0EJV33 INFINEON-TLS203B0EJV33 Datasheet
2Mb / 31P
   Linear Voltage Post Regulator
Rev. 1.2, 2015-01-12
TLS203B0EJV50 INFINEON-TLS203B0EJV50 Datasheet
2Mb / 25P
   Low Dropout, Low Noise, 5V, 300mA
Rev. 1.1, 2015-01-15
More results

Similar Description - TLS203B0EJV

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLS205B0 INFINEON-TLS205B0 Datasheet
2Mb / 31P
   Linear Voltage Post Regulator
Rev. 1.2, 2015-01-15
TLS208D1 INFINEON-TLS208D1_15 Datasheet
1Mb / 29P
   Linear Voltage Post Regulator
Rev. 1.0, 2015-02-26
TLS208D1 INFINEON-TLS208D1 Datasheet
1Mb / 29P
   Linear Voltage Post Regulator
Rev. 1.0, 2015-02-26
TLS205B0 INFINEON-TLS205B0_15 Datasheet
2Mb / 31P
   Linear Voltage Post Regulator
Rev. 1.2, 2015-01-15
TLS203B0 INFINEON-TLS203B0_15 Datasheet
2Mb / 31P
   Linear Voltage Post Regulator
Rev. 1.2, 2015-01-12
TLS205B0EJV50 INFINEON-TLS205B0EJV50_15 Datasheet
2Mb / 25P
   Linear Voltage Post Regulator
Rev. 1.1, 2015-01-15
TLS202B1MBV33 INFINEON-TLS202B1MBV33 Datasheet
892Kb / 18P
   Fixed Linear Voltage Post Regulator
Rev. 1.0, 2015-06-23
TLS202B1V50 INFINEON-TLS202B1V50 Datasheet
563Kb / 19P
   Fixed Linear Voltage Post Regulator
Rev. 1.0 2017-05-31
TLS202A1 INFINEON-TLS202A1 Datasheet
922Kb / 18P
   Adjustable Linear Voltage Post Regulator
Rev. 1.0, 2015-06-22
TLS202A1MBV INFINEON-TLS202A1MBV Datasheet
928Kb / 18P
   Adjustable Linear Voltage Post Regulator
Rev. 1.0, 2015-06-22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com