Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6160.0151 Datasheet(PDF) 5 Page - Schurter Inc.

Part # 6160.0151
Description  IEC Appliance Inlet C8 polarized, Snap-in Mounting, Front Side, Solder, Quick Connect or PCB Terminal
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

6160.0151 Datasheet(HTML) 5 Page - Schurter Inc.

  6160.0151 Datasheet HTML 1Page - Schurter Inc. 6160.0151 Datasheet HTML 2Page - Schurter Inc. 6160.0151 Datasheet HTML 3Page - Schurter Inc. 6160.0151 Datasheet HTML 4Page - Schurter Inc. 6160.0151 Datasheet HTML 5Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
Connectors (Inlets/Outlets)
2579
www.schurter.com /PG07
Connectors
Mating Outlets/Connectors
Category / Description
Power Supply Cord Overview complete
Cord Sets 2.5 A, North America, Black, 2.5 m, SVT 2x18AWG, IEC C7p, 002500 mm, SVT 2x18 AWG, black
6052.0047
Power Supply Cord further types to 2579
The specifications, descriptions and illustrations indicated in this document are based on current
information. All content is subject to modifications and amendments. Information furnished is believed
to be accurate and reliable. However, users should independently evaluate the suitability and test each
product selected for their own applications.


Similar Part No. - 6160.0151

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
6160.0151 SCHURTER-6160.0151 Datasheet
404Kb / 5P
   IEC Appliance Inlet C8 polarized, Snap-in Mounting, Front Side, Solder, Quick Connect or PCB Terminal
More results

Similar Description - 6160.0151

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
2579 SCHURTER-2579_V01 Datasheet
389Kb / 5P
   IEC Appliance Inlet C8 polarized, Snap-in Mounting, Front Side, Solder, Quick Connect or PCB Terminal
05.01.2022
2579 SCHURTER-2579_21 Datasheet
389Kb / 5P
   IEC Appliance Inlet C8 polarized, Snap-in Mounting, Front Side, Solder, Quick Connect or PCB Terminal
2579_1810 SCHURTER-2579_1810 Datasheet
404Kb / 5P
   IEC Appliance Inlet C8 polarized, Snap-in Mounting, Front Side, Solder, Quick Connect or PCB Terminal
2579 SCHURTER-2579_18 Datasheet
330Kb / 5P
   IEC Appliance Inlet C8 polarized, Snap-in Mounting, Front Side, Solder, Quick Connect or PCB Terminal
2578 SCHURTER-2578_18 Datasheet
332Kb / 5P
   IEC Appliance Inlet C8, Snap-in Mounting, Front Side, Solder, PCB or Quick-connect Terminal
2578 SCHURTER-2578_V01 Datasheet
370Kb / 6P
   IEC Appliance Inlet C8, Snap-in Mounting, Front Side, Solder, PCB or Quick-connect Terminal
05.01.2022
2578 SCHURTER-2578_21 Datasheet
370Kb / 6P
   IEC Appliance Inlet C8, Snap-in Mounting, Front Side, Solder, PCB or Quick-connect Terminal
2578 SCHURTER-2578 Datasheet
375Kb / 3P
   IEC Appliance Inlet C8, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal
2577 SCHURTER-2577_18 Datasheet
328Kb / 5P
   IEC Appliance Inlet C8 polarized, Screw-on Mounting, Front Side, Solder, Quick Connect or PCB Terminal
2577 SCHURTER-2577_16 Datasheet
355Kb / 4P
   IEC Appliance Inlet C8 polarized, Screw-on Mounting, Front Side, Solder, Quick Connect or PCB Terminal
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com