Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SQM50N04-4M0L-GE3 Datasheet(PDF) 9 Page - Vishay Siliconix

Part # SQM50N04-4M0L-GE3
Description  Automotive P-Channel 60 V (D-S) 175 MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQM50N04-4M0L-GE3 Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button SQM50N04-4M0L-GE3 Datasheet HTML 2Page - Vishay Siliconix SQM50N04-4M0L-GE3 Datasheet HTML 3Page - Vishay Siliconix SQM50N04-4M0L-GE3 Datasheet HTML 4Page - Vishay Siliconix SQM50N04-4M0L-GE3 Datasheet HTML 5Page - Vishay Siliconix SQM50N04-4M0L-GE3 Datasheet HTML 6Page - Vishay Siliconix SQM50N04-4M0L-GE3 Datasheet HTML 7Page - Vishay Siliconix SQM50N04-4M0L-GE3 Datasheet HTML 8Page - Vishay Siliconix SQM50N04-4M0L-GE3 Datasheet HTML 9Page - Vishay Siliconix SQM50N04-4M0L-GE3 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
AN826
Vishay Siliconix
Document Number: 73397
11-Apr-05
www.vishay.com
1
RECOMMENDED MINIMUM PADS FOR D2PAK: 3-Lead
Recommended Minimum Pads
Dimensions in Inches/(mm)
0.420
(10.668)
0.145
(3.683)
0.135
(3.429)
0.200
(5.080)
0.050
(1.257)
Return to Index


Similar Part No. - SQM50N04-4M0L-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQM50N04-4M0L VISHAY-SQM50N04-4M0L Datasheet
170Kb / 9P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
Rev. B, 30-Jul-12
SQM50N04-4m0L VISHAY-SQM50N04-4m0L Datasheet
220Kb / 10P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
Rev. A, 14-Dec-15
SQM50N04-4m0L VISHAY-SQM50N04-4m0L Datasheet
215Kb / 9P
   Automotive N-Channel 80 V (D-S) 175 °C MOSFET
Rev. A, 14-Dec-15
SQM50N04-4m0L VISHAY-SQM50N04-4m0L Datasheet
223Kb / 10P
   Automotive N-Channel 100 V (D-S) 175 °C MOSFET
Rev. A, 18-Apr-16
SQM50N04-4M0L VISHAY-SQM50N04-4M0L Datasheet
159Kb / 9P
   Automotive N-Channel 40 V (D-S) 175 째C MOSFET
More results

Similar Description - SQM50N04-4M0L-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQD50P06-15L VISHAY-SQD50P06-15L Datasheet
173Kb / 9P
   Automotive P-Channel 60 V (D-S) 175 MOSFET
Rev. E, 20-Aug-12
SQ1421EEH VISHAY-SQ1421EEH_17 Datasheet
194Kb / 10P
   Automotive P-Channel 60 V (D-S) 175 MOSFET
Rev. B, 31-Oct-11
SQD19P06-60L VISHAY-SQD19P06-60L_17 Datasheet
180Kb / 10P
   Automotive P-Channel 60 V (D-S) 175 MOSFET
Rev. C, 24-Oct-11
SQJ461EP VISHAY-SQJ461EP_15 Datasheet
173Kb / 11P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. E, 28-Nov-11
SQ2309ES VISHAY-SQ2309ES Datasheet
256Kb / 11P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. B, 07-Nov-11
SQ3427AEEV VISHAY-SQ3427AEEV Datasheet
270Kb / 12P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. A, 16-Jul-15
SQ3427EEV VISHAY-SQ3427EEV Datasheet
211Kb / 11P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. B, 07-Nov-11
SQM50P06-15L VISHAY-SQM50P06-15L_15 Datasheet
163Kb / 10P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. B, 30-Jul-12
SQM90P06-07L VISHAY-SQM90P06-07L_15 Datasheet
151Kb / 9P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. A, 17-Mar-14
SQM110P068M9L VISHAY-SQM110P068M9L_15 Datasheet
175Kb / 10P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. A, 22-Oct-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com