Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4420.0388 Datasheet(PDF) 6 Page - Schurter Inc.

Part # 4420.0388
Description  Manual Motor Controller / Circuit Breaker for Equipment thermal-magnetic, 3 poles
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

4420.0388 Datasheet(HTML) 6 Page - Schurter Inc.

  4420.0388 Datasheet HTML 1Page - Schurter Inc. 4420.0388 Datasheet HTML 2Page - Schurter Inc. 4420.0388 Datasheet HTML 3Page - Schurter Inc. 4420.0388 Datasheet HTML 4Page - Schurter Inc. 4420.0388 Datasheet HTML 5Page - Schurter Inc. 4420.0388 Datasheet HTML 6Page - Schurter Inc. 4420.0388 Datasheet HTML 7Page - Schurter Inc. 4420.0388 Datasheet HTML 8Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
Thermal-magnetic (TM and AS-line)
AS168XAC3
www.schurter.com /PG20
Circuit Breakers
Time-Current-Curves
Version F / Magnetic 3-5 xln
110
100
1000 x In
0,1ms
1ms
10ms
0,1s
1s
10s
100s
1000s
1hr
Multiple of Rated Current In
Reference Temperature +23°
Version G / Magnetic 6-10 xln
110
100
1000 x In
0,1ms
1ms
10ms
0,1s
1s
10s
100s
1000s
1hr
Multiple of Rated Current In
Reference Temperature +23°
Version H / Magnetic 12-20 xln
110
100
1000 x In
0,1ms
1ms
10ms
0,1s
1s
10s
100s
1000s
1hr
Multiple of Rated Current In
Reference Temperature +23°
Config. Code
AS168X-CB
|1|DG|200|N|
The characters are placeholders for the correspondingly keys of selections from the key tables.
AS168X-CB
|1|DG|200|N| = Number of Poles
Number of Poles
Configuration
key
3-pole
3


Similar Part No. - 4420.0388

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
4420.0380 SCHURTER-4420.0380 Datasheet
523Kb / 8P
   Manual Motor Controller / Circuit Breaker for Equipment thermal-magnetic, 2 poles
4420.0386 SCHURTER-4420.0386 Datasheet
453Kb / 6P
   Circuit Breaker for Equipment thermal-magnetic, 2 poles
4420.0389 SCHURTER-4420.0389 Datasheet
503Kb / 7P
   Manual Motor Controller / Circuit Breaker for Equipment thermal-magnetic, 4 poles
More results

Similar Description - 4420.0388

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
AS168XAC2 SCHURTER-AS168XAC2 Datasheet
523Kb / 8P
   Manual Motor Controller / Circuit Breaker for Equipment thermal-magnetic, 2 poles
AS168XAC4 SCHURTER-AS168XAC4_V01 Datasheet
537Kb / 8P
   Manual Motor Controller / Circuit Breaker for Equipment thermal-magnetic, 4 poles
AS168XAC2 SCHURTER-AS168XAC2_V01 Datasheet
558Kb / 9P
   Manual Motor Controller / Circuit Breaker for Equipment thermal-magnetic, 2 poles
AS168XAC4 SCHURTER-AS168XAC4 Datasheet
503Kb / 7P
   Manual Motor Controller / Circuit Breaker for Equipment thermal-magnetic, 4 poles
4420.0163 SCHURTER-4420.0163 Datasheet
397Kb / 5P
   Manual Motor Controller / Circuit Breaker for Equipment thermal-magnetic
19.02.2018
AS168XAC1 SCHURTER-AS168XAC1 Datasheet
511Kb / 8P
   Manual Motor Controller / Circuit Breaker for Equipment thermal-magnetic, 1 pole
AS168XDC3 SCHURTER-AS168XDC3 Datasheet
455Kb / 6P
   Circuit Breaker for Equipment thermal-magnetic, 3 poles
AS168XDC2 SCHURTER-AS168XDC2 Datasheet
453Kb / 6P
   Circuit Breaker for Equipment thermal-magnetic, 2 poles
4435.0229 SCHURTER-4435.0229 Datasheet
568Kb / 6P
   Circuit Breaker for Equipment thermal, Rocker actuation, 3 poles
TA35ROCKER3POLE SCHURTER-TA35ROCKER3POLE Datasheet
475Kb / 5P
   Circuit Breaker for Equipment thermal, Rocker actuation, 3 poles
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com