Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4241GM Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLE4241GM
Description  Adjustable Current LITIX??Linear
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4241GM Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLE4241GM Datasheet HTML 5Page - Infineon Technologies AG TLE4241GM Datasheet HTML 6Page - Infineon Technologies AG TLE4241GM Datasheet HTML 7Page - Infineon Technologies AG TLE4241GM Datasheet HTML 8Page - Infineon Technologies AG TLE4241GM Datasheet HTML 9Page - Infineon Technologies AG TLE4241GM Datasheet HTML 10Page - Infineon Technologies AG TLE4241GM Datasheet HTML 11Page - Infineon Technologies AG TLE4241GM Datasheet HTML 12Page - Infineon Technologies AG TLE4241GM Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
TLE4241GM
Data Sheet
9
Rev. 1.4, 2015-10-05
Turn off delay time
t
PWM,OFF
010
30
μs
20%/80%
I
Q, see
Figure 4
SET Input
SET high level
V
SET,H
2.0
––V
SET low level
V
SET,L
––0.5
V
SET input current
high level
I
SET,H
220
500
μA
V
SET = 5.0 V
SET input current
low level
I
SET,L
-10
10
μA
V
SET = 0.0 V
Delay time L -> H
t
SET,H
––30
μs
20%/80%
I
Q, see
Figure 4
Delay time H -> L
t
SET,L
––30
μs
20%/80%
I
Q, see
Figure 4
Status Output
Lower status switching
threshold
V
dr,L
0.15
––V
(
V
I - VQ) decreasing
SET = L
0.15
––V
(
V
I - VQ) decreasing
SET = H
Upper status switching
threshold
V
dr,H
––0.7
V
(
V
I - VQ) increasing
SET = L
––0.7
V
(
V
I - VQ) increasing
SET = H
Status low voltage
V
STL
––0.4
V
(
V
I - VQ) < Vdr,L
I
ST = 1.0 mA
Leakage current
I
STLK
––10
μA(V
I - VQ) > Vdr,H
V
ST = 5.0 V
Table 4
Electrical Characteristics (cont’d)
9V
V
I ≤ 16 V; RREF = 10 kΩ; VPWM VPWM,H; -40 °C < Tj < 150 °C; all voltages with
respect to ground; positive current defined flowing into pin; unless otherwise specified
Parameter
Symbol
Limit Values
Unit Test Condition
Min.
Typ.
Max.


Similar Part No. - TLE4241GM

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4241GM INFINEON-TLE4241GM Datasheet
217Kb / 15P
   LED Driver with Adjustable Current
Rev. 1.2, 2004-04-13
TLE4241GM INFINEON-TLE4241GM Datasheet
261Kb / 15P
   LED Driver with Adjustable Current
Rev. 1.3, 2007-03-19
TLE4241GM INFINEON-TLE4241GM_07 Datasheet
261Kb / 15P
   LED Driver with Adjustable Current
Rev. 1.3, 2007-03-19
More results

Similar Description - TLE4241GM

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLD2131-3EP INFINEON-TLD2131-3EP Datasheet
1Mb / 41P
   LITIX??Basic
Rev. 1.10 2019-09-26
logo
Diodes Incorporated
AL5802LPL DIODES-AL5802LPL Datasheet
1Mb / 11P
   LED DRIVER, 30V, LINEAR, ADJUSTABLE, CURRENT SINK
AL5811 DIODES-AL5811_16 Datasheet
432Kb / 14P
   60V, LINEAR 75mA ADJUSTABLE CURRENT LED DRIVER
AL5802 DIODES-AL5802_14 Datasheet
1Mb / 11P
   30V, ADJUSTABLE CURRENT SINK LINEAR LED DRIVER
AL5802LP DIODES-AL5802LP_7 Datasheet
1Mb / 10P
   LED DRIVER, 30V, LINEAR, ADJUSTABLE, CURRENT SINK
AL5802-7 DIODES-AL5802-7 Datasheet
954Kb / 11P
   30V, ADJUSTABLE CURRENT SINK LINEAR LED DRIVER
AL5802LP DIODES-AL5802LP Datasheet
1Mb / 10P
   LED DRIVER, 30V, LINEAR, ADJUSTABLE, CURRENT SINK
AL5802LP4 DIODES-AL5802LP4 Datasheet
1Mb / 10P
   30V, ADJUSTABLE CURRENT SINK LINEAR LED DRIVER
logo
AiT Semiconductor Inc.
A317B AITSEMI-A317B Datasheet
500Kb / 9P
   BIPOLAR LINEAR REGULATOR HIGH CURRENT ADJUSTABLE VOLTAGE
REV1.2
logo
Diodes Incorporated
AL5802 DIODES-AL5802 Datasheet
1Mb / 11P
   30V, ADJUSTABLE CURRENT SINK LINEAR LED DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com